Part Number Hot Search : 
1837213 3GU41 ECCM5 STM8L151 BT137B ISL68 SL1613 C2260
Product Description
Full Text Search
 

To Download STW13NK80Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STW13NK80Z
N-CHANNEL 800V - 0.53 - 12A TO-247 Zener-Protected SuperMESHTMPower MOSFET
TYPE STW13NK80Z
s s s s s s
VDSS 800 V
RDS(on) < 0.65
ID 12 A
Pw 230 W
TYPICAL RDS(on) = 0.53 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
3 2 1
TO-247
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES
ORDERING INFORMATION
SALES TYPE STW13NK80Z MARKING W13NK80Z PACKAGE TO-247 PACKAGING TUBE
July 2003
1/9
STW13NK80Z
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) dv/dt (1) Tj Tstg Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD(HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Operating Junction Temperature Storage Temperature Value 800 800 30 12 7.6 48 230 1.85 6000 4.5 -55 to 150 Unit V V V A A A W W/C V V/ns C
( ) Pulse width limited by safe operating area (1) I SD 12A, di/dt 200A/s, VDD V (BR)DSS, Tj T JMAX. (*) Limited only by maximum temperature allowed
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 0.54 50 300 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 12 450 Unit A mJ
GATE-SOURCE ZENER DIODE
Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/9
STW13NK80Z
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100 A VGS = 10V, ID = 6 A 3 3.75 0.53 Min. 800 1 50 10 4.5 0.65 Typ. Max. Unit V A A A V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Coss eq. (3) td(on) tr td(off) tf Qg Qgs Qgd Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 15 V, ID = 6 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 11 3480 312 67 150 33 22 95 55 115 31 51 155 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC
VGS = 0V, VDS = 0V to 720 V VDD = 400 V, ID = 6 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 640 V, ID = 12 A, VGS = 10V
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 12 A, VGS = 0 ISD = 12 A, di/dt = 100A/s VDD = 100 V, Tj = 25C (see test circuit, Figure 5) ISD = 12 A, di/dt = 100A/s VDD = 100 V, Tj = 150C (see test circuit, Figure 5) 632 7.2 23 805 10 25 Test Conditions Min. Typ. Max. 12 48 1.6 Unit A A V ns C A ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
3/9
STW13NK80Z
Safe Operating Area Thermal Impedance
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/9
STW13NK80Z
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized BVDSS vs Temperature
5/9
STW13NK80Z
Maximum Avalanche Energy vs Temperature
6/9
STW13NK80Z
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/9
STW13NK80Z
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
8/9
STW13NK80Z
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STW13NK80Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X