Part Number Hot Search : 
IN74180 SMD32PT 8HRTZ LP110 CQL32E1 JYC0128 LVTH16 A150P
Product Description
Full Text Search
 

To Download STPS10L25G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS10L25D/G
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS VERY LOW FORWARD VOLTAGE DROP FOR LESS POWER DISSIPATION OPTIMIZED CONDUCTION / REVERSE LOSSES TRADE-OFF WHICH MEANS THE HIGHEST EFFICIENCY IN THE APPLICATIONS
K
10 A 25 V 150 C 0.35 V
A K
A
NC
TO-220AC STPS10L25D
D2PAK STPS10L25G
DESCRIPTION Single Schottky rectifier suited to Switched Mode Power Supplies and high frequency DC to DC converters. This device is especially intended for use as a rectifier at the secondary of 3.3V SMPS units. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM IRSM Tstg Tj dV/dt *: Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage Tc = 140C = 0.5 tp = 10 ms Sinusoidal tp=2 s square F=1kHz tp = 100 s square Value 25 30 10 200 1 3 - 65 to + 150 150 10000 Unit V A A A A A C C V/s
dPtot 1 < thermal runaway condition for a diode on its own heatsink Rth(j-a) dTj
1/5
June 1999 - Ed : 3B
STPS10L25D/G
THERMAL RESISTANCE Symbol Rth (j-c) Junction to case Parameter Value 1.5 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * Tests Conditions Reverse leakage current Tests Conditions Tj = 25C Tj = 125C VF * Forward voltage drop Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Min.
Typ.
Max. 800
Unit A mA V
VR = VRRM 135 IF = 10 A IF = 10 A IF = 20 A IF = 20 A 0.41 0.30
260 0.46 0.35 0.55 0.48
To evaluate the maximum conduction losses use the following equation : P = 0.22 x IF(AV) + 0.013 IF2(RMS)
Fig.1 : Average forward power dissipation versus average forward current.
PF(av)(W) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
= 0.1 = 0.05 = 0.2
Fig.2 : Average forward current versus ambient temperature ( = 0.5).
IF(av)(A) 12
= 0.5
Rth(j-a)=Rth(j-c)
10 8
=1
6 4
T
Rth(j-a)=50C/W
T
2
IF(av) (A) 0 1 2 3 4 5 6 7 8
=tp/T
tp
=tp/T
tp
Tamb(C) 50 75 100 125 150
0
9
10
11
0
25
2/5
STPS10L25D/G
Fig.3 : Non repetitive surge peak forward current versus overload duration (maximum values).
IM(A) 200 180 160 140 120 100 80 60 IM 40 20 0 1E-3
Fig.4 : Relative variation of thermal impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c) 1.0 0.8
Tc=25C Tc=75C
0.6 0.4
= 0.5
Tc=100C
t
= 0.2
T
0.2
t(s) 1E-2 1E-1 1E+0
= 0.1
=0.5
Single pulse
tp(s) 1E-2
=tp/T
tp
0.0 1E-4
1E-3
1E-1
1E+0
Fig.5 : Reverse leakage current versus reverse voltage applied (typical values).
IR(mA) 5E+2 1E+2
Tj=125C Tj=150C
Fig.6 : Junction capacitance versus reverse voltage applied (typical values).
C(nF) 5.0
F=1MHz Tj=25C
1E+1
1.0
1E+0 1E-1 1E-2
Tj=25C
VR(V) 0 5 10 15 20 25
0.1
VR(V) 1 2 5 10 20 30
Fig.7 : Forward voltage drop versus forward current (maximum values).
Fig.8 : Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board FR4, copper thickness : 35 m). (STPS10L25G only)
Rth(j-a) (C/W) 80 70
100.0
IFM(A)
10.0
Typical values Tj=150C Tj=125C
60 50 40 30 20 10 0 0 4 8 12
1.0
Tj=25C
VFM(V) 0.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
S(Cu) (cm) 16 20 24 28 32 36 40
3/5
STPS10L25D/G
PACKAGE MECHANICAL DATA D2PAK DIMENSIONS REF.
A E L2 C2
Millimeters Min. Max. 4.40 4.60 2.49 2.69 0.03 0.23 0.70 0.93 1.14 1.70 0.45 0.60 1.23 1.36 8.95 9.35 10.00 10.40 4.88 5.28 15.00 15.85 1.27 1.40 1.40 1.75 2.40 3.20 0.40 typ. 0 8
Inches Min. Max. 0.173 0.181 0.098 0.106 0.001 0.009 0.027 0.037 0.045 0.067 0.017 0.024 0.048 0.054 0.352 0.368 0.393 0.409 0.192 0.208 0.590 0.624 0.050 0.055 0.055 0.069 0.094 0.126 0.016 typ. 0 8
D L L3 A1 B2 B G A2 C R
M
*
V2
A A1 A2 B B2 C C2 D E G L L2 L3 M R V2
* FLAT ZONE NO LESS THAN 2mm
FOOT PRINT DIMENSIONS (in millimeters) Cooling method: by conduction (method C)
16.90
10.30 1.30
5.08
3.70 8.90
4/5
STPS10L25D/G
PACKAGE MECHANICAL DATA TO-220AC DIMENSIONS REF.
H2 C L5 OI L6 L2 D L7 A
Millimeters Min. Max. 4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 4.95 5.15 10.00 10.40 16.40 typ. 13.00 14.00 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.194 0.202 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
L9 F1 L4
F G
M E
A C D E F F1 G H2 L2 L4 L5 L6 L7 L9 M Diam. I
Cooling method : C Recommended torque value : 0.55 m.N Maximum torque value : 0.70 m.N Ordering type STPS10L25D STPS10L25G STPS10L25G-TR Epoxy meets UL94,V0 Marking STPS10L25D STPS10L25G STPS10L25G Package TO-220AC D2PAK D PAK
2
Weight 1.86g 1.48g 1.48g
Base qty 50 50 1000
Delivery mode Tube Tube Tape & reel
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS10L25G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X