Part Number Hot Search : 
LXD974A DDC1043 TL062AI 7809A AS2533BP GT25G102 MMBT2 A180Z
Product Description
Full Text Search
 

To Download ST202EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST202E ST232E
15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
s
s s
s
ESD PROTECTION FOR RS-232 I/O PINS: 15KV HUMAN BODY MODEL GUARANTEED 230kbps DATE RATE GUARANTEED SLEW RATE RANGE 3 to 30V/s OPERATE FROM A SINGLE 5V POWER SUPPLY
DIP SOP
DESCRIPTION The ST202E/ST232E are a 2 driver 2 receiver devices designed for RS-232 and V.28 communications in harsh environments. Each transmitter output and receiver input is protected against 15KV electrostatic discharge (ESD) shocks. The drivers meet all EIA/TIA-232E and CCITT V.28 specifications at data rates up to 230Kbps, when loaded in accordance with the EIA/TIA-232E specification. The ST202E/232E use a single 5V supply voltage. The ST232E operates with four 1F capacitors, while the ST202E operates with four 0.1F capacitors, further reducing cost and board space. ORDERING CODES
Type ST202ECN ST202EBN ST202EAN ST202ECD ST202EBD ST202EAD ST202ECDR ST202EBDR ST202EADR ST202ECW ST202EBW ST202EAW ST202ECWR ST202EBWR ST202EAWR ST202ECTR ST202EBTR ST202EATR ST232ECN ST232EBN ST232EAN ST232ECD ST232EBD ST232EAD ST232ECDR ST232EBDR ST232EADR ST232ECW ST232EBW ST232EAW ST232ECWR ST232EBWR ST232EAWR ST232ECTR ST232EBTR ST232EATR Temperature Range 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C 0 to 70 C -40 to 85 C -40 to 125 C Package
SOP Large
TSSOP
Comments 25 parts per tube / 40 tube per box 25 parts per tube / 40 tube per box 25 parts per tube / 40 tube per box 50 parts per tube / 20 tube per box 50 parts per tube / 20 tube per box 50 parts per tube / 20 tube per box 2500 parts per reel 2500 parts per reel 2500 parts per reel 49 parts per tube / 25 tube per box 49 parts per tube / 25 tube per box 49 parts per tube / 25 tube per box 1000 parts per reel 1000 parts per reel 1000 parts per reel 2500 parts per reel 2500 parts per reel 2500 parts per reel
DIP-16 DIP-16 DIP-16 SO-16 (Tube) SO-16 (Tube) SO-16 (Tube) SO-16 (Tape & Reel) SO-16 (Tape & Reel) SO-16 (Tape & Reel) SO-16 Large (Tube) SO-16 Large (Tube) SO-16 Large (Tube) SO-16 Large (Tape & Reel) SO-16 Large (Tape & Reel) SO-16 Large (Tape & Reel) TSSOP16 (Tape & Reel) TSSOP16 (Tape & Reel) TSSOP16 (Tape & Reel)
May 2003
1/14
ST202E/ST232E
PIN CONFIGURATION
PIN DESCRIPTION
PlN N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SYMBOL C1+ V+ C1C2 + C2VT2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN T1OUT GND VCC NAME AND FUNCTION Positive Terminal for the first Charge Pump Capacitor Doubled Voltage Terminal Negative Terminal for the first Charge Pump Capacitor Positive Terminal for the second Charge Pump Capacitor Negative Terminal for the second Charge Pump Capacitor Inverted Voltage Terminal Second Transmitter Output Voltage Second Receiver Input Voltage Second Receiver Output Voltage Second Transmitter Input Voltage First Transmitter Input Voltage First Receiver Output Voltage First Receiver Input Voltage First Transmitter Output Voltage Ground Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol VCC V+ VT IN RIN TOUT ROUT TSCTOUT Tstg Supply Voltage Extra Positive Voltage Extra Negative Voltage Transmitter Input Voltage Range Receiver Input Voltage Range Transmitter Output Voltage Range Receiver Output Voltage Range Short Circuit Duration on TOUT Storage Temperature Range Parameter Value -0.3 to 6 (VCC - 0.3) to 14 -14 to 0.3 -0.3 to (V+ + 0.3) 30 (V- - 0.3) to (V+ + 0.3) -0.3 to (VCC + 0.3) infinite -65 to + 150 C Unit V V V V V V V
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
2/14
ST202E/ST232E
ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F for ST202E, C1 - C4 = 1F for ST232E, VCC = 5V 10%, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol Parameter No Load, Test Conditions TA = 25C Min. Typ. 5 Max. 10 Unit mA ISUPPLY VCC Power Supply Current
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F for ST202E, C1 - C4 = 1F for ST232E, VCC = 5V 10%, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VTOUT ITIL VTIL VTIH SRT Parameter Output Voltage Swing Input Leakage Current Input Logic Threshold Low Input Logic Threshold High Transition Slew Rate TA = 25C, VCC = 5V RL = 3 to 7K, CL = 50 to 1000pF (Note1) RL = 3 to 7K, CL = 50 to 1000pF one transmitter switching VCC = V+ = V- = 0V VOUT = 2V 3 6 0.8 2 30 Test Conditions All Transmitter outputs are loaded with 3K to GND Min. 5 Typ. 9 1 Max. Unit V A V V V/s
DR RTOUT ISC tDT
Data Rate Transmitter Output Resistance Transmitter Output Short Circuit Current Transmitter Propagation Delay
230 300
400
Kbits/s
10 RL = 3 to 7K, CL = 50 to 2500pF All transmitter loaded 2
60
mA A
Note 1: Measured from 3V to -3V or from -3V to 3V. Note2: One transmitter output is loaded with RL = 3K to 7K, CL = 50 to 1000pF
RECEIVER ELECTRICAL CHARACTERISTICS (C1 - C4 = 0.1F for ST202E, C1 - C4 = 1F for ST232E, VCC = 5V 10%, TA = -40 to 85C, unless otherwise specified. Typical values are referred to TA = 25C)
Symbol VRIN RRIN VRIL Parameter Receiver Input Voltage Operating Range RS-232 Input Resistance Test Conditions Min. -30 TA = 25C, VCC = 5 V TA = 25C, VCC = 5 V TA = 25C, VCC = 5 V VCC = 5V IOUT = 3.2mA IOUT = -1mA CL = 150pF 3.5 VCC-0.4 0.5 10 0.2 3 0.8 5 1.2 1.7 0.5 2.4 1 0.4 Typ. Max. 30 7 Unit V K V V V V V s
RS-232 Input Logic Threshold Low VRIH RS-232 Input Logic Threshold High VRIHYS RS-232 Input Hysteresis VROL TTL/CMOS Output Voltage Low VROH TTL/CMOS Output Voltage High tDR Receiver Propagation Delay
3/14
ST202E/ST232E
APPLICATION CIRCUITS (note 1, note 2)
Note 1: C1-4 capacitors can even be 1F ones. Note 2: C1-4 can be common or biased capacitors.
CAPACITANCE VALUE (F)
DEVICES ST202E ST232E C1 0.1 1 C2. 0.1 1 C3 0.1 1 C4 0.1 1 C5 0.1 1
4/14
ST202E/ST232E
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj = 25C) Figure 1 : Supply Current vs Temperature Figure 4 : Driver Propagation Delay
Figure 2 : Data Rate vs Temperature
Figure 5 : High Level Output Voltage Swing vs Temperature
Figure 3 : Receiver Propagation Delay
Figure 6 : Low Level Output Voltage Swing vs Temperature
5/14
ST202E/ST232E
Figure 7 : High Level Transmitter Output Short Circuit Current vs Temperature Figure 9 : High Level Receiver Output Short Circuit Current vs Temperature
Figure 8 : Low Level Transmitter Output Short Circuit Current vs Temperature
Figure 10 : Low Level Receiver Output Short Circuit Current vs Temperature
6/14
ST202E/ST232E
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
7/14
ST202E/ST232E
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.008 0.064 0.018 0.010
PO13H
8/14
ST202E/ST232E
SO-16L MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 8 0.5 1.27 0.75 (max.) 0.020 0.050 0.029 7.4 10.1 10.0 1.27 8.89 7.6 0.291 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.393 0.050 0.350 0.300 0.413 0.419 0.1 mm. MIN. TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.008 0.096 0.019 0.012
PO13I
9/14
ST202E/ST232E
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
10/14
ST202E/ST232E
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
11/14
ST202E/ST232E
Tape & Reel SO-16L MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 10.8 10.7 2.9 3.9 11.9 12.8 20.2 60 22.4 11.0 10.9 3.1 4.1 12.1 0.425 0.421 0.114 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.433 0.429 0.122 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
12/14
ST202E/ST232E
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
13/14
ST202E/ST232E
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of ST202EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X