Part Number Hot Search : 
2545ET 79100 LTC2757 2SK2360 23221 C082C BA7007 TB0991A
Product Description
Full Text Search
 

To Download SR540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR520
THRU
SR5100
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
20 to 100 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
5.0 Amperes
DO-27
.220(5.6) .197(5.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.10 grams
.375(9.5) .285(7.2)
.052(1.3) .048(1.2) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RJA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR520 SR530 SR540 SR550 SR560 SR580 SR5100 UNITS 20 14 20 30 21 30 40 28 40 50 35 50 5.0 150 0.55 5.0 50 380 10 -65 +125 -65 +150 -65 +150 0.70 0.85 60 42 60 80 56 80 100 70 100 V V V A A V mA mA pF C/W C C
Ta=100 C
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
32
RATING AND CHARACTERISTIC CURVES (SR520 THRU SR5100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
6.0 5.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
4.0
5 SR 5 SR
~S
~S R5 50
20
60
3.0 2.0 1.0 0
10 3.0 1.0
R5
40
50
SR 5
SR 5
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
SR 5
80
~S R
51
00
Tj=25 C Pulse Width 300us 1% Duty Cycle
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150
20 R ~S 54 0
R ~S 51 00
0.1
PEAK FORWARD SURGE CURRENT,(A)
120
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
90
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLTAGE,(V)
60
30
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
1400 1200 1000 800 600 400 200 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
Tj=75 C
1.0
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
33


▲Up To Search▲   

 
Price & Availability of SR540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X