Part Number Hot Search : 
SI2124 ERF6B1 SS805 BZX85C75 3PB2540 XRT72L50 311649 P1504
Product Description
Full Text Search
 

To Download SR2332-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SR2332-U
High Brightness Chip LED Lamp
Features
* * * * Colorless transparency lens type Compact type Radiation size 2.9mm(L)x1.6mm(W) surface mount type Ultra luminosity
Applications
* * * * LCD backlighting Keypad backlighting Symbol backlighting Front panel indicator lamp
Outline Dimensions
unit :
mm
PIN Connections 1.Cahtode 2.NC 3.Anode
KLR-3004-000
1
SR2332-U
Absolute maximum ratings
Characteristic
Power Dissipation Forward Current * Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature *2Soldering Temperature (Reflow soldering)
1
Symbol
PD IF IFP VR Topr Tstg Tsol
Ratings
60 25 50 4 -2080 -2585 240C for 3 seconds
Unit
mW mA mA V C C
*1.Duty ratio = 1/16, Pulse width = 0.1ms *2. Recommended soldering Temperature Profile 2-1) Preheating 100 to 150 within 2 minutes Soldering 240 within 5 seconds Gradual cooling (Avoid quenching)
Electrical Characteristics
Characteristic
Forward Voltage Luminous Intensity Peak Wavelength Spectrum Bandwidth Reverse Current
Symbol
VF IV
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V IF= 20mA
Min.
-
Typ.
1.8 67 660 20 60
Max.
2.3 10 -
Unit
V mcd nm nm uA deg
P
IR
*3Half Angle
1/2
*3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
KLR-3004-000
2
SR2332-U
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Current IF [mA]
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward
Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
Forward
Ambient Temperature Ta []
Relative Intensity [%]
Current IF [mA]
Wavelength [nm]
Fig. 5-1 Radiation Diagram
Relative Luminous Intensity Iv [%]
KLR-3004-000
3
SR2332-U
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KLR-3004-000
4


▲Up To Search▲   

 
Price & Availability of SR2332-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X