Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download SN74LS85D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS85 4-BIT MAGNITUDE COMPARATOR
The SN54/ 74LS85 is a 4-Bit Magnitude Camparator which compares two 4-bit words (A, B), each word having four Parallel Inputs (A0 - A3, B0 - B3); A3, B3 being the most significant inputs. Operation is not restricted to binary codes, the device will work with any monotonic code. Three Outputs are provided: "A greater than B" (OA > B), "A less than B" (OA < B), "A equal to B" (OA = B). Three Expander Inputs, IA > B, IA < B, IA = B, allow cascading without external gates. For proper compare operation, the Expander Inputs to the least significant position must be connected as follows: IA < B= IA > B = L, IA = B = H. For serial (ripple) expansion, the OA > B, OA < B and OA = B Outputs are connected respectively to the IA > B, IA < B, and IA = B Inputs of the next most significant comparator, as shown in Figure 1. Refer to Applications section of data sheet for high speed method of comparing large words. The Truth Table on the following page describes the operation of the SN54 / 74LS85 under all possible logic conditions. The upper 11 lines describe the normal operation under all conditions that will occur in a single device or in a series expansion scheme. The lower five lines describe the operation under abnormal conditions on the cascading inputs. These conditions occur when the parallel expansion technique is used.
4-BIT MAGNITUDE COMPARATOR
LOW POWER SCHOTTKY
J SUFFIX CERAMIC CASE 620-09
16 1
* Easily Expandable * Binary or BCD Comparison * OA > B, OA < B, and OA = B Outputs Available
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 A3 15 B2 14 A2 13 A1 12 B1 11 A0 10 B0 9
16 1
N SUFFIX PLASTIC CASE 648-08
16 1 NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXJ SN74LSXXN SN74LSXXD Ceramic Plastic SOIC
1 B3
2
3
IA8 4 5 6 7 IA>B OA>B OA=B OALOGIC SYMBOL
PIN NAMES LOADING (Note a) HIGH A0 - A3, B0 - B3 IA = B IA < B, IA > B OA > B OA < B OA = B Parallel Inputs A = B Expander Inputs A < B, A > B, Expander Inputs A Greater Than B Output (Note b) B Greater Than A Output (Note b) A Equal to B Output (Note b) 1.5 U.L. 1.5 U.L. 0.5 U.L. 10 U.L. 10 U.L. 10 U.L. LOW 0.75 U.L. 0.75 U.L. 0.25 U.L. 5 (2.5) U.L. 5 (2.5) U.L. 5 (2.5) U.L. 4 2 3 10 12 13 15 9 11 14 1 A0 A1 A2 A3 B0 B1 B2 B3 OA>B IA>B OANOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
FAST AND LS TTL DATA 5-84
SN54/74LS85
LOGIC DIAGRAM
A3 (15) B3 (1)
(5) OA>B A2 B2 (13)
(14) (2) AB A1 B1 (12) (11)
(6)
OA=B
(7) OAA0 B0
(10) (9)
TRUTH TABLE
COMPARING INPUTS A3,B3 A3>B3 A3B2 A2B1 A1B0 A0B X X X X X X X X H L X H L IAB H L H L H L H L H L L L H OUTPUTS OAH = HIGH Level L = LOW Level X = IMMATERIAL
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
FAST AND LS TTL DATA 5-85
SN54/74LS85
A n3 A n2 A n1 B n3 B n2 B n1 An A0 A1 A2 A3 B0 B1 B2 B3 A0 A1 A2 A3 B0 B1 B2 B3 OA > B IA > B IA < B SN54/74LS85 OA < B OA = B IA = B Bn
L L H
A0 A1 A2 A3 B0 B1 B2 B3 IA > B OA > B IA < B SN54/74LS85 OA < B OA = B IA = B
A>B AL = LOW LEVEL H = HIGH LEVEL
Figure 1. Comparing Two n-Bit Words
APPLICATIONS Figure 2 shows a high speed method of comparing two 24-bit words with only two levels of device delay. With the technique shown in Figure 1, six levels of device delay result when comparing two 24-bit words. The parallel technique can be expanded to any number of bits, see Table 1. Table 1
WORD LENGTH 1 - 4 Bits 5 - 24 Bits 25 - 120 Bits NUMBER OF PKGS. 1 2-6 8 - 31
INPUTS (LSB) A0 A1 A2 A3 B0 B1 B2 B3 A0 A1 A2 A3 B0 B1 B2 B3 IA > B OA > B #5 OA < B IA < B IA = B OA = B (MSB) A20 A21 A22 A23 B20 B21 B22 B23 A0 A1 A2 A3 B0 B1 B2 B3 IA > B OA > B IA < B #1 OA < B IA = B OA = B NC
NOTE: The SN54/74LS85 can be used as a 5-bit comparator only when the outputs are used to drive the A0-A3 and B0-B3 inputs of another SN54/74LS85 as shown in Figure 2 in positions #1, 2, 3, and 4.
L L H
A19 B19 L
INPUTS
A5 A6 A7 A8 B5 B6 B7 B8 A0 A1 A2 A3 B0 B1 B2 B3 OA > B IA > B #4 IA < B OA < B IA = B OA = B
A10 A11 A12 A13 B10 B11 B12 B13 A0 A1 A2 A3 B0 B1 B2 B3 OA > B IA > B #3 OA < B IA < B IA = B OA = B
A15 A16 A17 A18 B15 B16 B17 B18 A0 A1 A2 A3 B0 B1 B2 B3 OA > B IA > B #2 OA < B IA < B IA = B OA = B
A4 B4 L
A9 B9 NC L
A14 B14 NC L
NC
A0 A1 A2 A3 B0 B1 B2 B3 IA > B OA > B IA < B OA < B #6 IA = B OA = B
OUTPUTS
MSB = MOST SIGNIFICANT BIT LSB = LEAST SIGNIFICANT BIT L = LOW LEVEL H = HIGH LEVEL NC = NO CONNECTION
Figure 2. Comparison of Two 24-Bit Words
FAST AND LS TTL DATA 5-86
SN54/74LS85
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current A < B, A > B Other Inputs A < B, A > B Other Inputs IIL IOS ICC Input LOW Current A < B, A > B Other Inputs Output Short Circuit Current (Note 1) Power Supply Current - 20 0.35 0.5 V A 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
IIH
20 60 0.1 0.3 - 0.4 - 1.2 -100 20
VCC = MAX, VIN = 2.7 V
mA
VCC = MAX, VIN = 7.0 V
mA mA mA
VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits Symbol tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Parameter Any A or B to A < B, A > B Any A or B to A = B A < B or A = B to A > B A = B to A = B A > B or A = B to A < B Min Typ 24 20 27 23 14 11 13 13 14 11 Max 36 30 45 45 22 17 20 26 22 17 Unit ns ns ns ns ns VCC = 5.0 V CL = 15 pF Test Conditions
AC WAVEFORMS
VIN
1.3 V tPHL
1.3 V tPLH 1.3 V
VIN
1.3 V tPHL
1.3 V tPLH 1.3 V
VOUT
1.3 V
VOUT
1.3 V
Figure 3
Figure 4
FAST AND LS TTL DATA 5-87


▲Up To Search▲   

 
Price & Availability of SN74LS85D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X