Part Number Hot Search : 
P10N05 1SMB160A ABH103 IRL3715S ATS02 STTH1602 MB91F46 11OY01IR
Product Description
Full Text Search
 

To Download SD2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2C2907A
Chip Type 2C2907A Geometry 0600 Polarity PNP
Generic Packaged Parts: 2N2905, 2N2905A, 2N2907, 2N2907A
Chip type 2C2907A by Semicoa Semiconductors provides performance similar to these devices.
Part Numbers:
Product Summary: APPLICATIONS: Designed for general purpose switching and amplifier applications. Radiation graphs available
2N2905, 2N2905A, 2N2905AL, 2N2907, 2N2907A, 2N2907AUB, SD2907A, SD2907AF, SQ2907A, Features: SQ2907AF, 2N3486, 2N3486A, 2N6987, 2N6989
Mechanical Specifications
Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base Al - 18 kA min. Au - 6.5 kA nom. 4.0 mils x 4.0 mils 4.0 mils x 4.0 mils 8 mils nominal 20 mils x 20 mils Silox Passivated
Electrical Characteristics
TA = 25oC
Parameter
BVCEO BVCBO BVEBO ICBO
Test conditions
IC = 10 mA, IB = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 50 V, IE = 0
Min
60 60 5.0 ---
Max
------10
Unit
V dc V dc V dc nA
hFE IC = 150 mA dc, VCE = 10 V 100 300 --Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%.


▲Up To Search▲   

 
Price & Availability of SD2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X