Part Number Hot Search : 
TMP86CM ER801 82000 LSJPAD50 CO55C ICS85301 A79101 7550BN
Product Description
Full Text Search
 

To Download SD1898 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD1898
RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS
.1. .28 .EFFI .CLASS .COMMON .P
65 GHz VOLTS CIENCY 40% MIN. C OPERATION BASE OUT = 32 W MIN. WITH 9 dB GAIN
.400 SQ. 2LFL (M186) epoxy sealed ORDER CODE SD1898 BRANDING 1898
PIN CONNECTION
DESCRIPTION The SD1898 is a 28 V Class C silicon NPN transistor designed for INMARSAT and other 1.65 GHz SATCOM applications. A gold metallized emitterballasted die geometry is employed providing high gain and efficiency while ensuring long term reliability and ruggedness under severe operating conditions. SD1898 is packaged in a cost-effective epoxy sealed housing. ABSOLUTE MAXIMUM RATINGS (T case = 25 C)
Symbol Parameter Value Unit
1. Collector 2. Base
3. Emitter 4. Base
VCBO VCEO VEBO IC PDISS TJ T STG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
45 15 3.5 7.8 87.5 +200 - 65 to +150
V V V A W C C
THERMAL DATA RTH(j-c)
November 1992
Junction-Case Thermal Resistance
2.0
C/W
1/4
SD1898
ELECTRICAL SPECIFICATIONS (T case = 25 C) STATIC
Symbol Test Conditions Value Min. Typ. Max. Unit
BVCBO BVCEO BVEBO hFE DYNAMIC
Symbol
IC = 10mA IC = 10mA IE = 10mA VCE = 5V
IE = 0mA IB = 0mA IC = 0mA IC = 2A
45 12 3.5 15
-- -- -- --
-- -- -- 150
V V V --
Test Conditions
Value Min . Typ. Max.
Unit
POUT GP c
f = 1.65 GHz f = 1.65 GHz f = 1.65 GHz
PIN = 4.0 W PIN = 4.0 W PIN = 4.0 W
VCE = 28 V VCE = 28 V VCE = 28 V
32 9.0 40
-- -- --
-- -- --
W dB %
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
EFFICIENCY vs POWER INPUT
2/4
SD1898
IMPEDANCE DATA
TYPICAL INPUT IMPEDANCE ZIN FREQ. 1550 MHz TYPICAL COLLECTOR LOAD IMPEDANCE ZCL 1600 MHz 1650 MHz ZIN () 6.6 + j 15.0 8.3 + j 14.5 12.0 + j 12.0 ZCL () 5.6 - j 2.5 4.7 - j 1.9 4.1 - j 1.4
TEST CIRCUIT
C1, C2 : .4 - 2.5pF Johanson Capacitor C3 : 15,000pF EMI Filter C4 : 1000pF Chip Capacitor L1, L2 : 5 Turns Choke Diameter Wire .025" I.D. .125" Substrate: Er = 10.2, Height .050", 1 Oz. Copper All Dimensions in Inches.
3/4
SD1898
PACKAGE MECHANICAL DATA Ref.: Dwg. No.12-0186
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
4/4


▲Up To Search▲   

 
Price & Availability of SD1898

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X