Part Number Hot Search : 
E001099 C1100H EL2140CN UPC831 PE3240 51164 AD9734 34063
Product Description
Full Text Search
 

To Download QS5935 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QS5935 LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
INDUSTRIAL TEMPERATURE RANGE
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
FEATURES:
* * * * * * * * * 5V operation Five low noise CMOS level outputs <500ps output skew, Q0-Q4 Outputs 3-state and reset while OE/RST low PLL disable feature for low frequency testing Internal loop filter RC network Balanced drive outputs 36mA 80MHz maximum frequency Available in QSOP package
QS5935
DESCRIPTION
The QS5935 Clock Driver uses an internal phase locked loop (PLL) to lock low skew outputs to a reference clock input. Five outputs are available: Q0-Q4. Careful layout and design ensure <500ps skew between the Q0-Q4. The QS5935 includes an internal RC filter which provides excellent jitter characteristics and eliminates the need for external components. The PLL can also be disabled by the PLL_EN signal to allow low frequency or DC testing. The QS5935 is designed for use in cost sensitive high-performance computing systems, workstations, multi-board computers, networking hardware, and mainframe systems. Several can be used in parallel or scattered throughout a system for guaranteed low skew, system-wide clock distribution networks. In the QSOP package, the QS5935 clock driver represents the best value in small form factor, high-performance clock management products.
FUNCTIONAL BLOCK DIAGRAM
PLL_EN
/2 CLK_IN PLL FEED BAC K
0 1
Q0 Q1
Q2
Q3
Q4 O E/RST
INDUSTRIAL TEMPERATURE RANGE
1
c 2000 Integrated Device Technology, Inc.
JULY 2000
DSC-5816/1
QS5935 LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Symbol Rating AVDD, VDD Supply Voltage to Ground DC Input Voltage VIN TSTG Maximum Power Dissipation (TA = 85C) Storage Temperature Range
(1)
Unit V V W C
Max. -0.5 to +7 -0.5 to VDD+0.5 0.5 -65 to +150
GND OE/RST FEEDBACK AVDD VDD AGND CLK_IN VDD GND Q0
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
Q4 N/C GND Q3 VDD Q2 GND PLL_EN GND Q1
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (TA = 25 C, f = 1MHz, VIN = 0V) (1)
Pins CIN COUT Typ. 3 4 Max. 4 5 Unit pF pF
QSOP TOP VIEW
NOTE: 1. Capacitance is characterized but not tested.
PIN DESCRIPTION
Pin Name CLK_IN FEEDBACK Q0 -Q4 OE/RST PLL_EN VDD AVDD GND AGND I/O I I O I I -- -- -- -- Reference clock input External feedback provides flexibility for different output frequency relationships Clock outputs Output enable/asynchronous reset. Resets all output registers. When 0, all outputs are held in a tri-stated condition. When 1, outputs are enabled. When 1, PLL is enabled. When 0, PLL is disabled and the output for Q0 -Q4 will be CLK_IN/2 in frequency. This allows the CLK_IN input to be single-stepped for system debug. Power supply for output buffers Power supply for phase lock loop and other internal circuitries Ground supply for output buffers Ground supply for phase lock loop and other internal circuitries Description
2
QS5935 LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, AVDD/VDD = 5.0V 10%
Symbol VIH VIL VOH VOL VH IOZ IIN Parameter Input HIGH Voltage Input LOW Voltage Output HIGH Voltage Output LOW Voltage Input Hysteresis Output Leakage Current Input Leakage Current Conditions Guaranteed Logic HIGH Level Guaranteed Logic LOW Level IOH = -36mA IOH = -100A VDD = Min., IOL = 36mA VDD = Min., IOL = 100A -- VOUT = VDD or GND, VDD = Max., Outputs Disabled VIN = AVDD or GND, AVDD = Max. Min. 2 -- VDD - 0.75 VDD - 0.2 -- -- -- -- -- Typ. -- -- -- -- -- -- 100 -- -- Max. -- 0.8 -- -- 0.45 0.2 -- 5 5 Unit V V V V V V mV A A
POWER SUPPLY CHARACTERISTICS
Symbol IDDQ IDD IDDD Parameter Quiescent Power Supply Current Power Supply Current per Input HIGH Dynamic Power Supply Current (1) Test Conditions VDD = Max., OE/RST = LOW, CLK_IN = LOW, All outputs unloaded VDD = Max., VIN = 3.4V VDD = Max., CL = 0pF Typ. -- 0.7 -- Max. 1 1.5 0.4 Unit mA mA mA/MHz
NOTE: 1. This value is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol tSKR tSKF tPW tJ tPD tLOCK tPZH tPZL tPHZ tPLZ tR, tF tR, tF FI tPWC DH Parameter (1) Output Skew Between Rising Edges, Q0-Q4 (2,3) Output Skew Between Falling Edges, Q0-Q4 (2,3) Pulse Width, Q0-Q4 Cycle-to-Cycle Jitter (2,5) CLK_IN to Feedback Delay (2,6) CLK_IN to Phase Lock Output Enable Time, OE/RST LOW to HIGH (4) Output Disable Time, OE/RST HIGH to LOW (2,4) Output Rise/Fall Times, 0.2VDD 0.8VDD (2) Maximum Rise/Fall Times, 0.8V to 2V Input Clock Frequency Input Clock Pulse, HIGH or LOW Duty Cycle, CLK_IN (7)
(7)
Min. -- -- TCYC/2 - 0.4 - 0.15 - 500 -- 0 0 -- -- 10 2 25
Typ. -- -- -- -- -- -- -- -- -- -- -- -- --
Max. 500 500 TCYC/2 + 0.4 +0.15 +500 10 14 14 2.5 3 80 -- 75
Unit ps ps ns ns ps ms ns ns ns ns MHz ns %
NOTES: 1. See Test Loads and Waveforms for test load and termination. 2. This parameter is guaranteed by characterization but not tested. 3. Skew specifications apply under identical environments (loading, temperature, VDD, device speed grade). 4. Measured in open loop mode PLL_EN = 0. 5. Jitter is characterized using an oscilloscope, Q output at 20MHz. Measurement is taken one cycle after jitter. 6. tPD measured at device inputs at 1.5V, Q output at 80MHz. 7. Input timing requirements are guaranteed by design but not tested. Where pulse width implied by DH is less than tPWC limit, tPWC limit applies.
3
QS5935 LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
INDUSTRIAL TEMPERATURE RANGE
AC TEST LOADS AND WAVEFORMS
VDD
300 7.0V O UTPU T 100
OUTPUT 300 100
30pF
TEST CIRCUIT 1
TEST CIRCUIT 2
1.0ns
1.0ns VDD 0.8VDD 0.5VDD 0.2VDD 0V tPW
tR
tF
3.0V 2.0V Vth = 1.5V 0.8V 0V
TTL INPUT TEST WAVEFORM
EN ABLE DISABLE
CMOS OUTPUT WAVEFORM
3V 1.5V CONTROL INPU T tPZL OU TPUT N OR MALLY LO W SW ITCH C LO SED 0.5VDD 0.3V tPZH SW ITCH O UTPUT NO R M ALLY HIGH O PEN 0.5VDD tPHZ 0.3V VO H VO L tPLZ 3.5V 0V
0V
ENABLE AND DISABLE TIMES
TEST CIRCUIT 1 is used for output enable/disable parameters. TEST CIRCUIT 2 is used for all other timing parameters.
4
QS5935 LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
INDUSTRIAL TEMPERATURE RANGE
AC TIMING DIAGRAM
CLK_IN
tPD FEEDBACK
tJ Q tSKF Q0-Q4
NOTES: 1. AC Timing Diagram applies to Q output connected to FEEDBACK . 2. All parameters are measured at 0.5VDD except for tPD, which is measured at 1.5V
5
QS5935 LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
QS XXXX Device Type X Package X Process
Blank
Industrial (-40C to +85C)
Q
Quarter Size Outline Package
5935
Low Skew CMOS PLL Clock Driver with Integrated Loop Filter
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of QS5935

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X