Part Number Hot Search : 
MSK604 PCA9550D 2SA720 74279 FAN8200D DLG3416 Q2006RH4 2SB14
Product Description
Full Text Search
 

To Download PS9617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOCOUPLER
PS9617,PS9617L
HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER -NEPOC Series-
DESCRIPTION
The PS9617 and PS9617L are optically coupled isolators containing a GaAlAs LED on the input side and a photo diode and a signal processing circuit on the output side on one chip. The PS9617 is in a plastic DIP (Dual In-line Package) and the PS9617L is lead bending type (Gull-wing) for surface mounting.
FEATURES
* High common mode transient immunity (CMH, CML = 20 kV/s TYP.) * High isolation voltage (BV = 5 000 Vr.m.s.) * High-speed response (10 Mbps) * Pulse width distortion (tPHL - tPLH = 3 ns TYP.) * Open collector output * Ordering number of tape product: PS9617L-E3, E4: 1 000 pcs/reel * Safety standards * UL approved: File No. E72422 * DIN EN60747-5-2 (VDE0884 Part2) approved No.40008906 (Option)
1 8
PIN CONNECTION
(Top View)
7 6 5
2
3
4
1. NC 2. Anode 3. Cathode 4. NC 5. GND 6. VO 7. NC 8. VCC
APPLICATIONS
* FA Network * Measurement equipment * PDP
Document No. PN10568EJ01V0DS (1st edition) Date Published May 2005 CP(K)
PS9617,PS9617L
PACKAGE DIMENSIONS (UNIT: mm) DIP Type
PS9617
9.250.25
7.62 6.50.5
2.8 MIN. 4.150.3
0.65
3.50.3
0.880.1 0.25 M
2.54
0.50.1
0 to 15
0.840.43
1.250.15
Lead Bending Type
PS9617L
9.250.25
6.50.5
3.50.3
0.25 +0.1 -0.05 0.1 +0.1 -0.05
0.880.1 1.250.15 0.25 M 2.54
0.90.25 9.600.4
2
Data Sheet PN10568EJ01V0DS
PS9617,PS9617L
FUNCTIONAL DIAGRAM
8 2 6
3 5
Shield
LED ON OFF
Output L H
MARKING EXAMPLE
JAPAN
PS9617 NL503
N
Type Number Assembly Lot
No. 1 pin Mark Initial of NEC (Engraved mark)
N L 5 03
Week Assembled Year Assembled (Last 1 Digit)
In-house Code (L: Pb-Free)
Rank Code
Data Sheet PN10568EJ01V0DS
3
PS9617,PS9617L
ORDERING INFORMATION
Part Number Order Number Solder Plating Specification PS9617 PS9617L PS9617L-E3 PS9617L-E4 PS9617-V PS9617L-V PS9617L-V-E3 PS9617L-V-E4 PS9617-A PS9617L-A PS9617L-E3-A PS9617L-E4-A PS9617-V-A PS9617L-V-A PS9617L-V-E3-A PS9617L-V-E4-A Embossed Tape 1 000 pcs/reel Magazine case 50 pcs DIN EN60747-5-2 (VDE0884 Part2) Approved (Option) PS9617 PS9617L Embossed Tape 1 000 pcs/reel Pb-Free Magazine case 50 pcs Packing Style Safety Standard Approval Standard products (UL approved) Application Part Number PS9617 PS9617L
*1
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise specified)
Parameter Diode Forward Current
*1
Symbol IF VR VCC VO IO
*2
Ratings 30 5 7 7 25 40 5 000 -40 to +85 -55 to +125
Unit mA V V V mA mW Vr.m.s. C C
Reverse Voltage
Detector
Supply Voltage Output Voltage Output Current Power Dissipation
PC BV TA Tstg
Isolation Voltage
*3
Operating Ambient Temperature Storage Temperature
*1 Reduced to 0.3 mA/C at TA = 25C or more. *2 Applies to output pin VO (Collector pin). Reduced to 1.5 mW/C at TA = 65C or more. *3 AC voltage for 1 minute at TA = 25C, RH = 60% between input and output. Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter High Level Input Current Low Level Input Voltage Supply Voltage TTL (RL = 1 k, loads) Pull-up Resistance Symbol IFH VFL VCC N RL 330 MIN. 6.3 0 4.5 5.0 TYP. 10 MAX. 12.5 0.8 5.5 5 4k Unit mA V V
4
Data Sheet PN10568EJ01V0DS
PS9617,PS9617L
ELECTRICAL CHARACTERISTICS (TA = -40 to +85C, unless otherwise specified)
Parameter Diode Forward Voltage Reverse Current Terminal Capacitance Detector High Level Output Current Low Level Output Voltage
*2
Symbol VF IR Ct IOH VOL ICCH ICCL IFHL
Conditions IF = 10 mA, TA = 25C VR = 3 V, TA = 25C VF = 0 V, f = 1 MHz, TA = 25C VCC = VO = 5.5 V, VF = 0.8 V VCC = 5.5 V, IF = 5 mA, IOL = 13 mA VCC = 5.5 V, IF = 0 mA, VO = open VCC = 5.5 V, IF = 10 mA, VO = open VCC = 5 V, VO = 0.8 V, RL = 350
MIN. 1.4
TYP.
*1
MAX. 1.8 10
Unit V
1.65
A
pF
30 1 0.2 5 9 2.5 100 0.6 8 11 5
A
V mA mA mA
High Level Supply Current Low Level Supply Current Coupled Threshold Input Current (H L) Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%, TA = 25C
10
11
Isolation Capacitance Propagation Delay Time (H L)
*3
CI-O tPHL
V = 0 V, f = 1 MHz, TA = 25C VCC = 5 V, TA = 25C
0.9 40 75 100 43 75 100
pF ns
RL = 350 , IF = 7.5 mA, CL = 15 pF tPLH TA = 25 C
Propagation Delay Time (L H)
*3
ns
Rise Time Fall Time Pulse Width Distortion (PWD)
*3
tr tf tPHL-tPLH
20 10 3 35
ns ns ns
Propagation Delay Skew Common Mode Transient Immunity at High Level Output
*4
tPSK CMH VCC = 5 V, TA = 25C, IF = 0 mA, VO (MIN.) = 2 V, VCM = 1 kV, RL = 350 15 20
40
ns kV/s
Common Mode Transient Immunity at Low Level Output
*4
CML
VCC = 5 V, TA = 25C, IF = 7.5 mA, VO (MAX.) = 0.8 V, VCM = 1 kV, RL = 350
15
20
kV/s
*1 Typical values at TA = 25C *2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or less, it is important to confirm the characteristics (operation with the power supply on and off) during design, before using this device.
Data Sheet PN10568EJ01V0DS
5
PS9617,PS9617L
*3 Test circuit for propagation delay time
Pulse input (IF) (PW = 1 s, Duty cycle = 1/10) Input (monitor) 47 tPHL tPLH 0.1 F VCC = 5 V Input 50% RL = 350 VO (monitor) CL = 15 pF 0V 5V Output 1.5 V VOL VOH (IF = 7.5 mA)
Remark
CL includes probe and stray wiring capacitance.
*4 Test circuit for common mode transient immunity
VCC = 5 V SW IF 0.1 F RL = 350 VO (monitor) CL = 15 pF VCM VO (IF = 0 mA) VO (IF = 7.5 mA) VOH 2V 0.8 V VOL VCM 90% 10% tr tf 1 kV 0V
Remark
CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static electricity when handling. 2. By-pass capacitor of more than 0.1 F is used between VCC and GND near device. Also, ensure that the distance between the leads of the photocoupler and capacitor is no more than 10 mm. 3. Avoid storage at a high temperature and high humidity.
6
Data Sheet PN10568EJ01V0DS
PS9617,PS9617L
TYPICAL CHARACTERISTICS (TA = 25C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
40
Detector Power Dissipation PC (mW) Maximum Forward Current IF (mA)
DETECTOR POWER DISSIPATION vs. AMBIENT TEMPERATURE
50
40
30
30
20
20
10
10
0
20
40
60
80 85
100
0
20
40
60
80 85
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD CURRENT vs. FORWARD VOLTAGE
100
High Level Supply Current ICCH (mA) Low Level Supply Current ICCL (mA)
SUPPLY CURRENT vs. AMBIENT TEMPERATURE
12 10 8 6 4 2 0 -50 ICCH (IF = 0 mA)
Forward Current IF (mA)
ICCL (IF = 10 mA)
10 TA = +85C +50C +25C 0C -25C
1
0.1
0.01 1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-25
0
25
50
75
100
Forward Voltage VF (V)
Ambient Temperature TA (C)
OUTPUT VOLTAGE vs. FORWARD CURRENT
6 5
Output Voltage VO (V) Low Level Output Voltage VOL (V)
LOW LEVEL OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
0.6 IF = 5.0 mA, VCC = 5.5 V
VCC = 5.0 V RL = 350 4 1.0 k 3 4.0 k 2 1
0.5 0.4 0.3 0.2 0.1 0 -50
IOL = 16.0 mA 13.0 mA 10.0 mA 6.0 mA
0
1
2
3
4
5
6
-25
0
25
50
75
100
Forward Current IF (mA)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
Data Sheet PN10568EJ01V0DS
7
PS9617,PS9617L
THRESHOLD INPUT CURRENT vs. AMBIENT TEMPERATURE
Threshold Input Current IFHL (mA)
tPHL, tPLH, tPHL-tPLH vs. AMBIENT TEMPERATURE
Propagation Delay Time tPHL, tPLH (ns) Pulse Width Distortion tPHL-tPLH (ns)
5 VCC = 5.0 V, VO = 0.8 V 4 RL = 350 1.0 k 4.0 k
100
80
IF = 7.5 mA, VCC = 5.0 V RL = 350
3
60
tPLH
2
40 |tPHL-tPLH|
1
20
tPHL
0 -50
-25
0
25
50
75
100
0 -50
-25
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
SWITCHING TIME vs. AMBIENT TEMPERATURE
100
Propagation Delay Time tPHL, tPLH (ns)
PROPAGATION DELAY TIME vs. FORWARD CURRENT
80 tPLH: RL = 4.0 k 70 60 tPLH: RL = 1.0 k 50 40 30 20 10 5 tPHL: RL = 350 1.0 k 4.0 k 7.5 10 12.5 15 tPLH: RL = 350
Switching Time tr, tf (ns)
80
IF = 7.5 mA, VCC = 5.0 V RL = 350
60
40 tr tf 20
VCC = 5.0 V 17.5 20
0 -50
-25
0
25
50
75
100
Ambient Temperature TA (C)
Forward Current IF (mA)
Remark The graphs indicate nominal characteristics.
8
Data Sheet PN10568EJ01V0DS
PS9617,PS9617L
TAPING SPECIFICATIONS (UNIT: mm)
Outline and Dimensions (Tape)
2.00.1 4.00.1
1.750.1
1.5 +0.1 -0
4.5 MAX.
16.00.3
7.50.1
10.30.1
1.550.1
12.00.1
10.40.1 0.3
4.00.1
Tape Direction
PS9617L-E3 PS9617L-E4
Outline and Dimensions (Reel)
2.00.5
2.00.5 13.00.2
R 1.0
21.00.8
3302.0
1001.0
17.51.0 21.51.0
Packing: 1 000 pcs/reel
15.9 to 19.4 Outer edge of flange
Data Sheet PN10568EJ01V0DS
9
PS9617,PS9617L
NOTES ON HANDLING 1. Recommended soldering conditions
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 260C MAX. 220C to 60 s 180C 120C 12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One (Allowed to be dipped in solder including plastic mold portion.) Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Soldering by soldering iron * Peak temperature (lead part temperature) 350C or below * Time (each pins) * Flux 3 seconds or less Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead. (b) Please be sure that the temperature of the package would not be heated over 100C.
10
Data Sheet PN10568EJ01V0DS
PS9617,PS9617L
(4) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler's input and output or between collector-emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
USAGE CAUTIONS
1. Protect against static electricity when handling. 2. Avoid storage at a high temperature and high humidity.
Data Sheet PN10568EJ01V0DS
11
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of PS9617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X