Part Number Hot Search : 
C3030 NTE70 SPVQ4 NTE1407 P322H BD6225 B013B1 MSP43
Product Description
Full Text Search
 

To Download OP954 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin OP954 June 1996
PIN Silicon Photodiode
Type OP954
Features *Very wide receiving angle *Linear response vs. irradiance *Fast switching time *Side-looking package ideal for space
limited applications
Absolute Maximum Ratings (TA = 25o C unless otherwise noted)
Reverse Breakdown Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . -40o C to +100o C Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260o C(1) Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW(2)
Notes: (1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering. Max. 20 grams force may be applied to leads when soldering. (2) Derate linearly 1.67 mW/o C above 25o C. (3) Light source is an unfiltered GaAs LED with a peak emission wavelength of 935nm and a radiometric intensity level which varies less than 10% over the entire lens surface of the photodiode being tested. (4) To calculate typical dark current in A, use the formula ID = 10(0.042 TA-1.5) where TA is ambient temperature in o C.
Description
The OP954 device consists of a PIN silicon photodiode molded in a clear epoxy package which allows spectral response from visible to infrared light wavelengths. The very wide receiving angle provides relatively even reception over a large area. The side-looking package is designed for easy PC board mounting. These devices are 100% production tested using infrared light for close correlation with Optek' GaAs and s GaAlAs emitters.
Typical Performance Curves
Relative Respnse vs. Wavelenght Coupling Characteristics OP954 and OP245
VR = 5 V IF = 20 mA
- Wavelength - nm Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 3-60
Distance Between Lens Tips - inches (972) 323-2200 Fax (972) 323-2396
Type OP954
Electrical Characteristics (TA = 25o C unless otherwise noted) SYMBOL
IL ID V(BR) VF CT tr, tf
PARAMETER
Reverse Light Current Reverse Dark Current Reverse Breakdown Voltage Forward Voltage Total Capacitance Rise Time, Fall Time
MIN TYP MAX UNITS
3.5 1 60 1.2 4 5 8 60 A nA V V pF ns
TEST CONDITIONS
VR = 5 V, Ee = 1 mW/cm2(3) VR = 30 V, Ee = 0 IR = 100 A IF = 1 mA VR = 20 V, Ee = 0, f = 1.0 MHz VR = 20 V, = 850 nm, RL = 50
Typical Performance Curves
Normalized Light Current vs Reverse Voltage
Total Capacitance vs Reverse Voltage
Normalized Light and Dark Current vs Ambient Temperature VR = 5 V = 935 nm Normalized to TA = 25o C
TA = 25o C Ee = 0 mW/cm2 f = 1 MHz
o
Light Current
TA = 25 C = 935 nm Normalized to VR = 5 V
Dark Current
VR - Reverse Voltage - V
VR - Reverse Voltage - V
TA - Ambient Temperature - oC
Light Current vs. Irradiance
Switching Time Test Circuit
Light Current vs. Angular Displacement
VR = 5 V TA = 25o C = 935 nm Test Conditions: = 935 nm VR = 5 V Distance Lens to Lens = 1.5 inches
Ee - Irradiance - mW/cm2
- Angular Displacement - Deg.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972)323-2200 Fax (972)323-2396 3-61


▲Up To Search▲   

 
Price & Availability of OP954

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X