Part Number Hot Search : 
TLP1023 28F320 100V25 ANT15 01501 XC3030A BYQ28E TA114
Product Description
Full Text Search
 

To Download MBRB10SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.317 rev. D 07/01
MBR10.. Series MBRB10.. Series
SCHOTTKY RECTIFIER
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform IFRM @ TC = 135C VRRM IFSM @ tp = 5 s sine VF TJ @ 10 Apk, TJ = 125C range
10 Amp
Description/Features Units
A A V A V C This Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150C TJ operation TO-220 and D2Pak packages Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
10 20 35/45 1060 0.57 - 65 to 150
Case Styles MBR10.. Series MBRB10.. Series
Base Cathode
Base Cathode
2
1
3
1
3
Cathode
Anode
N/C
Anode
TO-220AC www.irf.com
D2PAK 1
MBR10.. Series, MBRB10.. Series
Bulletin PD-2.317 rev. D 07/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 35 45 VRWM Max. Working Peak Reverse Voltage (V) MBR1035 / MBRB1035 MBR1045 / MBRB1045
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFRM IFSM Peak Repetitive Forward Current Non Repetitive Peak Surge Current
Values
10 20 1060
Units
A A
Conditions
@ TC = 135 C, (Rated VR) Rated VR, square wave, 20kHz TC = 135 C 5s Sine or 3s Following any rated load condition and with rated V RRM applied Rect. pulse Surge applied at rated load conditions halfwave, single phase, 60Hz 2.0 sec 1.0 KHz
A 150 1.0 A
IRRM
Peak Repetitive Reverse Surge Current
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1) IRM Max. Instantaneus Reverse Current (1) VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Values
0.84 0.57 0.72 0.1 15 0.354 17.6 600 8.0 1000
Units
V V V mA mA V
m
Conditions
@ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C Rated DC voltage
pF nH V/ s
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values Units
-65 to 150 -65 to 175 2.0 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance Case to Heatsink wt T Approximate Weight Mounting Torque
C/W DC operation C/W Mounting surface, smooth and greased Only for TO-220 g (oz.) Kg-cm (Ibf-in)
2
www.irf.com
MBR10.. Series, MBRB10.. Series
Bulletin PD-2.317 rev. D 07/01
100
10 0 10 1 0.1 0 .01 0.0 01
T = 150 C
J J
Reverse C urrent - I R (m A)
T J = 15 0 C 125 C 100 C 75 C 50 C 25 C
Insta n ta neous F orw ard C urrent - I F (A)
0 .00 0 1 0 5 10 15 20 25 30 35 40 45 Reverse V olta ge - VR (V )
T = 125 C 10 T J = 25 C
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
10 0 0 Jun ction C a pa citan ce - C T (pF)
T J = 25 C
1 0 .2
1 00
0.4 0.6 0 .8 1 1.2 1 .4 1 .6 1.8
0
10
20
30
40
50
Forw ard V olta ge D rop - V FM (V )
Reverse V olta g e - VR (V )
Fig. 1 - Max. Forward Voltage Drop Characteristics
10 Th erm al Im ped an ce Z th JC ( C /W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
D D D D D
= = = = =
0.75 0.50 0.33 0.25 0.2 0
PD M
0 .1
Sing le Pu lse (Therm a l Resista nce)
t1 N otes: t2
1. D uty fa ctor D = t 1/ t 2 2. Pea k TJ = PD M x Z thJ C+ T C 0.0 1 0 .00 0 01 0 .0 00 1 0 .00 1 0 .01 0.1 1 10 10 0
t 1 , Rectang ular Pulse D ura tion (Seco nds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
www.irf.com
3
MBR10.. Series, MBRB10.. Series
Bulletin PD-2.317 rev. D 07/01
15 0 A llow a ble C a se Tem p era ture - ( C ) A ve rag e P ow er Loss - (W a tts) 14 5 DC 14 0 13 5 13 0 12 5
see note (2 )
10 D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75 RM S Lim it 4
8
6 DC
Squa re w ave (D = 0.50) Rated V R a pp lied
2
12 0 0 3 6 9 12 15 A vera ge Forw a rd C urren t - I F(A V ) (A)
0 0 2 4 6 8 10 12 14 16 Averag e Forw a rd C urrent - I F (AV ) (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
N on -Repe titive Surg e C urre nt - I FS M (A )
1000
A t A ny Ra ted Loa d C on d ition A nd W ith Ra ted V RRM A pp lied Follow in g Surge 100 10 100 1000 10000
Squa re W a ve Pulse D ura tion - t p (m icrosec)
Fig. 7 - Max. Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MBR10.. Series, MBRB10.. Series
Bulletin PD-2.317 rev. D 07/01
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 1 14.09 (0.55) 13.47 (0.53) 3 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1 3
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
Base Cathode
2.89 (0.11) 2.64 (0.10)
Cathode
1 4.57 (0.18) 4.32 (0.17) 5.08 (0.20) REF. 3 0.61 (0.02) MAX.
Anode
Conform to JEDEC outline TO-220AC Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
Base Cathode
2
1 3
4.57 (0.18) 8.89 (0.35)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
1
3
N/C
Anode
2.54 (0.10) 2X
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
www.irf.com
5
MBR10.. Series, MBRB10.. Series
Bulletin PD-2.317 rev. D 07/01
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
FEED DIR ECTION
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN .
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
MBR
1 1 2 3 4 -
B
2
10
3
45
4
Essential Part Number B = Surface Mount None = TO-220 Current Rating Voltage code: Code = VRRM 35 45 = 35V = 45V
6
www.irf.com
MBR10.. Series, MBRB10.. Series
Bulletin PD-2.317 rev. D 07/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/01
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of MBRB10SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X