Part Number Hot Search : 
KBPC3504 MC12015D 2SC20 STUP012 1820A BR1765 H053B 2SA765
Product Description
Full Text Search
 

To Download MB89PV940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 To Top / Lineup / Index
FUJITSU SEMICONDUCTOR DATA SHEET
DS07-12536-2E
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89940 Series
MB89943/P945/PV940
s OUTLINE
The MB89940 series is specially designed for automotive instrumentation applications. It features a combination of two PWM pulse generators and four high-drive-current outputs for controlling a stepping motor. It also contains two analog inputs, two PWM pulse generators and 10-digit LCD controller/driver for various sensor/indicator devices. The MB89940 series is manufactured with high performance CMOS technologies and packaged in a 48-pin QFP.
s FEATURES
* * * * * * * * * * * * 8-bit core CPU; 4 MHz system clock (8 MHz external, 500 ns instruction cycle) 21-bit watchdog timer Clock generator/controller 16-bit interval timer Two PWM pulse generators with four high-drive-current outputs Two-channel 8-bit A/D converter Three external interrupt Low supply voltage reset External voltage monitor interrupt Two more PWM pulse generators for controlling indicator devices 4-common 17-segment LCD driver/controller Package; 48-pin plastic QFP, 48-pin ceramic MQFP
(Continued)
s PACKAGE
48-pin Plastic QFP 48-pin Ceramic MQFP
(FPT-48P-M16)
(MQP-48C-P01)
To Top / Lineup / Index
MB89940 Series
(Continued) * 5.0 V single power supply (VPP required for MB89P945) * 0.8 m CMOS technology (MB89PV940 and MB89P945) * 0.5 m CMOS technology (MB89943) * On-chip voltage regulator for internal 3.0 V power supply (MB89943)
s PRODUCT LINEUP
Part number Item Classification ROM size RAM size CPU functions MB89943 Mass-produced products (mask ROM products) 8 K x 8 bits (internal mask ROM) 512 x 8 bits The number of instructions: 136 Instruction cycle: 0.5 s*1@8 MHz Interrupt response time: 4.0 s*1@8 MHz Multiply instruction time: 19 instruction cycles Divide instruction time: 21 instruction cycles Direct addressing memory-to/from-register data transfer: 7 instruction cycles Output: Input/Output: 5-bit N-ch open-drain Two 8-bit CMOS schmitt I/Os and 8-bit CMOS I/Os MB89P945 One-time PROM 16 K x 8 bits (internal PROM) MB89PV940 Piggyback 32 K x 8 bits (external on piggyback) 1 K x 8 bits
Ports Timebase timer 8-bit/16-bit timer Watchdog Reset Stepping motor controller 8-bit PWM timers External interrupt A/D converter
21 bits Interrupt interval: 1 ms, 4.1 ms, 32.8 ms or 524.3 ms Can be used as two 8-bit timers or one 16-bit timer Operation clock: 1 s, 16 s, 256 s or external *1 Reset interval: Approx. 524 ms to 1049 ms Two 8-bit PWM pulse generators Synchronized 4-channel high current output Operation clock: 250 ns, 500 ns, 1 s or 4 s*1 Two 8-bit PWM timers 3 channels, selective positive edge or negative edge trigger Conversion time: 8-bit resolution, two-channel input 44 instruction cycles for A/D conversion, 12 instruction cycles for sense mode operation 4-common and 17-segment outputs Number of outputs programmable Autonomous reset when low supply voltage Reset voltage: 3.3 V, 3.6 V, 4.0 V Interrupts when voltage at external pin is lower than the reference voltage Stop mode and sleep mode 3.5 V to 5.5 V
LCD controller Low supply voltage reset External voltage monitor interrupt Standby modes Operating voltage*2
(Continued)
2
To Top / Lineup / Index
MB89940 Series
(Continued)
Part number Item Process External EPROM MB89943 MB89P945 CMOS MBM27C256A-20TVM MB89PV940
*1: Execution times and clock cycle times are dependent on the use of MCU. *2: Varies with conditions such as the operating frequency. (See section "s Electrical Characteristics.") In the case of the MB89PV940, the voltage varies with the vestrictions of the EPROM for use.
s PACKAGE AND CORRESPONDING PRODUCTS
Package FPT-48P-M16 MQP-48C-P01 : Available x MB89943 MB89P945 MB89PV940 x
x : Not available
Note: For more information about each package, see section "s Package Dimensions."
3
To Top / Lineup / Index
MB89940 Series
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Prior to evaluating/developing the software for the MB89940 series, please check the differences between the product types. * RAM/ROM configurations are dependent on the product type. * If the bottom address of the stack is set to the upper limit of the RAM address, it should be relocated when changing the product type.
2. Power Dissipation
* For the piggyback product, add the power dissipation of the EEPROM on the piggyback. * The power dissipation differs between the product types.
3. Technology
The mask ROM product is fabricated with a 0.5 m CMOS technology whereas the other products with 0.8 m CMOS technology. Also the mask ROM product contains the on-chip voltage regulator for the internal 3.0 power supply. For details, refer to MB89940 Series Hardware Manual.
4. Mask Option
Functions that can be selected as options and how to designate these options vary by the product. Before using options check section "s Mask Options." * No options are available for the piggyback product. * The power-on reset and reset output options are always activated with the mask ROM product. * Pull-up option must not be specified with the pins used as LCD outputs.
4
To Top / Lineup / Index
MB89940 Series
s PIN ASSIGNMENT
(Top view) MODE VINT P40/PW P37/FUELI P36/TEMPI AVSS DVSS P35/PWM2M P34/PWM2P P33/PWM1M P32/PWM1P P31/TEMPO 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
P24/V3 P23/TO/V2 P22/EC/V1 P21/V0 P20/SEG16 P17/SEG15 VSS P16/SEG14 P15/SEG13 P14/SEG12 P13/SEG11 P12/SEG10
13 14 15 16 17 18 19 20 21 22 23 24
AVCC RST P41/COM0 P42/COM1 X0 X1 VCC P43/COM2 P44/COM3 P27/INT2 P26/INT1 P25/INT0
1 2 3 4 5 6 7 8 9 10 11 12
DVCC P30/FUELO P00/SEG00 P01/SEG01 P02/SEG02 P03/SEG03 P04/SEG04 P05/SEG05 P06/SEG06 P07/SEG07 P10/SEG08 P11/SEG09
(FPT-48P-M16)
5
To Top / Lineup / Index
MB89940 Series
(Top view) MODE VINT P40/PW P37/FUELI P36/TEMPI AVSS DVSS P35/PWM2M P34/PWM2P P33/PWM1M P32/PWM1P P31/TEMPO AVCC RST P41/COM0 P42/COM1 X0 X1 VCC P43/COM2 P44/COM3 P27/INT2 P26/INT1 P25/INT0 1 2 3 4 5 6 7 8 9 10 11 12 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
69 70 71 72 73 74 75 76 77 78 79 80 49 50 51 52
60 59 58 57 56 55 54 53
* Pin assignment on package top (MB89PV940 only) Pin no. 49 50 51 52 53 54 55 56 Pin name A15 A12 A7 A6 A5 A4 A3 N.C. Pin no. 57 58 59 60 61 62 63 64 Pin name N.C. A2 A1 A0 O1 O2 O3 VSS Pin no. 65 66 67 68 69 70 71 72 Pin name O4 O5 O6 O7 O8 CE A10 N.C. Pin no. 73 74 75 76 77 78 79 80 Pin name OE N.C. A11 A9 A8 A13 A14 VCC
N.C.: Internally connected. Do not use. 6
P24/V3 P23/TO/V2 P22/EC/V1 P21/V0 P20/SEG16 P17/SEG15 VSS P16/SEG14 P15/SEG13 P14/SEG12 P13/SEG11 P12/SEG10
13 14 15 16 17 18 19 20 21 22 23 24
DVCC P30/FUELO P00/SEG00 P01/SEG01 P02/SEG02 P03/SEG03 P04/SEG04 P05/SEG05 P06/SEG06 P07/SEG07 P10/SEG08 P11/SEG09
(MQP-48C-P01)
68 67 66 65 64 63 62 61
To Top / Lineup / Index
MB89940 Series
s PIN DESCRIPTION
Pin no. QFP* 5 6 48
1
MQFP*2 5 6 48 X0 X1
Pin name
Circuit type A
Function These pins are used for crystal oscillation. X0 and X1 can be directly connected to a crystal oscillator. When the oscillation clock is provided to X0 externally, X1 should be left open. The mode input is used for entering the MPU into the test mode. In user applications, MODE is connected to VSS. Applying a reset pulse to this pin forces the MPU to enter the initial state. RST is active low and drives low state when an internal reset occurs. Reset pulses of the duration less than the minimum pulse width may cause the MCU to enter undefined states. These pins have two functions. Their functions can be switched between Port 0 and LCD segment signal outputs by setting the internal registers of the LCD controller. These pins have two functions. Their functions can be switched between Port 1 and LCD segment signal outputs by setting the internal registers of the LCD controller. This pin can be used as the bit 0 of Port 2 or an LCD segment signal output by setting the internal register of the LCD controller. This pin is the bit 1 of Port 2. This pin can also be used for an external LCD bias voltage input. This pin can be used as the bit 2 of Port 2 or the external clock input for the interval timer. This pin can also be used for an external LCD bias voltage input. This pin can be used as the bit 3 of Port 2 or the output for the interval timer. Its function can be switched by setting the internal register of the interval timer. This pin can also be used for an external LCD bias voltage input. This pin can be used as the bit 4 of Port 2 or an external LCD bias voltage input. These pins are used for Port 2. They can also be used for external interrupt inputs. This pin can be used for the bit 0 of Port 3 or the output from PWM3. The function of this pin can be switched by setting the internal register of PWM3.
MODE
B
2
2
RST
C
34 to 27
34 to 27
P00/SEG00 to P07/SEG07
H
26 to 20, 18
26 to 20, 18
P10/SEG08 to P17/SEG15
J
17
17
P20/SEG15
I
16
16
P21/V0
F
15
15
P22/EC/V1
F
14
14
P23/TO/V2
F
13 12, 11, 10 35
13 12, 11, 10 35
P24/V3 P25/INT0 to P27/INT2 P30/FUELO
F E D
*1: FPT-48P-M16 *2: MQP-48C-P01
(Continued)
7
To Top / Lineup / Index
MB89940 Series
(Continued) Pin no. MQFP*2 QFP*1 37 37
Pin name P31/TEMPO
Circuit type G
Function This pin can be used for the bit 1 of Port 3 or the output from PWM4. The function of this pin can be switched by setting the internal register of PWM4. This output has a high drive-current capability. These pins are the pair of high-current driver outputs for one of two motor coils. They can be also used for the bits 2 and 3 of Port 3 by setting the internal register of the stepper motor controller. These pins are the pair of high-current driver outputs for one of two motor coils. They can be also used for the bits 4 and 5 of Port 3 by setting the internal register of the stepper motor controller. This analog input is connected to channel 1 of the A/D converter. It can also be used for the bit 6 of Port 3 when this A/ D input enable register bit is set to `0'. This analog input is connected to channel 0 of the A/D converter. It can also be used for the bit 7 of Port 3 when this A/ D input enable register bit is set to `0'. This pin has two functions. When this pin is used as an open-drain output of Port 4, the external voltage monitor reset should be in the power down mode. When it is used as the PW input of external voltage monitor reset, the corresponding bit of the port data register should be set to `1'. These pins are the LCD common signal outputs. When LCD is not used, these pins can be also used for Port 4. An external capacitor should be connected to this pin for stabilizing the internal 3.0 V power supply. For MB89PV940 and MB89P945, this pin should be left open. VCC VSS The power supply pin for the analog circuit The same voltage should be applied as VCC. The power supply pin for the analog circuit The same voltage should be applied as VSS. The dedicated power supply pin for the high-current driver output The same voltage should be applied as VCC. The dedicated power supply pin for the high-current driver output The same voltage should be applied as VSS.
38, 39
38, 39
P32/PWM1P, P33/PWM1M
G
40, 41
40, 41
P34/PWM2P, P35/PWM2M
G
44
44
P36/TEMPI
M
45
45
P37/FUELI
M
46
46
P40/PW
L
3, 4 8, 9 47
3, 4 8, 9 47
P41/COM0 to P44/COM3 VINT
K
--
7 19 1 43 36
7 19 1 43 36
VCC VSS AVCC AVSS DVCC
-- -- -- -- --
42
42
DVSS
--
*1: FPT-48P-M16 *2: MQP-48C-P01 8
To Top / Lineup / Index
MB89940 Series
* External EPROM pins (MB89PV940 only) Pin no. 49 50 51 52 53 54 55 58 59 60 61 62 63 65 66 67 68 69 70 71 73 75 76 77 78 79 80 64 56 57 72 74 Pin name A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 O1 O2 O3 O4 O5 O6 O7 O8 CE A10 OE A11 A9 A8 A13 A14 VCC VSS N.C. I/O O Address output pins Function
I
Data input pins
O O O O
ROM chip enable pin Outputs "H" during standby. Address output pin ROM output enable pin Outputs "L" at all times. Address output pin
O O --
EPROM power supply pin Power supply (GND) pin Internally connected pins Be sure to leave them open.
9
To Top / Lineup / Index
MB89940 Series
s I/O CIRCUIT TYPE
Type A
X1
Circuit
Remarks * Oscillator I/O With feedback resistor of approx. 2 M.
X0
Standby control signal
B
R
* Schmitt-trigger input (Pull-down resistance only for MB89943)
C
R P-ch
* Open-drain output with pull-up resistor (Approx. 50 k). * Schmitt-trigger input * Hysteresis input
N-ch
D
P-ch
* CMOS I/O
N-ch
E
R P-ch Mask Option N-ch
* CMOS I/O (Schmitt trigger) * Pull-up resistor optional
(Continued)
10
To Top / Lineup / Index
MB89940 Series
Type F
R
Circuit
Remarks * CMOS I/O (Schmitt trigger) * External bias input * Pull-up resistor optional
P-ch
Mask Option
N-ch
P-ch N-ch
G
P-ch
* CMOS I/O (High output current)
N-ch
H
P-ch
* CMOS I/O * LCD controller/driver output
N-ch
P-ch N-ch P-ch N-ch
I
R P-ch
* * * *
CMOS I/O LCD controller/driver output Pull-up resistor optional Hysteresis input
N-ch
P-ch N-ch P-ch N-ch
(Continued)
11
To Top / Lineup / Index
MB89940 Series
(Continued)
Type J
R
Mask Option
Circuit
Remarks * CMOS I/O * LCD controller/driver output * Pull-up resistor optional (Except P11/SEG09, P10/SEG08)
P-ch
N-ch
P-ch N-ch P-ch N-ch
K
N-ch
* N-ch open-drain output * LCD controller/driver output
P-ch N-ch P-ch N-ch
L
N-ch
* N-ch open-drain output * Analog input
M
P-ch
* CMOS I/O * Analog input
N-ch
12
To Top / Lineup / Index
MB89940 Series
s HANDLING DEVICES
1. Preventing Latchup
Latchup may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins other than medium- and high-voltage pins or if higher than the voltage which shows on "1. Absolute Maximum Ratings" in section "s Electrical Characteristics" is applied between VCC and VSS. When latchup occurs, power supply current increases rapidly and might thermally damage elements. When using, take great care not to exceed the absolute maximum ratings. Also, take care to prevent the analog power supply (AVCC and AVR) and analog input from exceeding the digital power supply (VCC) when the analog system power supply is turned on and off.
2. Treatment of Unused Input Pins
Leaving unused input pins open could cause malfunctions. They should be connected to a pull-up or pull-down resistor. The VINT pin of MB89PV940 and MB89P945 is the only exception.
3. Treatment of Power Supply Pins on Microcontrollers with A/D and D/A Converters
Connect to be AVCC = DAVC = VCC and AVSS = AVR = VSS even if the A/D and D/A converters are not in use.
4. Treatment of N.C. Pins
Be sure to leave (internally connected) N.C. pins open.
5. Power Supply Voltage Fluctuations
Although VCC power supply voltage is assured to operate within the rated range, a rapid fluctuation of the voltage could cause malfunctions, even if it occurs within the rated range. Stabilizing voltage supplied to the IC is therefore important. As stabilization guidelines, it is recommended to control power so that VCC ripple fluctuations (P-P value) will be less than 10% of the standard VCC value at the commercial frequency (50 to 60 Hz) and the transient fluctuation rate will be less than 0.1 V/ms at the time of a momentary fluctuation such as when power is switched.
13
To Top / Lineup / Index
MB89940 Series
s PROGRAMMING TO THE EPROM ON THE MB89P945
1. Programming MB89P945
Using the EPROM adapter (provided by Fujitsu) and a standard EPROM programmer, user-defined data can be written into the OTPROM and option PROM. The EPROM programmer should be set to MB27C256A-20TVM and electro-signature mode should not be used. When programming the data, the internal addresses are mapped as follows.
2. Memory Space
Address 0000H
Single chip
EPROM mode (Corresponding addresses on the EPROM programmer)
8000H
0000H 3FF0H Option PROM
C000H One Time PROM 16 KB FFFFH
4000H One Time PROM 16 KB 7FFFH
3. EPROM Programmer Socket Adapter
Please contact Fujitsu for socket adapters for the MB89P945 and the EPROM on the MB89PV940.
4. Screening MB89P945
It is recommended that high-temperature aging is performed on the MB89P945 prior to the assembly.
Program, verify
Aging +150C, 48 Hrs.
Data verification
Assembly
14
To Top / Lineup / Index
MB89940 Series
5. Setting OTPROM Options
For MB89P945, mask options are described in the internal option PROM area. The table below shows the bit map of the option PROM. The option data can be written by a standard EPROM programmer. * OTPROM option bit map PROM Address Bit 7 Bit 6 Unused Bit 5 Unused Bit 4 Reserved Bit 3 Reset output 1: Active 0: Inactive P13 Pull-up 1: Inactive 0: Active P23 Pull-up 1: Inactive 0: Active Low volt. S1 bit Bit 2 Power-on reset 1: Active 0: Inactive P12 Pull-up 1: Inactive 0: Active P22 Pull-up 1: Inactive 0: Active Low volt. S0 bit Bit 1 Bit 0
3FF0H Unused
Oscillation stabilization time 11: 218 TOSC 10: 217 TOSC 01: 214 TOSC Unused Unused
3FF1H P17 Pull-up 1: Inactive 0: Active 3FF2H P27 Pull-up 1: Inactive 0: Active 3FF3H Unused
P16 Pull-up 1: Inactive 0: Active P26 Pull-up 1: Inactive 0: Active Unused
P15 Pull-up 1: Inactive 0: Active P25 Pull-up 1: Inactive 0: Active Unused
P14 Pull-up 1: Inactive 0: Active P24 Pull-up 1: Inactive 0: Active Low volt. PDX bit
P21 Pull-up 1: Inactive 0: Active Low volt. LVE bit
P20 Pull-up 1: Inactive 0: Active Low volt. 1: Register active 0: Option active Unused Unused Unused
3FF4H Unused 3FF5H Unused 3FF6H Unused
Unused Unused Unused
Unused Unused Unused
Unused Unused Unused
Unused Unused Unused
Unused Unused Unused
Unused Unused Unused
Notes: Default values are all `1'. TOSC: One oscillation clock cycle time When the bit 0 of "3FF3H" is "0", it activates the option setting for the Low Voltage Reset Control register. When this option is activated, software setting in the register has no effect.
15
To Top / Lineup / Index
MB89940 Series
s PROGRAMMING TO THE EPROM WITH PIGGYBACK/EVALUATION DEVICE
1. EPROM for Use
MBM27C256A-20TVM
2. Programming Socket Adapter
Please consult Fujitsu.
3. Memory Space
The memory space of the piggyback EPROM is mapped onto the internal memory space as shown in the figure below.
Address 0000H
Single chip
Corresponding addresses on the EPROM programmer
8000H
0000H
Piggy Back
EPROM
32 KB FFFFH 7FFFH
For EPROM devices suitable for MB89PV940, please consult Fujitsu.
4. Programming to the EPROM
(1) Set the EPROM programmer to the MBM27C256A-20TVM. (2) Load program data into the EPROM programmer at 0000H to 7FFFH. (3) Program to 0000H to 7FFFH with the EPROM programmer.
16
To Top / Lineup / Index
MB89940 Series
s BLOCK DIAGRAM
X0 X1
Oscillator
Interrupt controller
Clock controller Timebase timer Low supply voltage reset Internal bus
Reset circuit
RST
P41/COM0 to P44/COM3 P10/SEG08 to P17/SEG15 P00/SEG00 to P07/SEG07 P20/SEG16 P21/V0 P22/EC/V1 P23/TO/V2 P24/V3 P25/INT0 to P27/INT2 MODE
4 Port 0, 1 and 4 8 8 LCD controller driver
Port 4 External voltage monitor interrupt P40/PW
8-bit A/D converter
P37/FUELI P36/TEMPI DVCC DVSS
Interval timer 3
Stepper motor macro PWM1 PWM2
High-drive-current
P32/PWM1P P33/PWM1M P34/PWM2P P35/PWM2M
Port 2
RAM PWM3 F2MC-8L core CPU PWM4 P30/FUELO
High-drive-current
P31/TEMPO
ROM Other pins VCC, VSS AVCC, AVSS VINT Port 3
17
To Top / Lineup / Index
MB89940 Series
s CPU CORE
1. Memory Space
The MB89940 Series has a memory space of 64 Kbytes. All peripheral registers, RAM and ROM areas are mapped onto the 0000H to FFFFH range. The peripheral registers address below 007FH and the RAM addresses the range 0080H to 027FH (0080H to 047FH for MB89PV940). A part of this RAM area is also assigned as the general-purpose registers. The ROM addresses above E000H. The One-Time PROM addresses the range above C000H. The external ROM for the piggy sample addresses the range above 8000H. The reset vector, interrupt vectors and vectors for vector-call instructions are stored in the highest addresses of the memory space. Memory Space
MB89943 0000H Peripheral registers 007FH 0100H Generalpurpose registers 512 B 007FH 0100H RAM 017FH 027FH 0000H
MB89P945 0000H Peripheral registers 007FH Generalpurpose registers 512 B 0100H RAM 017FH
MB89PV940 Peripheral registers
Generalpurpose registers 1 KB
RAM
017FH 027FH
047FH 8000H C000H E000H ROM 8 KB FFFFH FFFFH One-time PROM 16 KB FFFFH External ROM
32 KB
18
To Top / Lineup / Index
MB89940 Series
2. Registers
The F2MC-8L family has two types of registers; dedicated registers in the CPU and general-purpose registers in the memory. The following dedicated registers are provided:
Program counter (PC): Accumulator (A): Temporary accumulator (T): Index register (IX): Extra pointer (EP): Stack pointer (SP): Program status (PS):
A 16-bit register for indicating instruction storage positions A 16-bit temporary register for storing arithmetic operations, etc. When the instruction is an 8-bit data processing instruction, the lower byte is used. A 16-bit register which performs arithmetic operations with the accumulator When the instruction is an 8-bit data processing instruction, the lower byte is used. A 16-bit register for index modification A 16-bit pointer for indicating a memory address A 16-bit register for indicating a stack area A 16-bit register for storing a register pointer, a condition code
16 bits PC A T IX EP SP PS : Program counter : Accumulator
Initial value FFFDH Indeterminate
: Temporary accumulator Indeterminate : Index register : Extra pointer : Stack pointer : Program status Indeterminate Indeterminate Indeterminate I-flag = 0, IL1, 0 = 11 The other bit values are indeterminate.
The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and the lower 8 bits for use as a condition code register (CCR). (See the diagram below.)
Structure of the Program Status Register
15 PS
14
13 RP
12
11
10
9
8
7 H
6 I
5
4
3 N
2 Z
1 V
0 C
Vacancy Vacancy Vacancy
IL1, 0
RP
CCR
19
To Top / Lineup / Index
MB89940 Series
The RP indicates the address of the register bank currently in use. The relationship between the pointer contents and the actual address is based on the conversion rule illustrated below. Rule for Conversion of Actual Addresses of the General-purpose Register Area
Lower OP codes b1 b0
RP
"0" "0" "0" "0" "0" "0" "0" "1" R4 R3 R2 R1 R0 b2
Generated addresses A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
The CCR consists of bits indicating the results of arithmetic operations and the contents of transfer data and bits for control of CPU operations at the time of an interrupt. H-flag: Set to `1' when a carry or a borrow from bit 3 to bit 4 occurs as a result of an arithmetic operation. Cleared otherwise. This flag is for decimal adjustment instructions. I-flag: IL1, 0: Interrupt is enabled when this flag is set to `1'. Interrupt is disabled when the flag is cleared to `0'. Cleared to `0' at the reset. Indicates the level of the interrupt currently allowed. Processes an interrupt only if its request level is higher than the value indicated by this bit.
IL1 0 0 1 1
IL0 0 1 0 1
Interrupt level 1 2 3
High-low High
Low
N-flag: Set to `1' if the MSB becomes `1' as the result of an arithmetic operation. Cleared to `0' otherwise. Z-flag: V-flag: Set to `1' when an arithmetic operation results in 0. Cleared to `0' otherwise. Set to `1' if the complement on `2' overflows as a result of an arithmetic operation. Cleared to `0' if the overflow does not occur.
C-flag: Set to `1' when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. Cleared to `0' otherwise. Set to `1' to the shift-out value in the case of a shift instruction.
20
To Top / Lineup / Index
MB89940 Series
The following general-purpose registers are provided: General-purpose registers: An 8-bit register for storing data The general-purpose registers are 8 bits and located in the register banks of the memory. One bank contains eight registers and up to a total of 16 banks can be used on the MB89943 (RAM 512 x 8 bits). The bank currently in use is indicated by the register bank pointer (RP). Note: The number of register banks that can be used varies with the RAM size. Up to a total of 32 banks can be used on other than the MB89943. Register Bank Configuration
This address = 0100H + 8 x (RP) R0 R1 R2 R3 R4 R5 R6 R7 16 banks Memory area
21
To Top / Lineup / Index
MB89940 Series
s I/O MAP
Address 00H 01H 02H 03H 04H to 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H to 17H 18H 19H 1AH 1BH 1CH to 1FH 20H 21H 22H 23H 24H 25H 26H 27H 28H 29H 2AH 2BH (W) (R/W) (R/W) (R/W) (W) (R/W) COMP2 SELR1 SELR2 CNTR3 COMP3 CNTR4 (R/W) (R/W) (R/W) (R/W) (W) ADC1 ADC2 ADCD CNTR COMP1 (R/W) (R/W) (R/W) (R/W) T2CR T1CR T2DR T1DR (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (W) (R/W) (W) (R/W) (R/W) SCC SMC WDTC TBTC LVRC PDR2 PDD2 PDR3 PDD3 PDR4 ADE Read/write (R/W) (W) (R/W) (W) Register name PDR0 PDD0 PDR1 PDD1 Register description Port 0 data register Port 0 data direction register Port 1 data register Port 1 data direction register Vacancy System clock control register Standby mode control register Watchdog timer control register Timebase timer control register Low voltage reset control Port 2 data register Port 2 data direction register Port 3 data register Port 3 data direction register Port 4 data register Port 3 A/D input enable register Vacancy Timer 2 control register Timer 1 control register Timer 2 data register Timer 1 data register Vacancy A/D converter control register 1 A/D converter control register 2 A/D converter data register PWM control register PWM1 compare register Vacancy PWM2 compare register PWM1 select register PWM2 select register PWM3 control register PWM3 compare register PWM4 control register
(Continued)
22
To Top / Lineup / Index
MB89940 Series
(Continued)
Address 2CH 2DH 2EH 2FH 30H 31H to 5FH 60H to 68H 69H to 71H 72H 73H 74H to 7BH 7CH 7DH 7EH 7FH (W) (W) (W) ILR1 ILR2 ILR3 (R/W) (R/W) LCR1 LCR2 (R/W) VRAM Read/write (W) (R/W) (R/W) (R/W) (R/W) Register name COMP4 SELT PFC EIR1 EIR2 Register description PWM4 compare register Selector test register Power fail control register External interrupt control 1 register External interrupt control 2 register Vacancy Display data RAM Vacancy LCD controller/driver register LCD controller/driver 2 register Vacancy Interrupt level setting register 1 Interrupt level setting register 2 Interrupt level setting register 3 Vacancy
23
To Top / Lineup / Index
MB89940 Series
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
(VSS = 0.0 V)
Parameter
Symbol VCC
Value Min. VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -40 -55 Max. VSS + 6.5 VSS + 6.5 VSS + 6.5 VCC + 0.3 DVCC + 0.3 VSS + 6.5 VCC + 0.3 VCC + 0.3 DVCC + 0.3 VSS + 6.5 VCC + 0.3 20 50 4 40 100 200 40 100 -20 -50 -4 -40 -50 -200 -20 -100 300 +85 +150
Unit V V V V V V V V V V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mW C C
Remarks
Power supply voltage
AVCC DVCC VI1 VI2
Should not exceed VCC Should not exceed VCC Except P31 to P35 and P41 to P44 P31 to P35 P41 to P44 MB89PV940/945 P41 to P44 MB89943 Except P31 to P35 and P41 to P44 P31 to P35 P41 to P44 MB89PV940/945 P41 to P44 MB89943 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35 Except P31 to P35 P31 to P35
Input voltage
VI3 VI4 VO1 VO2
Output voltage
VO3 VO4
"L" level maximum output current "L" level average output current "L" level total maximum output current "L" level total average output current "H" level maximum output current "H" level average output current "H" level total maximum output current "H" level total average output current Power consumption Operating temperature Storage temperature
VOL VOLAV VOLTOTALMAX VOLTOTALAV VOH VOHAV VOHTOTALMAX VOHTOTALAV PD TA Tstg
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
24
To Top / Lineup / Index
MB89940 Series
2. Recommended Operating Conditions
(AVCC = VCC = DVCC = 5.0 V, VSS = AVSS = DVSS = 0.0 V)
Parameter
Symbol VCC AVCC DVCC VCC AVCC DVCC TA
Value Min. 3.5 Typ. -- Max. 5.5
Unit
Remarks
Operating supply voltage range
V
RAM data retention supply voltage range Operating temperature range
3.0 -40
-- --
5.5 +85
V C
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All the device's electrical characteristics are warranted when operated within these ranges. Always use semiconductor devices within the recommended operating conditions. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representative beforehand.
3. DC Characteristics
(AVCC = VCC = DVCC = 5.0 V, VSS = AVSS = DVSS = 0.0 V)
Parameter
Symbol VIH VIHS
Pin name P00 to P07, P10 to P17 P30 to P37, P40 to P47 RST, MODE, P20 to P27 P00 to P07, P10 to P17 P30 to P37, P40 to P47 RST, MODE, P20 to P27 P40 P41 to P44 P41 to P44
Condition -- -- -- -- -- -- --
Min. 0.7 VCC 0.8 VCC VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 VSS - 0.3 4.0 VCC - 0.5 --
Value Typ. -- -- -- -- -- -- -- -- --
Max. VCC + 0.3 VCC + 0.3 0.3 VCC 0.2 VCC VCC + 0.3 VSS + 5.5 VCC + 0.3 -- --
Unit V V V V V V V V V
Remarks
"H" level input voltage
"L" level input voltage
VIL VILS VD
Open-drain output pin application voltage
VD2 VD3 VOH VOH2
MB89PV940/ 945 MB89943
"H" level output voltage
"L" level output voltage
VOL
VOL2
P10 to P17, P20 to P27, IOH = -2.0 mA P30, P36, P37 IOH = -30 P31 to P36 VCC = DVCC P10 to P17, P20 to P27, P30, P36, P37, IOL = 4.0 mA P40 to P44 IOL = 30 mA P31 to P36 VSS = DVSS
--
0.4
V
--
--
0.5
V
(Continued)
25
To Top / Lineup / Index
MB89940 Series
(Continued)
(AVCC = VCC = DVCC = 5.0 V, VSS = AVSS = DVSS = 0.0 V)
Parameter
Symbol
Pin name
Condition
Min. -5
Value Typ. --
Max. +5
Unit A k k
Remarks Without pull-up option With pull-up option
Input leakage current IIL1
Pull-up resistance LCD internal bias voltage resister
RPULL RLCD
MODE, P10 to P17, 0.0 V< VI < VCC, P20 to P27, P30 to P37, VCC = DVCC P40 to P44 RST, P12 to P17, -- P20 to P27 V0-V1, V1-V2, V2-V3 -- FC = 8 MHz, tinst* = 0.5 s ICC = I(VCC) + I(DVCC) FC = 8 MHz tinst* = 0.5 s ICCS = I(VCC) + I(DVCC) in Sleep mode In Stop mode TA = 25C ICCH = I(VCC) + I(DVCC) FC = 8 MHz IA = I(AVCC) A/D in operation FC = 8 MHz IAH = I(AVCC) A/D stopped f = 1 MHz --
25 50 -- --
50 100 12 12
100 200 20 20
mA MB89PV940 mA MB89943, MB89P945
ICC
ICCS
VCC
--
3
7
mA
Power supply current ICCH
--
5
10
A
IA AVCC IAH Input capacitance External capacitor at VINT CIN CVINT -- --
--
6
8
mA
-- -- --
5 10 0.1
10 -- --
A pF F MB89943 only
* : For information on tinst, see "(4) Instruction Cycle" in "4. AC Characteristics."
4. AC Characteristics
(1) Reset Timing
(AVSS = VSS = DVSS, TA = -40C to +85C)
Parameter RST "L" pulse width
Symbol tZLZH
Condition --
Value Min. 16 tHCYL Max. --
Unit ns
Remarks
tHCYL: One oscillation clock cycle time
26
To Top / Lineup / Index
MB89940 Series
tZLZH RST 0.8 VCC 0.2 VCC
If power-on reset option is not activated, the external reset signal must be kept asserted until the oscillation is stabilized. (2) Power-on Profile
(AVSS = VSS = DVSS, TA = -40C to +85C)
Parameter Power supply voltage rising time Power supply voltage rising time Power-off minimum period tHCYL: One oscillation clock cycle time
Symbol tR tR tOFF
Condition -- -- --
Value Min. -- -- 1 Max. 50 219 tHCYL --
Unit ms ns ms
Remarks MB89PV940, MB89P945 MB89943
Note: Power supply voltage should reach the minimum operation voltage within the specified default duration of the oscillation stabilization time.
tR 3.5 V 0.2 V
tOFF
0.2 V
0.2 V
VCC
(3) Clock Timing
(AVSS = VSS = DVSS, TA = -40C to +85C)
Parameter Clock frequency Clock cycle time Input clock pulse width Input clock rising/falling time
Symbol FC tCYC tWH tWL tCR tCF
Condition
Value Min. 1 1000 Max. 8 125 -- 10
Unit MHz ns ns ns
Remarks
--
20 --
27
To Top / Lineup / Index
MB89940 Series
X0 and X1 Timing and Conditions
tCYC tWL tCR 0.8 VCC X0 0.2 VCC 0.2 VCC 0.2 VCC 0.8 VCC tCF tWL
Clock Conditions
When a crystal or ceramic resonator is used When an external clock is used
X0
X1
X0
X1 Open
(4) Instruction Cycle Parameter Symbol Value (typical) 4/FC, 8/FC, 16/FC, 64/FC Unit s Remarks (4/FC) tinst = 0.5 s when operating at FC = 8 MHz
Instruction cycle tinst (minimum execution time)
Note: When operating at 8 MHz, the cycle varies with the set execution time. (5) Peripheral Input Timing
(AVSS = VSS= DVSS, TA = -40C to +85C)
Parameter Peripheral input "H" pulse width Peripheral input "L" pulse width
Symbol tWH tWL
Pin name INT0, INT1, INT2, EC INT0, INT1, INT2, EC
Value Min. 2 tinst* 2 tinst* Max. -- --
Unit s s
Remarks
* : For information on tinst, see "(4) Instruction Cycle."
28
To Top / Lineup / Index
MB89940 Series
tWL 0.8 VCC INT0, INT1, INT2, EC 0.8 VCC 0.2 VCC
tWL
0.2 VCC
5. A/D Converter Electrical Characteristics
(AVSS = VSS = DVSS, TA = -40C to +85C)
Parameter Resolution Total error Linearlity error Differential linearlity error Zero transition voltage Full-scale transition voltage Interchannel disparity A/D mode conversion time Analog input current Analog input voltage range
Pin Symbol name Condition
Value Min. -- -- -- -- AVSS - 1.0 LSB AVSS + 5/8 LSB Typ. -- -- -- -- AVSS + 0.5 LSB Max. 8 1.5 1.0 0.9 AVSS + 2.0 LSB AVCC 0.5 44 tinst* 52 tinst* 10 AVCC
Unit bit LSB LSB LSB V V V V LSB s s A V
Remarks
--
VOT VFST -- --
MB89PV940/P945 MB89943 MB89PV940/P945 MB89943 MB89PV940/P945 MB89943
AVSS + 7/8 LSB AVSS + 11/8 LSB
AVCC - 3.0 LSB AVCC - 1.5 LSB -- -- -- -- -- --
AVCC - 13/8 LSB AVCC - 9/8 LSB AVCC - 7/8 LSB -- -- -- 0
-- IAIN --
* : For information on tinst, see "(4) Instruction Cycle" in "4. AC Characteristics."
6. A/D Converter Glossary
* Resolution Analog changes that are identifiable with the A/D converter When the number of bits is 8, analog voltage can be divided into 28 = 256. * Linearity error (unit: LSB) The deviation of the straight line connecting the zero transition point ("0000 0000" "0000 0001") with the full-scale transition point ("1111 1111" "1111 1110") from actual conversion characteristics * Differential linearity error (unit: LSB) The deviation of input voltage needed to change the output code by 1 LSB from the theoretical value * Total error (unit: LSB) The difference between theoretical and actual conversion values 29
To Top / Lineup / Index
MB89940 Series
Digital output 1111 1111 1111 * 1110
* * * * * * * * * * * * * * * * * * *
Theoretical conversion value Actual conversion value (1 LSB x N + VOT) AVR 256 VNT - (1 LSB x N + VOT) 1 LSB V( N + 1 ) T - VNT - 1 1 LSB VNT - (1 LSB x N + 1 LSB) 1 LSB
1 LSB =
Linearity error = Differential linearity error = Total error = 0010 0001 0000 VOT VNT V(N + 1)T VFST Analog input
Linearity error
0000 0000 0000
7. Notes on Using A/D Converter
* Input impedance of the analog input pins The A/D converter used for the MB89940 series contains a sample hold circuit as illustrated below to fetch analog input voltage into the sample hold capacitor for eight instruction cycles after activating A/D conversion. For this reason, if the output impedance of the external circuit for the analog input is high, analog input voltage might not stabilize within the analog input sampling period. Therefore, it is recommended to keep the output impedance of the external circuit low (below 10 k). Note that if the impedance cannot be kept low, it is recommended to connect an external capacitor of about 0.1 F for the analog input pin. Analog Input Equivalent Circuit
Sample hold circuit . C = 33 pF . Analog input pin Comparator If the analog input impedance is higher than 10 k, it is recommended to connect an external capacitor of approx. 0.1 F. . R = 6 k . Close for 8 instruction cycles after activating A/D conversion. Analog channel selector
* Error The smaller the | AVCC - AVSS |, the greater the error would become relatively.
30
To Top / Lineup / Index
MB89940 Series
8. Low Supply Voltage Reset Electrical Characteristics
Parameter Symbol VDL1 Reset voltage VDL2 VDL3 Hysteresis of reset voltage Delay time to reset Supply voltage slew rate VHYS tD dV/dt Value Min. 3.0 3.3 3.7 0.1 -- -- Max. 3.6 3.9 4.3 -- 2.0 0.1 Unit V V V V s V/s Remarks When the voltage is dropping. Refer to the register definition. When the voltage is recovering.
9. External Voltage Monitor Interrupt Electrical Characteristics
Parameter Reference voltage Delay time to interrupt Input slew rate Symbol VREF TD dV/dt Value Min. 1.18 -- -- Max. 1.38 2.0 0.1 Unit V s V/s Refer to the register definition. Remarks
31
To Top / Lineup / Index
MB89940 Series
s INSTRUCTIONS
Execution instructions can be divided into the following four groups: * * * * Transfer Arithmetic operation Branch Others
Table 1 lists symbols used for notation of instructions. Table 1 Symbol dir off ext #vct #d8 #d16 dir: b rel @ A AH AL T TH TL IX Direct address (8 bits) Offset (8 bits) Extended address (16 bits) Vector table number (3 bits) Immediate data (8 bits) Immediate data (16 bits) Bit direct address (8:3 bits) Branch relative address (8 bits) Register indirect (Example: @A, @IX, @EP) Accumulator A (Whether its length is 8 or 16 bits is determined by the instruction in use.) Upper 8 bits of accumulator A (8 bits) Lower 8 bits of accumulator A (8 bits) Temporary accumulator T (Whether its length is 8 or 16 bits is determined by the instruction in use.) Upper 8 bits of temporary accumulator T (8 bits) Lower 8 bits of temporary accumulator T (8 bits) Index register IX (16 bits) Instruction Symbols Meaning
(Continued)
32
To Top / Lineup / Index
MB89940 Series
(Continued)
Symbol EP PC SP PS dr CCR RP Ri x (x) (( x )) Extra pointer EP (16 bits) Program counter PC (16 bits) Stack pointer SP (16 bits) Program status PS (16 bits) Accumulator A or index register IX (16 bits) Condition code register CCR (8 bits) Register bank pointer RP (5 bits) General-purpose register Ri (8 bits, i = 0 to 7) Indicates that the very x is the immediate data. (Whether its length is 8 or 16 bits is determined by the instruction in use.) Indicates that the contents of x is the target of accessing. (Whether its length is 8 or 16 bits is determined by the instruction in use.) The address indicated by the contents of x is the target of accessing. (Whether its length is 8 or 16 bits is determined by the instruction in use.) Meaning
Columns indicate the following: Mnemonic: ~: #: Operation: TL, TH, AH: Assembler notation of an instruction Number of instructions Number of bytes Operation of an instruction A content change when each of the TL, TH, and AH instructions is executed. Symbols in the column indicate the following: * "-" indicates no change. * dH is the 8 upper bits of operation description data. * AL and AH must become the contents of AL and AH immediately before the instruction is executed. * 00 becomes 00. N, Z, V, C: OP code: An instruction of which the corresponding flag will change. If + is written in this column, the relevant instruction will change its corresponding flag. Code of an instruction. If an instruction is more than one code, it is written according to the following rule: Example: 48 to 4F This indicates 48, 49, ... 4F.
33
To Top / Lineup / Index
MB89940 Series
Table 2 Mnemonic MOV dir,A MOV @IX +off,A MOV ext,A MOV @EP,A MOV Ri,A MOV A,#d8 MOV A,dir MOV A,@IX +off MOV A,ext MOV A,@A MOV A,@EP MOV A,Ri MOV dir,#d8 MOV @IX +off,#d8 MOV @EP,#d8 MOV Ri,#d8 MOVW dir,A MOVW @IX +off,A MOVW ext,A MOVW @EP,A MOVW EP,A MOVW A,#d16 MOVW A,dir MOVW A,@IX +off MOVW A,ext MOVW A,@A MOVW A,@EP MOVW A,EP MOVW EP,#d16 MOVW IX,A MOVW A,IX MOVW SP,A MOVW A,SP MOV @A,T MOVW @A,T MOVW IX,#d16 MOVW A,PS MOVW PS,A MOVW SP,#d16 SWAP SETB dir: b CLRB dir: b XCH A,T XCHW A,T XCHW A,EP XCHW A,IX XCHW A,SP MOVW A,PC ~ 3 4 4 3 3 2 3 4 4 3 3 3 4 5 4 4 4 5 5 4 2 3 4 5 5 4 4 2 3 2 2 2 2 3 4 3 2 2 3 2 4 4 2 3 3 3 3 2 # 2 2 3 1 1 2 2 2 3 1 1 1 3 3 2 2 2 2 3 1 1 3 2 2 3 1 1 1 3 1 1 1 1 1 1 3 1 1 3 1 2 2 1 1 1 1 1 1 Transfer Instructions (48 instructions) Operation (dir) (A) ( (IX) +off ) (A) (ext) (A) ( (EP) ) (A) (Ri) (A) (A) d8 (A) (dir) (A) ( (IX) +off) (A) (ext) (A) ( (A) ) (A) ( (EP) ) (A) (Ri) (dir) d8 ( (IX) +off ) d8 ( (EP) ) d8 (Ri) d8 (dir) (AH),(dir + 1) (AL) ( (IX) +off) (AH), ( (IX) +off + 1) (AL) (ext) (AH), (ext + 1) (AL) ( (EP) ) (AH),( (EP) + 1) (AL) (EP) (A) (A) d16 (AH) (dir), (AL) (dir + 1) (AH) ( (IX) +off), (AL) ( (IX) +off + 1) (AH) (ext), (AL) (ext + 1) (AH) ( (A) ), (AL) ( (A) ) + 1) (AH) ( (EP) ), (AL) ( (EP) + 1) (A) (EP) (EP) d16 (IX) (A) (A) (IX) (SP) (A) (A) (SP) ( (A) ) (T) ( (A) ) (TH),( (A) + 1) (TL) (IX) d16 (A) (PS) (PS) (A) (SP) d16 (AH) (AL) (dir): b 1 (dir): b 0 (AL) (TL) (A) (T) (A) (EP) (A) (IX) (A) (SP) (A) (PC) TL - - - - - AL AL AL AL AL AL AL - - - - - - - - - AL AL AL AL AL AL - - - - - - - - - - - - - - - AL AL - - - - TH - - - - - - - - - - - - - - - - - - - - - AH AH AH AH AH AH - - - - - - - - - - - - - - - - AH - - - - AH - - - - - - - - - - - - - - - - - - - - - dH dH dH dH dH dH dH - - dH - dH - - - dH - - AL - - - dH dH dH dH dH NZVC ---- ---- ---- ---- ---- ++-- ++-- ++-- ++-- ++-- ++-- ++-- ---- ---- ---- ---- ---- ---- ---- ---- ---- ++-- ++-- ++-- ++-- ++-- ++-- ---- ---- ---- ---- ---- ---- ---- ---- ---- ---- ++++ ---- ---- ---- ---- ---- ---- ---- ---- ---- ---- OP code 45 46 61 47 48 to 4F 04 05 06 60 92 07 08 to 0F 85 86 87 88 to 8F D5 D6 D4 D7 E3 E4 C5 C6 C4 93 C7 F3 E7 E2 F2 E1 F1 82 83 E6 70 71 E5 10 A8 to AF A0 to A7 42 43 F7 F6 F5 F0
Notes: * During byte transfer to A, T A is restricted to low bytes. * Operands in more than one operand instruction must be stored in the order in which their mnemonics are written. (Reverse arrangement of F2MC-8 family)
34
To Top / Lineup / Index
MB89940 Series
Table 3 Mnemonic ADDC A,Ri ADDC A,#d8 ADDC A,dir ADDC A,@IX +off ADDC A,@EP ADDCW A ADDC A SUBC A,Ri SUBC A,#d8 SUBC A,dir SUBC A,@IX +off SUBC A,@EP SUBCW A SUBC A INC Ri INCW EP INCW IX INCW A DEC Ri DECW EP DECW IX DECW A MULU A DIVU A ANDW A ORW A XORW A CMP A CMPW A RORC A ROLC A CMP A,#d8 CMP A,dir CMP A,@EP CMP A,@IX +off CMP A,Ri DAA DAS XOR A XOR A,#d8 XOR A,dir XOR A,@EP XOR A,@IX +off XOR A,Ri AND A AND A,#d8 AND A,dir ~ 3 2 3 4 3 3 2 3 2 3 4 3 3 2 4 3 3 3 4 3 3 3 19 21 3 3 3 2 3 2 2 2 3 3 4 3 2 2 2 2 3 3 4 3 2 2 3 # 1 2 2 2 1 1 1 1 2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 1 2 1 1 1 1 2 2 1 2 1 1 2 2 Arithmetic Operation Instructions (62 instructions) Operation (A) (A) + (Ri) + C (A) (A) + d8 + C (A) (A) + (dir) + C (A) (A) + ( (IX) +off) + C (A) (A) + ( (EP) ) + C (A) (A) + (T) + C (AL) (AL) + (TL) + C (A) (A) - (Ri) - C (A) (A) - d8 - C (A) (A) - (dir) - C (A) (A) - ( (IX) +off) - C (A) (A) - ( (EP) ) - C (A) (T) - (A) - C (AL) (TL) - (AL) - C (Ri) (Ri) + 1 (EP) (EP) + 1 (IX) (IX) + 1 (A) (A) + 1 (Ri) (Ri) - 1 (EP) (EP) - 1 (IX) (IX) - 1 (A) (A) - 1 (A) (AL) x (TL) (A) (T) / (AL),MOD (T) (A) (A) (T) (A) (A) (T) (A) (A) (T) (TL) - (AL) (T) - (A) CA C A (A) - d8 (A) - (dir) (A) - ( (EP) ) (A) - ( (IX) +off) (A) - (Ri) Decimal adjust for addition Decimal adjust for subtraction (A) (AL) (TL) (A) (AL) d8 (A) (AL) (dir) (A) (AL) ( (EP) ) (A) (AL) ( (IX) +off) (A) (AL) (Ri) (A) (AL) (TL) (A) (AL) d8 (A) (AL) (dir) TL - - - - - - - - - - - - - - - - - - - - - - - dL - - - - - - - - - - - - - - - - - - - - - - - TH - - - - - - - - - - - - - - - - - - - - - - - 00 - - - - - - - - - - - - - - - - - - - - - - - AH - - - - - dH - - - - - - dH - - - - dH - - - dH dH 00 dH dH dH - - - - - - - - - - - - - - - - - - - - NZVC ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++++ +++- ---- ---- ++-- +++- ---- ---- ++-- ---- ---- ++R- ++R- ++R- ++++ ++++ ++-+ ++-+ ++++ ++++ ++++ ++++ ++++ ++++ ++++ ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- OP code 28 to 2F 24 25 26 27 23 22 38 to 3F 34 35 36 37 33 32 C8 to CF C3 C2 C0 D8 to DF D3 D2 D0 01 11 63 73 53 12 13 03 02 14 15 17 16 18 to 1F 84 94 52 54 55 57 56 58 to 5F 62 64 65
(Continued)
35
To Top / Lineup / Index
MB89940 Series
(Continued)
Mnemonic AND A,@EP AND A,@IX +off AND A,Ri OR A OR A,#d8 OR A,dir OR A,@EP OR A,@IX +off OR A,Ri CMP dir,#d8 CMP @EP,#d8 CMP @IX +off,#d8 CMP Ri,#d8 INCW SP DECW SP ~ 3 4 3 2 2 3 3 4 3 5 4 5 4 3 3 # 1 2 1 1 2 2 1 2 1 3 2 3 2 1 1 Operation (A) (AL) ( (EP) ) (A) (AL) ( (IX) +off) (A) (AL) (Ri) (A) (AL) (TL) (A) (AL) d8 (A) (AL) (dir) (A) (AL) ( (EP) ) (A) (AL) ( (IX) +off) (A) (AL) (Ri) (dir) - d8 ( (EP) ) - d8 ( (IX) + off) - d8 (Ri) - d8 (SP) (SP) + 1 (SP) (SP) - 1 Table 4 Mnemonic BZ/BEQ rel BNZ/BNE rel BC/BLO rel BNC/BHS rel BN rel BP rel BLT rel BGE rel BBC dir: b,rel BBS dir: b,rel JMP @A JMP ext CALLV #vct CALL ext XCHW A,PC RET RETI ~ 3 3 3 3 3 3 3 3 5 5 2 3 6 6 3 4 6 # 2 2 2 2 2 2 2 2 3 3 1 3 1 3 1 1 1 TL - - - - - - - - - - - - - - - TH - - - - - - - - - - - - - - - AH - - - - - - - - - - - - - - - NZVC ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++R- ++++ ++++ ++++ ++++ ---- ---- OP code 67 66 68 to 6F 72 74 75 77 76 78 to 7F 95 97 96 98 to 9F C1 D1
Branch Instructions (17 instructions) Operation TL - - - - - - - - - - - - - - - - - TH - - - - - - - - - - - - - - - - - AH - - - - - - - - - - - - - - dH - - NZVC ---- ---- ---- ---- ---- ---- ---- ---- -+-- -+-- ---- ---- ---- ---- ---- ---- Restore OP code FD FC F9 F8 FB FA FF FE B0 to B7 B8 to BF E0 21 E8 to EF 31 F4 20 30
If Z = 1 then PC PC + rel If Z = 0 then PC PC + rel If C = 1 then PC PC + rel If C = 0 then PC PC + rel If N = 1 then PC PC + rel If N = 0 then PC PC + rel If V N = 1 then PC PC + rel If V N = 0 then PC PC + reI If (dir: b) = 0 then PC PC + rel If (dir: b) = 1 then PC PC + rel (PC) (A) (PC) ext Vector call Subroutine call (PC) (A),(A) (PC) + 1 Return from subrountine Return form interrupt Table 5
Other Instructions (9 instructions) Operation TL - - - - - - - - - TH - - - - - - - - - AH - dH - - - - - - - NZVC ---- ---- ---- ---- ---- ---R ---S ---- ---- OP code 40 50 41 51 00 81 91 80 90
Mnemonic PUSHW A POPW A PUSHW IX POPW IX NOP CLRC SETC CLRI SETI
~ 4 4 4 4 1 1 1 1 1
# 1 1 1 1 1 1 1 1 1
36
s INSTRUCTION MAP
L 0 1 2 3 4 5 6 7 8 9 A B C D E F
H
0 NOP MULU A ROLC A RORC A
1 SWAP DIVU A CMP A CMPW A
2 RET
3 RETI
4 PUSHW A
5 POPW A
6 MOV A,ext
7
8
9 SETI SETC
A
B
C
D
E
F
MOVW CLRI A,PS
CLRB BBC INCW DECW JMP MOVW dir: 0 dir: 0,rel A A @A A,PC CLRB BBC INCW DECW MOVW MOVW dir: 1 dir: 1,rel SP SP SP,A A,SP
JMP CALL PUSHW POPW MOV MOVW CLRC addr16 addr16 IX IX ext,A PS,A ADDC A ADDCW A SUBCW A SUBC A XCH A, T XOR A AND A OR A A
MOV MOV CLRB BBC INCW DECW MOVW MOVW @A,T A,@A dir: 2 dir: 2,rel IX IX IX,A A,IX MOVW MOVW CLRB BBC INCW DECW MOVW MOVW @A,T A,@A dir: 3 dir: 3,rel EP EP EP,A A,EP DAS CLRB BBC MOVW MOVW MOVW XCHW dir: 4 dir: 4,rel A,ext ext,A A,#d16 A,PC
XCHW XORW ANDW ORW A, T A A
MOV CMP ADDC SUBC A,#d8 A,#d8 A,#d8 A,#d8 MOV A,dir CMP A,dir
XOR AND OR DAA A,#d8 A,#d8 A,#d8
ADDC SUBC MOV XOR AND OR MOV CMP CLRB BBC MOVW MOVW MOVW XCHW A,dir A,dir dir,A A,dir A,dir A,dir dir,#d8 dir,#d8 dir: 5 dir: 5,rel A,dir dir,A SP,#d16 A,SP
CMP CLRB BBC MOVW MOVW MOVW XCHW MOV CMP ADDC SUBC MOV XOR AND OR MOV dir: 6 dir: 6,rel A,@IX +d @IX +d,A IX,#d16 A,IX A,@IX +d A,@IX +d A,@IX +d A,@IX +d @IX +d,A A,@IX +d A,@IX +d A,@IX +d @IX +d,#d8 @IX +d,#d8 MOV CMP ADDC SUBC MOV XOR AND OR MOV A,@EP A,@EP A,@EP A,@EP @EP,A A,@EP A,@EP A,@EP @EP,#d8 MOV A,R0 MOV A,R1 MOV A,R2 MOV A,R3 MOV A,R4 MOV A,R5 MOV A,R6 MOV A,R7 CMP A,R7 CMP A,R6 CMP A,R5 CMP A,R4 CMP A,R3 CMP A,R2 CMP A,R1 CMP A,R0 CMP @EP,#d8 CLRB BBC MOVW MOVW MOVW XCHW dir: 7 dir: 7,rel A,@EP @EP,A EP,#d16 A,EP DEC R0 DEC R1 DEC R2 DEC R3 DEC R4 DEC R5 DEC R6 DEC R7 R7 R6 CALLV #7 R5 CALLV #6 BLT rel R4 CALLV #5 BGE rel R3 CALLV #4 BZ rel R2 CALLV #3 BNZ rel R1 CALLV #2 BN rel R0 CALLV #1 BP CALLV #0 BC rel BNC rel
ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R0 A,R0 R0,A A,R0 A,R0 A,R0 R0,#d8 R0,#d8 dir: 0 dir: 0,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R1 A,R1 R1,A A,R1 A,R1 A,R1 R1,#d8 R1,#d8 dir: 1 dir: 1,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R2 A,R2 R2,A A,R2 A,R2 A,R2 R2,#d8 R2,#d8 dir: 2 dir: 2,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R3 A,R3 R3,A A,R3 A,R3 A,R3 R3,#d8 R3,#d8 dir: 3 dir: 3,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R4 A,R4 R4,A A,R4 A,R4 A,R4 R4,#d8 R4,#d8 dir: 4 dir: 4,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R5 A,R5 R5,A A,R5 A,R5 A,R5 R5,#d8 R5,#d8 dir: 5 dir: 5,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R6 A,R6 R6,A A,R6 A,R6 A,R6 R6,#d8 R6,#d8 dir: 6 dir: 6,rel ADDC SUBC MOV XOR AND OR MOV CMP SETB BBS INC A,R7 A,R7 R7,A A,R7 A,R7 A,R7 R7,#d8 R7,#d8 dir: 7 dir: 7,rel
MB89940 Series
rel
To Top / Lineup / Index
37
To Top / Lineup / Index
MB89940 Series
s MASK OPTIONS
Part number No. Specifying procedure MB89943 Specify when ordering masking Selectable per pin (P20 and P12 to P17 must be set to without pull-up resistor when they are used as LCD outputs.) Fixed to with power-on reset MB89P945 Set with EPROM Programmer MB89PV940 Setting not possible
1
Pull-up resistors P12 to P17, P20 to P27
Can be set per pin
Fixed to without pull-up resistor
2
Power-on reset With power-on reset Without power-on reset Main clock oscillation stabilization time selection (when operating at 8 MHz) Approx. 218/FC (Approx. 32.8 ms) Approx. 217/FC (Approx. 16.4 ms) Approx. 214/FC (Approx. 2.0 ms) Reset pin output With reset output Without reset output
Setting possible
Fixed to with power-on reset Fixed to approx. 218/FC (Approx. 32.8 ms) Fixed to with reset output
3
Selectable
Setting possible
4
Fixed to with reset output
Setting possible
s ORDERING INFORMATION
Part number MB89943PF MB89P945PF MB89PV940CF Package 48-pin Plastic QFP (FPT-40P-M16) 48-pin Ceramic MQFP (MQP-48C-P01) Remarks
38
To Top / Lineup / Index
MB89940 Series
s PACKAGE DIMENSIONS
48-pin Plastic QFP (FPT-48P-M16)
36
17.200.40 SQ (.677.016) +0.30 12.00 -0.10 SQ +.012 .472 -.004
2.70(.106)MAX 0.05(.002)MIN (STAND OFF)
25
37
24
Details of "A" part 0.15(.006) 8.80 (.346) REF
13.600.40 (.535.016)
0.20(.008) 0.15(.006)MAX 0.50(.020)MAX
INDEX
48
"A"
13
Details of "B" part
LEAD No.
1
12
0.80(.0315)TYP
0.300.06 (.012.002) "B"
0.16(.006)
M
0.15 -0.01 +.002 .006 -.0004 1.800.30 (.071.012)
+0.05
0~10
0.15(.006)
C
1994 FUJITSU LIMITED F48026S-1C-1
Dimensions in mm (inches)
39
To Top / Lineup / Index
MB89940 Series
48-pin Ceramic MQFP (MQP-48C-P01)
17.20(.677)TYP 15.000.25 (.591.010) 14.820.35 (.583.014) 1.50(.059)TYP 1.00(.040)TYP 8.80(.346)REF 0.800.22 (.0315.0087) PIN No.1 INDEX
PIN No.1 INDEX
1.020.13 (.040.005)
10.92 -0.0 +.005 .430 -0
+0.13
7.14(.281) 8.71(.343) TYP TYP
PAD No.1 INDEX 0.30(.012)TYP 4.50(.177)TYP 1.10 -0.25 +.018 .043 -.010
+0.45
0.400.08 (.016.003)
0.60(.024)TYP
8.50(.335)MAX
0.150.05 (.006.002)
C
1994 FUJITSU LIMITED M48001SC-4-2
Dimensions in mm (inches)
40
To Top / Lineup / Index
MB89940 Series
FUJITSU LIMITED
For further information please contact:
Japan FUJITSU LIMITED Corporate Global Business Support Division Electronic Devices KAWASAKI PLANT, 4-1-1, Kamikodanaka Nakahara-ku, Kawasaki-shi Kanagawa 211-88, Japan Tel: (044) 754-3763 Fax: (044) 754-3329 North and South America FUJITSU MICROELECTRONICS, INC. Semiconductor Division 3545 North First Street San Jose, CA 95134-1804, U.S.A. Tel: (408) 922-9000 Fax: (408) 432-9044/9045 Europe FUJITSU MIKROELEKTRONIK GmbH Am Siebenstein 6-10 63303 Dreieich-Buchschlag Germany Tel: (06103) 690-0 Fax: (06103) 690-122 Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE. LIMITED #05-08, 151 Lorong Chuan New Tech Park Singapore 556741 Tel: (65) 281-0770 Fax: (65) 281-0220
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. FUJITSU semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU sales representatives before such use. The company will not be responsible for damages arising from such use without prior approval. Any semiconductor devices have inherently a certain rate of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Control Law of Japan, the prior authorization by Japanese government should be required for export of those products from Japan.
F9704 (c) FUJITSU LIMITED Printed in Japan
41


▲Up To Search▲   

 
Price & Availability of MB89PV940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X