Part Number Hot Search : 
B2412 SD5116 B2412 B2412 7PA53 SMP12A GM7900 VJ248M
Product Description
Full Text Search
 

To Download MAX2240EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1624; Rev 0; 3/00
MAX2240 Evaluation Kit
General Description
The MAX2240 evaluation kit (EV kit) simplifies evaluation of the MAX2240 power amplifier (PA). It enables testing of the device's RF performance and requires no additional support circuitry. The EV kit's signal inputs and outputs use SMA connectors to facilitate the connection of RF test equipment. The MAX2240 EV kit is assembled with a MAX2240 and incorporates output matching components optimized for 2.4GHz to 2.5GHz. o Easy Evaluation of the MAX2240 o +2.7V to +5V Single-Supply Operation o RF Output Matched for Operation from 2.4GHz to 2.5GHz o Jumpers for Digital Power Control and Shutdown o All Critical Peripheral Components Included
Features
Evaluates: MAX2240
Component Suppliers
SUPPLIER Digi-Key Kamaya Murata Electronics Toko PHONE 218-681-6674 219-489-1533 800-831-9172 408-432-8281 FAX 218-681-3380 219-489-2261 814-238-0490 408-943-9790 PART MAX2240EVKIT
Ordering Information
TEMP. RANGE -40C to +85C IC PACKAGE 9 UCSP
Component List
DESIGNATION QTY C1, C2, C3 C4, C9 C6 C5, C7, C10 C8 C11 C12 3 2 1 3 1 1 1 DESCRIPTION 470pF 10% ceramic caps (0402) Murata GRM36X7R471K050A 220pF 10% ceramic caps (0402) Murata GRM36X7R221K050A 18pF 5% ceramic cap (0402) Murata GRM36COG180J050A 1000pF 10% 25V min ceramic caps (0402) Murata GRM36X7R102K050A 8pF 2.5pF 25V min ceramic cap (0402) Murata GRM36COG080D050A 1F 10% 10V min ceramic cap (0805) Murata GRM40X7R105010A 0.01F 10% 10V min ceramic cap (0402) Murata GRM36X7R103K016A R1, R2, R3 U1 VCC, GND None None 3 1 2 1 1 DESIGNATION QTY J1, J2, J3 J4, J5 J6, J7 L1 3 2 2 1 DESCRIPTION 3-pin headers, 0.1in centers Digi-Key S1012-36-ND SMA connectors (PC edge mount) EFJohnson 142-0701-801 Connectors Digi-Key 500K-ND 22nH inductor Toko LL1608FS-22NK 8.2 5% resistors (0402) Kamaya RMC 16S-18R2JT MAX2240EBL 9-pin ultra-chipscale package (UCSP) Test points MAX2240 EV kit PC board, Rev B MAX2240 data sheet
________________________________________________________________ Maxim Integrated Products
1
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
MAX2240 Evaluation Kit Evaluates: MAX2240
Quick Start
The MAX2240 EV kit is fully assembled and factory tested. Follow the instructions in the Connections and Setup section for proper device evaluation. 3) Connect a 20dB pad to the RFOUT SMA connector on the EV kit. This is to prevent overloading of the power sensor and the power meter. 4) Connect a power sensor to the 20dB pad. 5) Connect the power sensor to a power meter. Set the power meter offset to 20dB and frequency to 2.45GHz. 6) Connect jumpers J1, J2, and J3 to short D0 and D1 to VCC. This sets the MAX2240 to its highest power mode. The MAX2240 EV kit is shipped in this setting. 7) Turn on the DC supply. The supply current should read approximately 70mA. 8) Activate the RF generator's output. The power meter should read approximately +20dBm. The supply current should increase to approximately 105mA. 9) Another method for determining gain is by using a network analyzer (optional). This has the advantage of displaying gain versus a swept-frequency band, in addition to displaying input return loss. Refer to the network analyzer manufacturer's user manual for setup details. 10) The additional MAX2240 power modes are set by the jumper settings of J2 (D0) and J3 (D1). See Table 1 in the MAX2240 data sheet for these powerlevel settings.
Test Equipment Required
This section lists the recommended test equipment to verify operation of the MAX2240. It is intended as a guide only, and some substitutions are possible: * One RF signal generator capable of delivering at least +5dBm of output power at the operating frequency (HP 8648D, or equivalent) One RF power sensor capable of handling at least +20dBm of output power at the operating frequency (HP 8482A, or equivalent) One RF power meter capable of measuring up to +20dBm of output power at the operating frequency (HP 438A, or equivalent) An RF spectrum analyzer that covers the MAX2240 operating frequency range, as well as a few harmonics (HP 8562E, for example) A power supply capable of up to 0.25A at +2.7V to +5V An optional ammeter for measuring the supply current Two 50 SMA cables One SMA 20dB pad A network analyzer (HP 8753D, for example) to measure small-signal return loss and gain (optional)
*
*
*
* * * * *
Layout Issues
A good PC board is an essential part of an RF circuit design. The EV kit PC board can serve as a guide for laying out a board using the MAX2240. Keep traces carrying RF signals as short as possible to minimize radiation and insertion loss due to the PC board. Each VCC node on the PC board should have its own decoupling capacitor. This minimizes supply coupling from one section of the IC to another. A star topology for the supply layout, in which each VCC node on the circuit has a separate connection to a central VCC node, can further minimize coupling between sections of the IC. See the Layout section of the MAX2240 data sheet for more information.
Connections and Setup
This section provides a step-by-step guide to operating the EV kit and testing the device's function. Do not turn on the DC power or RF signal generators until all connections are made: 1) Connect a DC supply set to +3.2V (through an ammeter if desired) to the VCC and GND terminals on the EV kit. Do not turn on the supply. 2) Connect one RF signal generator to the RFIN SMA connector; do not turn on the generator's output. Set the generator for an output frequency of 2.45GHz at a power level of +3dBm.
2
_______________________________________________________________________________________
VCC
J6 VCC VCC 1.2nH BOARD TRACE C5 1000pF VCC R1 8.2 A3 C2 VCC R2 8.2 BIAS J1 B2 SHDN C1 470pF C6 18pF C7 1000pF C4 220pF C12 0.01F
Figure 1. MAX2240 EV Kit Schematic
U1
A1 D0 65, 0 = 41 (w = 5mil, l = 334mil)* A2 VCC C3 470pF RFOUT C3 RFIN GND1 GND2 C1 C9 220pF B3 50 J4 SMA RFIN 75, 0 = 26 (w = 3.6mil l = 210mil)* B1 D1 C8 8pF 50 L1 22nH VCC C10 1000pF J2 C2 470pF VCC
J7
+ C11 1F
MAX2240
J5 SMA OUT
J3
R3 8.2
Evaluates: MAX2240
_______________________________________________________________________________________
*MATERIAL IS FR4, RELATIVE DIELECTRIC CONSTANT(Er) = 4.5, 6mil THICK, 0.5oz COPPER.
MAX2240 Evaluation Kit
3
MAX2240 Evaluation Kit Evaluates: MAX2240
1.0"
Figure 2. MAX2240 EV Kit Component Placement Guide
1.0"
Figure 3. MAX2240 EV Kit PC Board Layout--Component Side
1.0"
Figure 4. MAX2240 EV Kit PC Board Layout--Ground Plane
4
_______________________________________________________________________________________
MAX2240 Evaluation Kit Evaluates: MAX2240
1.0"
Figure 5. MAX2240 EV Kit PC Board Layout--Power Plane
1.0"
Figure 6. MAX2240 EV Kit PC Board Layout--Solder Side
_______________________________________________________________________________________
5
MAX2240 Evaluation Kit Evaluates: MAX2240
NOTES
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2000 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX2240EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X