Part Number Hot Search : 
AD7687 PIC16F P4KE11 ESD9B5VD D5SB60 015L00 E213I C740004
Product Description
Full Text Search
 

To Download LM301AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by LM301A/D
Operational Amplifiers
A general purpose operational amplifier that allows the user to choose the compensation capacitor best suited to his needs. With proper compensation, summing amplifier slew rates to 10 V/s can be obtained. * Low Input Offset Current: 20 nA Maximum Over Temperature Range
LM301A LM201A
OPERATIONAL AMPLIFIERS
SEMICONDUCTOR TECHNICAL DATA
* * * *
External Frequency Compensation for Flexibility Class AB Output Provides Excellent Linearity Output Short Circuit Protection Guaranteed Drift Characteristics
8 1
Figure 1. Standard Compensation and Offset Balancing Circuit
VEE Inverting Input Non- Inverting Input Balance 10 M VCC Output + Freq Compen 30 pF
Figure 2. Double-Ended Limit Detector
VUT VCC + VO VI MZ4622 or Equiv. 3.9 V
N SUFFIX PLASTIC PACKAGE CASE 626
Balance 5.1 M VLT 20 k VEE
VEE VCC
8 1
VO VO = 4.8 V for VLT VI VUT VO = -0.4 V VI < VLT or VI > VUT
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
VEE
(Pins Not Shown Are Not Connected)
Figure 3. Representative Circuit Schematic
Balance Compensation VCC Inputs + 500 25 50 Output
PIN CONNECTIONS
Balance Inputs VEE
1 2 3 4 8 7 6 5
Compensation VCC Output Balance
(Top View)
450 40 k 40 k 80 k Device
ORDERING INFORMATION
Operating Temperature Range TA = 0 to +70C TA = - 25 to +85C Package SO-8 Plastic DIP SO-8 Plastic DIP
5k
20 k 250
10 k Balance
1.0 k VEE
LM301AD LM301AN LM201AD LM201AN
(c) Motorola, Inc. 1996
Rev 5
MOTOROLA ANALOG IC DEVICE DATA
1
LM301A LM201A
MAXIMUM RATINGS
Value Rating Power Supply Voltage Input Differential Voltage Input Common Mode Range (Note 1) Output Short Circuit Duration Power Dissipation (Package Limitation) Plastic Dual-In-Line Package (LM201A/ Derate above TA = +25C 301A) Operating Ambient Temperature Range Storage Temperature Range Symbol VCC, VEE VID VICR tSC PD 625 5.0 TA Tstg -25 to +85 625 5.0 0 to +70 mW mW/C C C LM201A 22 30 15 Continuous LM301A 18 Unit Vdc V V
- 65 to +150
NOTE: 1. For supply voltages less than 15 V, the absolute maximum input voltage is equal to the supply voltage.
ELECTRICAL CHARACTERISTICS (TA = +25C, unless otherwise noted.) Unless otherwise specified, these specifications apply for
supply voltages from 5.0 V to 20 V for the LM201A, and from 5.0 V to 15 V for the LM301A. LM201A Characteristic Ch ii Input Offset Voltage (RS 50 k) Input Offset Current Input Bias Current Input Resistance Supply Current VCC/VEE = 20 V VCC/VEE = 15 V Large Signal Voltage Gain (VCC/VEE = 15 V, VO = 10 V, RL > 2.0 k) Input Offset Voltage (RS 50 k) Input Offset Current Avg Temperature Coefficient of Input Offset Voltage TA(min) TA TA (max) Avg Temperature Coefficient of Input Offset Current +25C TA TA (max) TA(min) TA 25C Input Bias Current Large Signal Voltage Gain (VCC/VEE = 15 V, VO = 10V, RL > 2.0 k) Input Voltage Range VCC/VEE = 20 V VCC/VEE = 15 V Common Mode Rejection (RS 50 k) Supply Voltage Rejection (RS 50 k) Output Voltage Swing (VCC/VEE = 15 V, RL = 10 k, RL > 2.0 k) Supply Currents (TA = TA(max), VCC/VEE = 20 V) Symbol S bl VIO IIO IIB ri ICC,IEE - - AV 50 1.8 - 160 3.0 - - - - 25 - 1.8 160 - 3.0 - V/mV Min - - - 1.5 Typ 0.7 1.5 30 4.0 Max 2.0 10 75 - Min - - - 0.5 LM301A Typ 2.0 3.0 70 2.0 Max 7.5 50 250 - Unit Ui mV nA nA M mA
The following specifications apply over the operating temperature range. VIO IIO VIO/T IIO/T - - IIB AVOL VICR -15 - CMR PSR VO ICC,IEE 80 80 12 10 - - - 96 96 14 13 1.2 +15 - - - - - 2.5 - -12 70 70 12 10 - - - 90 96 14 13 - - +12 - - - - - dB dB V mA - 25 0.01 0.02 - - 0.1 0.2 100 - - - - 15 0.01 0.02 - - 0.3 0.6 300 - nA V/mV V - - - - - 3.0 3.0 20 15 - - - - - 6.0 10 70 30 mV nA V/C nA/C
2
MOTOROLA ANALOG IC DEVICE DATA
LM301A LM201A
Figure 4. Minimum Input Voltage Range
VOR, OUTPUT VOLTAGE RANGE ( V) 20 VIR , INPUT VOLTAGE RANGE (V) 16 Applicable to the Specified Operating Temperature Ranges 20 16 Applicable to the Specified Operating Temperature Ranges
Figure 5. Minimum Output Voltage Swing
12 Positive 8.0 4.0 0 Negative LM201A only
12 8.0 4.0 0 Minimum RL = 10 k Minimum RL = 2.0 k 0 5.0 10 15 VCC, ( -VEE), SUPPLY VOLTAGE (V) 20 LM201A only
0
5.0 10 15 VCC, ( -VEE), SUPPLY VOLTAGE (V)
20
Figure 6. Minimum Voltage Gain
100 94 A V , VOLTAGE GAIN (dB) 88 82 76 70 0 5.0 10 15 20 VCC, ( -VEE), SUPPLY VOLTAGE (V) LM201A only I CC , I EE , SUPPLY CURRENTS (mA) Applicable to the Specified Operating Temperature Ranges 2.5 2.0 1.5 1.0 0.5 0
Figure 7. Typical Supply Currents
LM201A only TA = +25C
0
5.0
10
15
20
VCC, ( -VEE), SUPPLY VOLTAGE (V)
Figure 8. Open Loop Frequency Response
180 160 140 AV , VOLTAGE GAIN (dB) 120 100 80 60 40 20 0 -20 1.0 C1 = 30 pF Gain C1 = 3.0 pF Phase Single-Pole Compensation 315 270 225 180 135 90 45 0 10 100 1.0 k 10 k 100 k 1.0 M 10 M VOR, OUTPUT VOLTAGE RANGE ( V)
Figure 9. Large Signal Frequency Response
Single-Pole Compensation 15
10 C1 = 3.0 pF
5.0 C1 = 30 pF
0 1.0 k
10 k
100 k f, FREQUENCY (Hz)
1.0 M
10 M
f, FREQUENCY (Hz)
MOTOROLA ANALOG IC DEVICE DATA
3
LM301A LM201A
Figure 10. Voltage Follower Pulse Response
10 VIR , VOR, VOLTAGE RANGE ( V) 8.0 6.0 4.0 2.0 0 -2.0 -4.0 -6.0 -8.0 -10 0 10 20 30 40 50 60 70 80 90 t, TIME (s) Input Output Single-Pole Compensation A V, VOLTAGE GAIN (dB) 140 120 100 80 60 40 20 0 -20 10 100 1.0 k 10 k 100 k 1.0 M 10 M 100 M Gain Phase Feedforward Compensation 180 135 90 45 0 PHASE LAG (DEGREES) 9.0 225
Figure 11. Open Loop Frequency Response
f, FREQUENCY (Hz)
Figure 12. Large Signal Frequency Response
18 VOR, OUTPUT VOLTAGE RANGE ( V) VOR, OUTPUT VOLTAGE RANGE ( V) Feedforward Compensation 10 8.0 6.0 4.0 2.0 0 -2.0 -4.0 -6.0 -8.0 -10 1.0 M f, FREQUENCY (Hz) 10 M 0
Figure 13. Inverter Pulse Response
Feedforward Compensation Output
16 12 8.0 4.0 0 100 k
Input
1.0
2.0
3.0 4.0 5.0 t, TIME (s)
6.0
7.0
8.0
Figure 14. Single-Pole Compensation
R2 7 2 3 + Frequency Compensation C1 R1 Cs R1 +R2 VCC
Figure 15. Feedforward Compensation
C2
R2 R1 6 VO VI 2 3 + 1 R3 C1 150 pF 7 VCC 6 4 Balance C2 = 1 2foR2 VEE VO
R1 -VI R3 +VI
8 4 1 VEE Balance C1
Cs = 30 pF
fo = 3.0 MHz
4
MOTOROLA ANALOG IC DEVICE DATA
LM301A LM201A
OUTLINE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 626-05 (LM201A and LM301A) ISSUE K
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE R
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
q
MOTOROLA ANALOG IC DEVICE DATA
5
LM301A LM201A
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
MOTOROLA ANALOG IC DEVICE DATA LM301A/D
*LM301A/D*


▲Up To Search▲   

 
Price & Availability of LM301AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X