Part Number Hot Search : 
68HC70 AD736AQZ W25X40AL N5235 FAN7085M D19GA S8430 7V5BCA
Product Description
Full Text Search
 

To Download LD3985XX50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LD3985 SERIES
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
s s
s
s
s
s
s
s
s s
s s
INPUT VOLTAGE FROM 2.5V TO 6V STABLE WITH LOW ESR CERAMIC CAPACITORS ULTRA LOW DROPOUT VOLTAGE (100mV TYP. AT 150mA LOAD, 0.4mV TYP. AT 1mA LOAD) VERY LOW QUIESCENT CURRENT (85A TYP. AT NO LOAD, 170A TYP. AT 150mA LOAD; MAX 1.5A IN OFF MODE) GUARANTEED OUTPUT CURRENT UP TO 150mA WIDE RANGE OF OUTPUT VOLTAGE: 1.25V; 1.35; 1.5; 1.8V; 2V; 2.1V; 2.2V; 2.4V; 2.5V; 2.6V; 2.7V; 2.8V; 2.85V; 2.9V; 3V; 3.1V; 3.2V; 3.3V; 4.7V; 5V FAST TURN-ON TIME: TYP. 200s [CO=1F, CBYP= 10nF AND IO=1mA] LOGIC-CONTROLLED ELECTRONIC SHUTDOWN INTERNAL CURRENT AND THERMAL LIMIT OUTPUT LOW NOISE VOLTAGE 30VRMS OVER 10Hz to 100KHz S.V.R. OF 60dB AT 1KHz, 50dB AT 10KHz TEMPERATURE RANGE: -40C TO 125C
Flip-Chip (1.57x1.22)
SOT23-5L
DESCRIPTION The LD3985 provides up to 150mA, from 2.5V to 6V input voltage. SCHEMATIC DIAGRAM
The ultra low drop-voltage, low quiescent current and low noise make it suitable for low power applications and in battery powered systems. Regulator ground current increases only slightly in dropout, further prolonging the battery life. Power supply rejection is better than 60 dB at low frequencies and starts to roll off at 10KHz. High power supply rejection is maintained down to low input voltage levels common to battery operated circuits. Shutdown Logic Control function is available, this means that when the device is used as local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. The LD3985 is designed to work with low ESR ceramic capacitors. Typical applications are in mobile phone and similar battery powered wireless systems.
July 2003
1/12
LD3985 SERIES
ABSOLUTE MAXIMUM RATINGS
Symbol VI VO VINH IO PD TSTG TOP DC Input Voltage DC Output Voltage INHIBIT Input Voltage Output Current Power Dissipation Storage Temperature Range Operating Junction Temperature Range Parameter Value -0.3 to 6 (*) -0.3 to VI+0.3 -0.3 to VI+0.3 Internally limited Internally limited -65 to 150 -40 to 125 C C Unit V V V
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. (*) The input pin is able to withstand non repetitive spike of 6.5V for 200ms.
THERMAL DATA
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient SOT23-5L 81 255 170 Flip-Chip Unit C/W C/W
Rthj-case Thermal Resistance Junction-case
CONNECTION DIAGRAM (top view for SOT, top through view for Flip-Chip)
SOT23-5L
Flip-Chip
PIN DESCRIPTION
Pin N SOT23-5L 1 2 3 4 5 Pin N Flip-Chip 4 2 1 5 3 Symbol VI GND VINH BYPASS VO Input Voltage of the LDO Common Ground Inhibit Input Voltage: ON MODE when VINH 1.2V, OFF MODE when VINH 0.4V (Do not leave floating, not internally pulled down/up) Bypass Pin: Connect an external capacitor (usually 10nF) to minimize noise voltage Output Voltage of the LDO Name and Function
2/12
LD3985 SERIES
ORDERING CODES
SOT23-5L LD3985M125R LD3985M135R LD3985M15R LD3985M18R LD3985M20R LD3985M21R LD3985M22R LD3985M24R LD3985M25R LD3985M26R LD3985M27R LD3985M28R LD3985M285R LD3985M29R LD3985M30R LD3985M31R LD3985M32R LD3985M33R LD3985M47R LD3985M48R LD3985M49R LD3985M50R Flip-Chip LD3985J125R LD3985J135R LD3985J15R LD3985J18R LD3985J20R LD3985J21R LD3985J22R LD3985J24R LD3985J25R LD3985J26R LD3985J27R LD3985J28R LD3985J285R LD3985J29R LD3985J30R LD3985J31R LD3985J32R LD3985J33R LD3985J47R LD3985J48R LD3985J49R LD3985J50R OUTPUT VOLTAGES 1.25 V 1.35 V 1.5 V 1.8 V 2.0 V 2.1 V 2.2 V 2.4 V 2.5 V 2.6 V 2.7 V 2.8 V 2.85 V 2.9 V 3.0 V 3.1 V 3.2 V 3.3 V 4.7 V 4.8 V 4.9 V 5.0 V
TYPICAL APPLICATION CIRCUIT
3/12
LD3985 SERIES
ELECTRICAL CHARACTERISTICS FOR LD3985 (Tj = 25C, VI = VO(NOM) +0.5V, CI = 1F, CBYP = 10nF, IO = 1mA, VINH = 1.4V, unless otherwise specified)
Symbol VI VO VO VO Parameter Operating Input Voltage Output Voltage Line Regulation (Note 1) Load Regulation IO = 1 mA TJ= -40 to 125C VI = VO(NOM) + 0.5 to 6 VTJ= -40 to 125C VO = 4.7 to 5V IO = 1 mA to 150mA (for Flip Chip) TJ= -40 to 125C Test Conditions Min. 2.5 -2 -3 -0.1 -0.19 0.0004 0.0025 1.5 85 TJ= -40 to 125C 170 TJ= -40 to 125C 0.003 TJ= -40 to 125C VDROP Dropout Voltage (NOTE 1) IO = 1mA IO = 1mA IO = 50mA IO = 50mA IO = 100mA IO = 100mA IO = 150mA IO = 150mA ISC SVR Short Circuit Current Supply Voltage Rejection RL = 0 VI = VO(NOM)+0.25V f = 1KHz VRIPPLE = 0.1V, IO= 50mA f = 10KHz VO(NOM) < 2.5V, VI = 2.55V VO VO(NOM) - 5% VI = 2.5V to 6V VINH = 0.4V CBYP = 10 nF Note 5 Capacitance (Note 6) ESR 1 5 TJ= -40 to 125C 1.2 VI = 6V CO = 1 F 1 30 200 160 22 5000 nA VRMS s C F m BW = 10 Hz to 100 KHz 300 TJ= -40 to 125C 600 60 50 550 0.4 TJ= -40 to 125C 60 100 mA dB TJ= -40 to 125C 45 70 TJ= -40 to 125C 20 35 0.4 2 1.5 mV 250 150 Typ. Max. 6 2 3 0.1 0.19 0.002 0.005 mVPP A %/mA Unit V % of VO(NOM) %/V
VO IQ
IO = 1 mA to 150mA, TJ= -40 to 125C (for SOT23-5L) Output AC Line Regulation VI = VO(NOM) + 1 V, IO = 150mA, tR= tF = 30s Quiescent Current ON MODE: VINH = 1.2V IO = 0 IO = 0 IO = 0 to 150mA IO = 0 to 150mA OFF MODE: VINH = 0.4V
IO(PK) VINH IINH eN tON TSHDN CO
Peak Output Current Inhibit Input Logic Low Inhibit Input Logic High Inhibit Input Current Output Noise Voltage Turn On Time (Note 4) Thermal Shutdown Output Capacitor
mA V
Note 1 - For VO(NOM) < 2V, VI = 2.5V Note 2 - For VO(NOM) = 1.25V, VI = 2.5V Note 3 - Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification does not apply for input voltages below 2.5V. Note 4 - Turn-on time is time measured between the enable input just exceeding VINH High Value and the output voltage just reaching 95% of its nominal value Note 5 - Typical thermal protection hysteresis is 20C Note 6 - The minimum capacitor value is 1F, anyway the LD3985 is still stable if the compensation capacitor has a 30% tolerance in all temperature range.
4/12
LD3985 SERIES
TYPICAL PERFORMANCE CHARACTERISTICS (Tj = 25C, VI = VO(NOM) +0.5V, CI = CO = 1F, CBYP = 10nF, IO = 1mA, VINH = 1.4V, unless otherwise specified) Figure 1 : Output Voltage vs Temperature Figure 4 : Shutdown Voltage vs Temperature
Figure 2 : Output Voltage vs Temperature
Figure 5 : Shutdown Voltage vs Temperature
Figure 3 : Output Voltage vs Temperature
Figure 6 : Line Regulation vs Temperature
5/12
LD3985 SERIES
Figure 7 : Line Regulation vs Temperature Figure 10 : Load Regulation vs Temperature
Figure 8 : Line Regulation vs Temperature
Figure 11 : Load Regulation vs Temperature
Figure 9 : Load Regulation vs Temperature
Figure 12 : Quiescent Current vs Temperature
6/12
LD3985 SERIES
Figure 13 : Quiescent Current vs Temperature Figure 16 : Load Transient Response
VI = 3.2V, IO = 1 to 150mA, Rise-Fall time = 1sec
Figure 14 : Quiescent Current vs Temperature
Figure 17 : Line Transient Response
VI = 3.8V to 4.4V, TJ = 25C, IO = 150mA, CI = CO = 1F (X7R), CBYP = 10nF, Rise-Fall time = 1sec, VO = 2.7V
Figure 15 : Supply Voltage Rejection vs Frequency
Figure 18 : START-UP
VI = 3.3V, IO = 1mA, CI = CO = 1F (cer), CBYP = 10nF, Tr = 20ns, VO = 2.8V
7/12
LD3985 SERIES
Figure 19 : TURN-OFF
VI = 3.3V, IO = 1mA, CI = CO = 1F (cer), CBYP = 10nF, Tf = 20ns, VO = 2.8V
8/12
LD3985 SERIES
SOT23-5L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E e H L 2.60 0.10 0.90 0.00 0.90 0.35 0.09 2.80 1.50 0.95 3.00 0.60 102.3 3.9 TYP MAX. 1.45 0.10 1.30 0.50 0.20 3.00 1.75 MIN. 35.4 0.0 35.4 13.7 3.5 110.2 59.0 37.4 118.1 23.6 TYP. MAX. 57.1 3.9 51.2 19.7 7.8 118.1 68.8 mils
.
7049676C
9/12
LD3985 SERIES
Flip-Chip5 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b D E e e1 f f1 0.835 0.21 0.625 0.265 1.510 1.16 0.45 0.816 TYP 0.9 0.25 0.65 0.315 1.540 1.19 0.5 0.866 0.345 0.337 MAX. 0.965 0.29 0.675 0.365 1.570 1.22 0.55 0.916 MIN. 32.874 8.268 24.606 10.433 59.449 45.669 17.717 32.126 TYP. 35.433 9.843 25.591 12.402 60.630 46.850 19.685 34.094 13.583 13.268 MAX. 37.992 11.417 26.575 14.370 61.811 48.031 21.654 36.063 mils
10/12
LD3985 SERIES
Tape & Reel SOT23-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.13 3.07 1.27 3.9 3.9 3.23 3.17 1.37 4.0 4.0 12.8 20.2 60 14.4 3.33 3.27 1.47 4.1 4.1 0.123 0.120 0.050 0.153 0.153 0.127 0.124 0.054 0.157 0.157 13.0 TYP MAX. 180 13.2 0.504 0.795 2.362 0.567 0.131 0.128 0.0.58 0.161 0.161 0.512 MIN. TYP. MAX. 7.086 0.519 inch
11/12
LD3985 SERIES
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of LD3985XX50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X