Part Number Hot Search : 
16010 RS1MB LH28F160 PW654425 3SMC110A 5KE11A RS403 SR540
Product Description
Full Text Search
 

To Download IRFP460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MegaMOSTM Power MOSFET
IRFP 460 VDSS
ID(cont) RDS(on)
= 500 V = 20 A = 0.27
N-Channel Enhancement Mode, HDMOSTM Family
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR dv/dt PD TJ TJM T stg Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C
Maximum Ratings 500 500 20 30 20 80 20 28 3.5 260 -55 ... +150 150 -55 ... +150 V V V V A A A mJ V/ns
TO-247 AD
D (TAB)
G = Gate, S = Source,
D = Drain, TAB = Drain
Features C C C
l l l l l l l
W
Repetitive avalanche energy rated Fast switching times Low RDS (on) HDMOSTM process Rugged polysilicon gate cell structure High Commutating dv/dt Rating
Mounting torque
1.15/10 Nm/lb.in. 6 300 g C Applications Switching Power Supplies Motor controls
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 500 2 4 100 TJ = 25C TJ = 125C 0.25 25 250 0.27 V V nA A A
VDSS VGS(th) IGSS IDSS R DS(on)
VGS = 0 V, ID = 250 A VDS = VGS, ID = 250 A VGS = 20 VDC, VDS = 0 VDS = 0.8 * VDSS VGS = 0 V
VGS = 10 V, ID = 12 A Pulse test, t 300 s, duty cycle d 2 %
IXYS reserves the right to change limits, test conditions, and dimensions.
92825D (5/98)
(c) 2000 IXYS All rights reserved
1-4
IRFP 460
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 13 21 4200 VGS = 0 V, VDS = 25 V, f = 1 MHz 450 135 23 VGS = 10 V, VDS = 250 V, ID = 20 A RG = 4.3 , (External) 81 85 65 135 VGS = 10 V, VDS = 200 V, ID = 20 A 28 62 35 120 130 98 210 40 110 0.45 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Terminals: 1 - Gate 3 - Source 2 - Drain Tab - Drain
1 2 3
TO-247 AD Outline
gfs Ciss Coss Crss t d(on) tr td(off) tf Q g(on) Q gs Q gd R thJC R thCK
VDS = 10 V; ID = 12 A, pulse test
Dim.
Source-Drain Diode Symbol IS ISM VSD t rr Q rr Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 20 80 1.8 570 5.7 860 A A V ns C
Millimeter Inches Min. Max. Min. Max. A 4.7 5.3 .185 .209 A1 2.2 2.54 .087 .102 A2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b1 1.65 2.13 .065 .084 b2 2.87 3.12 .113 .123 C .4 .8 .016 .031 D 20.80 21.46 .819 .845 E 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 L 19.81 20.32 .780 .800 L1 4.50 .177 P 3.55 3.65 .140 .144 Q 5.89 6.40 0.232 0.252 R 4.32 5.49 .170 .216 S 6.15 BSC 242 BSC
Repetitive; pulse width limited by TJM IF = 20 A, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = 20 A, -di/dt = 100 A/s, VR = 100 V
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-4
IRFP 460
50
TJ = 25OC VGS=10V 9V 8V 7V
40
30
TJ = 125OC
VGS=10V 9V 8V 7V 6V
ID - Amperes
30 20
5V
ID - Amperes
6V
20
5V
10
10 0
0
4
8
12
16
20
0 0 4 8 12 16 20
VDS - Volts
VDS - Volts
Figure 1. Output Characteristics at 25OC
2.8
VGS = 10V
Figure 2. Output Characteristics at 125OC
6
VGS = 10V
RDS(ON) - Normalized
Tj=1250 C
RDS(ON) - Normalized
2.4 2.0 1.6 1.2 0.8 0 10 20 30 40 50
5
ID = 24A
4 3
ID = 12A
Tj=250 C
2 1 25
50
75
100
125
150
ID - Amperes
TJ - Degrees C
Figure 3. RDS(on) normalized to value at ID = 12A
25 20
Figure 4. RDS(on) normalized to value at ID = 12A
24 20
ID - Amperes
ID - Amperes
15 10 5
16 12
TJ = 125oC
8
TJ = 25oC
4
0
-50
-25
0
25
50
75
100 125 150
0 0 2 4 6 8
TC - Degrees C
VGS - Volts
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
(c) 2000 IXYS All rights reserved
3-4
IRFP 460
12 10
VDS = 400V ID = 15A
5000
Ciss
2500
VGS - Volts
8 6 4 2 0 0 50 100 150 200
Capacitance - pF
f = 1MHz
Coss
1000 500
Crss
250
100 0 5 10 15 20 25
Gate Charge - nC
VDS - Volts
Figure 7. Gate Charge
50 100
Figure 8. Capacitance Curves
40 0.1ms
ID - Amperes
30
TJ = 125OC
ID - Amperes
10 1ms 10ms 1 TC = 25OC 100ms DC
20
TJ = 25OC
10
0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
10
100
500
VSD - Volts
VDS - Volts
Figure 9. Source Current vs. Source to Drain Voltage
Figure10. Forward Bias Safe Operating Area
1
R(th)JC - K/W
Single pulse
0.1
0.01 10-4
10-3
10-2
10-1
100
101
Pulse Width - Seconds
Figure 11. Transient Thermal Resistance
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of IRFP460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X