Part Number Hot Search : 
MC3303 BAT64W MAX63 PCA9550D CHM4412 NTE527 6DC13 2920L185
Product Description
Full Text Search
 

To Download IDT74LVCHR16543A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 16-BIT IDT74LVCHR16543A REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
* Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * All inputs, outputs, and I/O are 5V tolerant * Supports hot insertion * Available in SSOP, TSSOP, and TVSOP packages
FEATURES:
DRIVE FEATURES:
* Balanced Output Drivers: 12mA * Low switching noise
APPLICATIONS:
* 5V and 3.3V mixed voltage systems * Data communication and telecommunication systems
The LVCHR16543A 16-bit registered transceiver is built using advanced dual metal CMOS technology. The LVCHR16543A device can be used as two independent 8-bit transceivers or one 16-bit transceiver. Separate latch-enable (LEAB or LEBA) and output-enable(OEAB or OEBA) inputs are provided for each register to permit independent control in either direction of data flow. The A-to-B enable (CEAB) must be low in order to enter data from A or to output data from B. If CEAB is low and LEAB is low, the Ato-B latches are transparent; a subsequent low-to-high transition of LEAB puts the A latches in the storage mode. With CEAB and OEAB both low, the 3-state B outputs are active and reflect the data present at the output of the A latches. Data flow from B to A is similar, but requires using the CEBA, LEBA, and OEBA inputs. To ensure the high-impedance state during power up or power down, OE should be tied to Vcc through a pullup resistor; the minmum value of the resistor is determined by the current sinking capability of the driver. The LVCHR16543A has series resistors in the device output structure which will significantly reduce line noise when used with light loads. The driver has been designed to drive 12mA at the designated threshold levels. Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of this device as a translator in a mixed 3.3V/5V supply system. The LVCHR16543A has "bus-hold" which retains the input's last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors.
DESCRIPTION:
FUNCTIONAL BLOCK DIAGRAM
1OEBA 1CEBA 54 1LEBA 1OEAB 1CEAB 1LEAB
55 1 3 2 56
2OEBA
29
2CEBA 31 2LEBA 2OEAB 2CEAB 2LEAB
30 28 26 27
C1
1A1
5
2A1
15
C1
42
1D C1 1D
52
1B1
1D C1 1D
2B1
TO SEVEN OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
TO SEVEN OTHER CHANNELS
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
OCTOBER 1999
DSC-4680/1
IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VO < 0 Continuous Current through each VCC or GND -0.5 to +6.5 -65 to +150 -50 to +50 -50 100 TSTG
Unit V C mA mA mA
1OEAB 1LEAB 1CEAB
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1OEBA 1LEBA 1CEBA
IOUT IIK IOK ICC ISS
GND
1A1 1A2
GND
1B1 1B2
VCC
1A3 1A4 1A5
VCC
1B3 1B4 1B5
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 4.5 6.5 6.5 Max. 6 8 8 Unit pF pF pF
GND
1A6 1A7 1A8 2A1 2A2 2A3
GND
1B6 1B7 1B8 2B1 2B2 2B3
NOTE: 1. As applicable to the device type.
PIN DESCRIPTION
Pin Names xOEAB xOEBA xCEAB xCEBA xLEAB xLEBA xAx xBx Description A-to-B Output Enable Input (Active LOW) B-to-A Output Enable Input (Active LOW) A-to-B Enable Input (Active LOW) B-to-A Enable Input (Active LOW) A-to-B Latch Enable Input (Active LOW) B-to-A Latch Enable Input (Active LOW) A-to-B Data Inputs or B-to-A 3-State Outputs(1) B-to-A Data Inputs or A-to-B 3-State Outputs(1)
GND
2A4 2A5 2A6
GND
2B4 2B5 2B6
VCC
2A7 2A8
VCC
2B7 2B8
NOTE: 1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.
FUNCTION TABLE (EACH 8-BIT SECTION)(1,2)
Inputs xCEAB H X L L L xLEAB X X H L L xOEAB X H L L L xAx X X X L H Output Buffers xBx Z Z B(3) L H
GND
2CEAB 2LEAB 2OEAB
GND
2CEBA 2LEBA 2OEBA
SSOP/ TSSOP/ TVSOP TOP VIEW
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance 2. A-to-B data flow is shown. B-to-A data flow is similar but uses CEBA, LEBA, and OEBA. 3. Before LEAB LOW-to-HIGH transition.
2
IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL IOFF VIK VH ICCL ICCH ICCZ ICC High Impedance Output Current (3-State Output pins) Input/Output Power Off Leakage Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 0V, VIN or VO 5.5V VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC -- -- -- -- -- -- -- -0.7 100 -- -- -- 50 -1.2 -- 10 10 500 A V mV A VCC = 3.6V VO = 0 to 5.5V -- -- 10 A Parameter Input HIGH Voltage Level Input LOW Voltage Level Input Leakage Current VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VI = 0 to 5.5V Test Conditions Min. 1.7 2 -- -- -- Typ.(1) -- -- -- -- -- Max. -- -- 0.7 0.8 5 A V Unit V
Quiescent Power Supply Current Variation
3.6 VIN 5.5V(2) One input at VCC - 0.6V, other inputs at VCC or GND
A
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. This applies in the disabled state only.
BUS-HOLD CHARACTERISTICS
Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO
NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient.
Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V
Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V
Min. - 75 75 -- -- --
Typ.(2) -- -- -- -- --
Max. -- -- -- -- 500
Unit A A A
3
IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.7V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 4mA IOH = - 6mA IOH = - 4mA IOH = - 8mA IOH = - 6mA IOH = - 12mA IOL = 0.1mA IOL = 4mA IOL = 6mA IOL = 4mA IOL = 8mA IOL = 6mA IOL = 12mA Min. VCC - 0.2 1.9 1.7 2.2 2 2.4 2 -- -- -- -- -- -- -- Max. -- -- -- -- -- -- -- 0.2 0.4 0.55 0.4 0.6 0.55 0.8 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, VCC = 3.3V 0.3V, TA = 25C
Symbol CPD CPD Parameter Power Dissipation Capacitance per Transceiver Outputs enabled Power Dissipation Capacitance per Transceiver Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical Unit pF
4
IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPZH tPZL tPHZ tPLZ tPHZ tPLZ tSU tSU tH tH tW tSK(o) Parameter Propagation Delay xAx to xBx or xBx to xAx Propagation Delay xLEBA to xAx, xLEAB to xBx Output Enable Time xCEBA or xCEAB to xAx or xBx Output Enable Time xOEBA or xOEAB to xAx or xBx Output Disable Time xCEBA or xCEAB to xAx or xBx Output Disable Time xOEBA or xOEAB to xAx or xBx Set-up Time, data before CE Set-up Time, data before LE, CE LOW Hold Time, data after CE Hold Time, data after LE, CE LOW Pulse Duration, xLEBA or xLEAB, xCEBA or xCEAB LOW Output Skew(2) 2 2 2 2 5 -- -- -- -- -- 2 2 2 2 5 -- -- -- -- -- 500 ns ns ns ns ns ps 1.5 7.5 1.5 6.5 ns 1.5 7.5 1.5 6.5 ns 1.5 9 1.5 8 ns 1.5 9 1.5 8 ns 1.5 8 1.5 7 ns Min. 1.5 Max. 7 VCC = 3.3V 0.3V Min. 1.5 Max. 6 Unit ns
--
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
5
IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
VIH VT 0V VOH VT VOL VIH VT 0V
LVC Link
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse (1, 2) Generator VIN D.U.T. RT 500 CL
LVC Link
SAME PHASE INPUT TRANSITION
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION
tPHL
6 2.7 1.5 300 300 50
tPHL
Propagation Delay
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VLZ VOL VOH VHZ 0V
LVC Link
VOUT
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH VT 0V VOH VT VOL VOH VT VOL tPLH2 tPHL2
LVC Link
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
LVC Link
Set-up, Hold, and Release Times
INPUT
tPLH1
tPHL1
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
VT
OUTPUT 1
tSK (x)
tSK (x)
VT
LVC Link
OUTPUT 2
Pulse Width
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
6
IDT74LVCHR16543A 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
X LVC IDT XX Bus-Hold Temp. Range XX Family XX XXXX Device Type Package
PV PA PF
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package
543A 16-Bit Registered Transceiver R16 H 74 Double-Density, 12mA Bus-hold -40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74LVCHR16543A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X