Part Number Hot Search : 
01112 GAANUA 10TFI0 AD9049BR 1H222M L9637D CAT28 01112
Product Description
Full Text Search
 

To Download ICS954201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS954201
Programmable Timing Control HubTM for Mobile P4TM Systems
Recommended Application: CK410M clock, Intel Yellow Cover part Output Features: * 2 - 0.7V current-mode differential CPU pairs * 7 - 0.7V current-mode differential SRC pair for SATA and PCI-E * 1 - 0.7V current-mode differential CPU/SRC selectable pair * 4 - PCI (33MHz) * 2 - PCICLK_F, (33MHz) free-running * 1 - USB, 48MHz * 1 - DOT, 96MHz, 0.7V current differential pair * 1 - REF, 14.318MHz Key Specifications: * CPU outputs cycle-cycle jitter < 85ps * SRC outputs cycle-cycle jitter < 125ps * PCI outputs cycle-cycle jitter < 500ps * +/- 300ppm frequency accuracy on CPU & SRC clocks * +/- 100ppm frequency accuracy on USB clocks Pin Configuration
VDDPCI GND PCICLK3 PCICLK4 PCICLK5 GND VDDPCI ITP_EN/PCICLK_F0 PCICLK_F1 Vtt_PwrGd#/PD VDD48 USB_48MHz/FS_A GND DOTT_96MHz DOTC_96MHz FS_B/TEST_MODE SRCCLKT0 SRCCLKC0 SRCCLKT1 SRCCLKC1 VDDSRC SRCCLKT2 SRCCLKC2 SRCCLKT3 SRCCLKC3 SRCCLKT4_SATA SRCCLKC4_SATA VDDSRC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 PCICLK2 PCI/SRC_STOP# CPU_STOP# FS_C/TEST_SEL REFOUT GND X1 X2 VDDREF SDATA 1. SCLK GND 2. CPUCLKT0 CPUCLKC0 VDDCPU CPUCLKT1 CPUCLKC1 IREF GNDA VDDA CPUCLKT2_ITP/SRCCLKT7 CPUCLKC2_ITP/SRCCLKC7 VDDSRC SRCCLKT6 SRCCLKC6 SRCCLKT5 SRCCLKC5 GND
Features/Benefits: * Supports tight ppm accuracy clocks for Serial-ATA and PCI-Express * Supports spread spectrum modulation, 0 to -0.5% down spread * * * Supports CPU clocks up to 400MHz Uses external 14.318MHz crystal, external crystal load caps are required for frequency tuning Supports undriven differential CPU, SRC pair in PD# for power management.
Functionality
FS_C 0 0 0 0 1 1 1 1
1
FS_B FS_A 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1
2
2
CPU SRC MHz MHz 266.66 100.00 133.33 100.00 200.00 100.00 166.66 100.00 333.33 100.00 100.00 100.00 400.00 100.00 RESERVED
PCI MHz 33.33 33.33 33.33 33.33 33.33 33.33 33.33
REF MHz 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318
USB MHz 48.00 48.00 48.00 48.00 48.00 48.00 48.00 48.00
DOT MHz 96.00 96.00 96.00 96.00 96.00 96.00 96.00 96.00
FS_C is a three-level input. Please see VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values. Also refer to the Test Clarification Table. FS_B and FS_A are low-threshold inputs. Please see the VIL_FS and VIH_FS specifications in the Input/Supply/Common Output Parameters Table for correct values.
56-pin SSOP & TSSOP
0819G--12/06/04
ICS954201
Integrated Circuit Systems, Inc.
ICS954201
Pin Description
PIN # PIN NAME 1 2 3 4 5 6 7 8 9 VDDPCI GND PCICLK3 PCICLK4 PCICLK5 GND VDDPCI ITP_EN/PCICLK_F0 PCICLK_F1 PIN TYPE PWR PWR OUT OUT OUT PWR PWR I/O OUT DESCRIPTION Power supply for PCI clocks, nominal 3.3V Ground pin. PCI clock output. PCI clock output. PCI clock output. Ground pin. Power supply for PCI clocks, nominal 3.3V Free running PCI clock not affected by PCI_STOP#. ITP_EN: latched input to select pin functionality 1 = CPU_ITP pair 0 = SRC pair Free running PCI clock not affected by PCI_STOP# . Vtt_PwrGd# is an active low input used to determine when latched inputs are ready to be sampled. PD is an asynchronous active high input pin used to put the device into a low power state. The internal clocks, PLLs and the crystal oscillator are stopped. Power pin for the 48MHz output.3.3V Frequency select latch input pin / Fixed 48MHz USB clock output. 3.3V. Ground pin. True clock of differential pair for 96.00MHz DOT clock. Complement clock of differential pair for 96.00MHz DOT clock. 3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test mode. Refer to Test Clarification Table. True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. Supply for SRC clocks, 3.3V nominal True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. True clock of differential SRC/SATA pair. Complement clock of differential SRC/SATA pair. Supply for SRC clocks, 3.3V nominal
10
Vtt_PwrGd#/PD
IN
11 12 13 14 15
VDD48 USB_48MHz/FS_A GND DOTT_96MHz DOTC_96MHz
PWR I/O PWR OUT OUT
16
FS_B/TEST_MODE
IN
17 18 19 20 21 22 23 24 25 26 27 28
SRCCLKT0 SRCCLKC0 SRCCLKT1 SRCCLKC1 VDDSRC SRCCLKT2 SRCCLKC2 SRCCLKT3 SRCCLKC3 SRCCLKT4_SATA SRCCLKC4_SATA VDDSRC
OUT OUT OUT OUT PWR OUT OUT OUT OUT OUT OUT PWR
0819G--12/06/04
2
Integrated Circuit Systems, Inc.
ICS954201
Pin Description (Continued)
PIN # 29 30 31 32 33 34 35 PIN NAME GND SRCCLKC5 SRCCLKT5 SRCCLKC6 SRCCLKT6 VDDSRC CPUCLKC2_ITP/SRCCLKC7 TYPE PWR OUT OUT OUT OUT PWR OUT DESCRIPTION Ground pin. Complement clock of differential SRC clock pair. True clock of differential SRC clock pair. Complement clock of differential SRC clock pair. True clock of differential SRC clock pair. Supply for SRC clocks, 3.3V nominal Complimentary clock of CPU_ITP/SRC differential pair CPU_ITP/SRC output. These are current mode outputs. External resistors are required for voltage bias. Selected by ITP_EN input. True clock of CPU_ITP/SRC differential pair CPU_ITP/SRC output. These are current mode outputs. External resistors are required for voltage bias. Selected by ITP_EN input. 3.3V power for the PLL core. Ground pin for the PLL core. This pin establishes the reference current for the differential current-mode output pairs. This pin requires a fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard value. Complimentary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Supply for CPU clocks, 3.3V nominal Complimentary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Ground pin. Clock pin of SMBus circuitry, 5V tolerant. Data pin for SMBus circuitry, 5V tolerant. Ref, XTAL power supply, nominal 3.3V Crystal output, Nominally 14.318MHz Crystal input, Nominally 14.318MHz. Ground pin. Reference Clock output 3.3V tolerant input for CPU frequency selection. Low voltage threshold inputs, see input electrical characteristics for Vil_FS and Vih_FS values. TEST_Sel: 3-level latched input to enable test mode. Refer to Test Clarification Table Stops all CPUCLK, except those set to be free running clocks Stops all PCICLKs and SRCCLKs besides the free-running clocks at logic 0 level, when input low PCI clock output.
36 37 38 39
CPUCLKT2_ITP/SRCCLKT7 VDDA GNDA IREF
OUT PWR PWR OUT
40 41 42 43 44 45 46 47 48 49 50 51 52
CPUCLKC1 CPUCLKT1 VDDCPU CPUCLKC0 CPUCLKT0 GND SCLK SDATA VDDREF X2 X1 GND REFOUT
OUT OUT PWR OUT OUT PWR IN I/O PWR OUT IN PWR OUT
53
FS_C/TEST_SEL
IN
54 55 56
CPU_STOP# PCI/SRC_STOP# PCICLK2
IN IN OUT
0819G--12/06/04
3
Integrated Circuit Systems, Inc.
ICS954201
General Description
ICS954201 is a CK410M Yellow Cover clock synthesizer. ICS954201 provides a single-chip solution for mobile systems built with Intel P4-M processors and Intel mobile chipsets. ICS954201 is driven with a 14.318MHz crystal and generates CPU outputs up to 400MHz. It provides the tight ppm accuracy required by Serial ATA and PCI-Express.
Block Diagram
REF USB_48MHz X1 X2 XTAL OSC. FIXED PLL DIVIDER DOT_96MHz
PCICLK(5:2) PCICLK_F(1:0)
PROG. SPREAD MAIN PLL
SRCCLK(6:0) PROG. DIVIDERS CPUCLK2_ITP/SRCCLK7
CPUCLK(1:0) PCI/SRC_STOP# CPU_STOP# FS(C:A) ITP_EN TEST_MODE TEST_SEL VTT_PWRGD#/PD SDATA SCLK IREF CONTROL LOGIC
Power Groups
Pin Number VDD GND 48 51 1,7 2,6 21,28,34 29 37 38 11 13 42 45 Description Xtal, Ref PCICLK outputs SRCCLK outputs Master clock, CPU Analog DOT, USB, PLL_48 CPUCLK clocks
0819G--12/06/04
4
Integrated Circuit Systems, Inc.
ICS954201
General I2C serial interface information for the ICS954201 How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) sends the data byte count = X ICS clock will acknowledge Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) * ICS clock will acknowledge each byte one at a time * Controller (host) sends a Stop bit * * * * * * * *
How to Read:
* * * * * * * * * * * * * * Controller (host) will send start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) will send a separate start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the data byte count = X ICS clock sends Byte N + X -1 ICS clock sends Byte 0 through byte X (if X(H) was written to byte 8). Controller (host) will need to acknowledge each byte Controllor (host) will send a not acknowledge bit Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host) starT bit T Slave Address D2(H) WRite WR Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK X Byte ICS (Slave/Receiver)
Index Block Read Operation
Controller (Host) T starT bit Slave Address D2(H) WR WRite Beginning Byte = N ACK RT Repeat starT Slave Address D3(H) RD ReaD ACK Data Byte Count = X ACK Beginning Byte N ACK ICS (Slave/Receiver)
ACK
ACK
Byte N + X - 1 ACK P stoP bit
X Byte Byte N + X - 1 N P Not acknowledge stoP bit
0819G--12/06/04
5
Integrated Circuit Systems, Inc.
ICS954201
Absolute Max
Symbol VDD_A VDD_In Ts Tambient Tcase ESD prot Parameter 3.3V Core Supply Voltage 3.3V Logic Input Supply Voltage Storage Temperature Ambient Operating Temp Case Temperature Input ESD protection human body model Min GND - 0.5 -65 0 Max V DD + 0.5V V DD + 0.5V 150 70 115 Units V V C C C V
2000
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage V DD = 3.3 V +/-5% PARAMETER Input High Voltage Input Low Voltage Input High Current SYMBOL V IH V IL I IH I IL1 Input Low Current I IL2 Low Threshold Input High Voltage Low Threshold Input Low Voltage Operating Supply Current Powerdown Current Input Frequency Pin Inductance1
3
CONDITIONS 3.3 V +/-5%
MIN 2
TYP
MAX VDD + 0.3 0.8 5
UNITS Notes V V uA uA uA 1 1 1 1 1 1 1
3.3 V +/-5% V SS - 0.3 V IN = VDD -5 VIN = 0 V; Inputs with no pull-up -5 resistors V IN = 0 V; Inputs with pull-up -200 resistors 3.3 V +/-5% 3.3 V +/-5% Full Active, CL = Full load; all diff pairs driven all differential pairs tri-stated VDD = 3.3 V Logic Inputs Output pin capacitance X1 & X2 pins From V DD Power-Up or deassertion of PD# to 1st clock Triangular Modulation SRC output enable after PCI_STOP de-assertion Differential output enable after PD# de-assertion PD# fall time of PD# rise time of CPU output enable after CPU_STOP de-assertion CPU_STOP fall time of CPU_STOP rise time of SDATA, SCLK @ I PULLUP VOL = 0.4 V (Max VIL - 0.15) to (Min VIH + 0.15) (Min VIH + 0.15) to (Max VIL - 0.15) 0.7 V SS - 0.3 278 67 4.8 14.31818
VIH_FS VIL_FS I DD3.3OP I DD3.3PD Fi Lpin CIN COUT CINX TSTAB
VDD + 0.3 0.35 400 70 12 7 5 6 5 1.3 1.8 33 8 10 300 5 5 8 10 5 5 5.5 0.4
V V mA mA mA MHz nH pF pF pF ms kHz ns us ns ns ns ns ns V V mA ns ns
Input Capacitance1 Clk Stabilization1,2 Modulation Frequency Tdrive_SRC Tdrive_PD Tfall_PD Trise_PD Tdrive_CPU_STOP Tfall_CPU_STOP Trise_CPU_STOP# SMBus Voltage Low-level Output Voltage Current sinking SCLK/SDATA Clock/Data Rise Time SCLK/SDATA Clock/Data Fall Time
1 2
3 1 1 1 1 1,2 1 1 1 1 2 1 1 2 1 1 1 1,3 1,3
30
V DD V OL I PULLUP TRI2C TFI2C
2.7 4
1000 300
Guaranteed by design, not 100% tested in production. See timing diagrams for timing requirements. 3 Input frequency should be measured at the REF output pin and tuned to ideal 14.31818MHz to meet
0819G--12/06/04
6
Integrated Circuit Systems, Inc.
ICS954201
Electrical Characteristics - SRC 0.7V Current Mode Differential Pair
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2, RP=49.9, REF = 475 PARAMETER Current Source Output Impedance Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Long Accuracy Average period Absolute min/max period Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle SYMBOL Zo1 VHigh VLow Vovs Vuds Vcross (abs) d-Vcross ppm Tperiod Tabs tr tf d-tr d-tf dt3 CONDITIONS VO = Vx Statistical measurement on single ended signal using oscilloscope Measurement on single ended signal using absolute value. MIN 3000 660 -150 -300 250 Variation of crossing over all edges see Tperiod min-max values 100.00MHz non-spread 100.00MHz spread 100.00MHz non-spread 100.00MHz spread VOL = 0.175V, VOH = 0.525V VOH = 0.525V, VOL = 0.175V 760 2 782 -33 344 97 -300 9.9970 9.8720 175 175 9.9999 9.9999 260 212 20 13 850 150 1150 550 140 300 10.0030 10.0533 10.1280 10.1783 700 700 125 125 TYP MAX UNITS Notes mV mV mV mV ppm ns ns ns ns ps ps ps ps 1 1,3 1,3 1 1 1 1 1,2 2 2 1,2 1,2 1 1 1 1 1 1 1
Measurement from differential 45 51 55 % wavefrom VT = 50% tsk3 87 250 ps Skew Measurement from differential tjcyc-cyc Jitter, Cycle to cycle 37 125 ps wavefrom 1 Guaranteed by design and characterization, not 100% tested in production. 2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz 3 IREF = VDD/(3xRR). For RR = 475 (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50.
0819G--12/06/04
7
Integrated Circuit Systems, Inc.
ICS954201
Electrical Characteristics - CPU 0.7V Current Mode Differential Pair
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2, RP=49.9, REF = 475 PARAMETER Current Source Output Impedance Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Long Accuracy SYMBOL Zo VHigh VLow Vovs Vuds Vcross (abs) d-Vcross ppm CONDITIONS VO = Vx Statistical measurement on single ended signal using oscilloscope math function. Measurement on single ended signal using absolute value. MIN 3000 660 -150 -300 250 Variation of crossing over all edges see Tperiod min-max values 400MHz non-spread 400MHz spread 333.33MHz non-spread 333.33MHz spread 266.66MHz non-spread 266.66MHz spread 200MHz non-spread 200MHz spread 166.66MHz non-spread 166.66MHz spread 133.33MHz non-spread 133.33MHz spread 100.00MHz non-spread 100.00MHz spread 400MHz non-spread 400MHz spread 333.33MHz non-spread 333.33MHz spread 266.66MHz non-spread 266.66MHz spread 200MHz non-spread 200MHz spread 166.66MHz non-spread 166.66MHz spread 133.33MHz non-spread 133.33MHz spread 100.00MHz non-spread 100.00MHz spread VOL = 0.175V, VOH = 0.525V VOH = 0.525V VOL = 0.175V 727 -2 752 -21 348 39 -300 2.4993 2.4993 2.9991 2.9991 3.7489 3.7489 4.9985 4.9985 5.9982 5.9982 7.4978 7.4978 9.9970 9.9970 2.4143 2.9141 3.6639 4.9135 5.9132 7.4128 9.9120 175 175 2.4999 3.0000 3.7509 4.9998 6.0000 7.5017 10.0000 2.4970 2.9940 3.7430 4.9940 5.9950 7.4970 10.0000 230 206 15 14 850 mV 150 1150 550 140 300 2.5008 2.5133 3.0009 3.016 3.7511 3.77 5.0015 5.0266 6.0018 6.0320 7.5023 5.4000 10.0030 10.0533 2.5750 2.5983 3.0859 3.1010 3.8361 3.8550 5.0865 5.1116 6.0868 6.1170 7.5873 7.6250 10.0880 10.1383 700 700 125 125 mV mV mV ppm ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ps ps ps ps 1,3 1 1 1 1 1,2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1 1 1 1 1 1 1 1 1 TYP MAX UNITS Notes 1 1,3
Average period
Tperiod
Absolute min/max period
Tabs
Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle
tr tf d-tr d-tf dt3
Measurement from differential 45 51 55 % wavefrom CPU(1:0), VT = 50% 7.5 100 ps tsk3 Skew CPU2_ITP, VT = 50% 145 150 ps Differential waveform tjcyc-cyc 36 85 ps Jitter, Cycle to cycle measurement, CPU(1:0) Differential waveform tjcyc-cyc 96 125 ps Jitter, Cycle to cycle measurement, CPU2_ITP 1 Guaranteed by design and characterization, not 100% tested in production. 2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz 3 IREF = VDD/(3xRR). For RR = 475 (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50.
0819G--12/06/04
8
Integrated Circuit Systems, Inc.
ICS954201
Electrical Characteristics - PCICLK/PCICLK_F
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified) PARAMETER Long Accuracy Clock period Absolute min/max period Output High Voltage Output Low Voltage Output High Current Output Low Current Edge Rate Edge Rate Rise Time Fall Time Duty Cycle Skew Jitter
1 2
SYMBOL ppm Tperiod Tabs VOH VOL I OH I OL
CONDITIONS
MIN
TYP 35 29.9989 30.0752
MAX 300 30.0090 30.1598 30.5090 30.6598 0.55 -33 38 4 4 2 2 55 500 500
UNITS Notes ppm ns ns ns ns V V mA mA mA mA V/ns V/ns ns ns % ps ps 1,2 2 2 1,2 1,2 1 1 1 1 1 1 1 1 1 1 1 1 1
tr1 tf1 dt1 tsk1 tjcyc-cyc
see Tperiod min-max values -300 33.33MHz output non-spread 29.9910 33.33MHz output spread 33.33MHz output non-spread 29.4910 33.33MHz output spread IOH = -1 mA 2.4 IOL = 1 mA -33 V OH @MIN = 1.0 V VOH@ MAX = 3.135 V 30 VOL @ MIN = 1.95 V VOL @ MAX = 0.4 V Rising edge rate 1 Falling edge rate 1 VOL = 0.4 V, VOH = 2.4 V 0.5 VOH = 2.4 V, VOL = 0.4 V 0.5 VT = 1.5 V 45 VT = 1.5 V VT = 1.5 V
3.25 0.05 -62 -10 61 23 1.60 1.71 1.25 1.17 50 81 250
Guaranteed by design and characterization, not 100% tested in production. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Electrical Characteristics - 48MHz, USB
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified) PARAMETER Long Accuracy Clock period Absolute min/max period Output High Voltage Output Low Voltage Output High Current Output Low Current Edge Rate Edge Rate Rise Time Fall Time Duty Cycle Jitter, Cycle to cycle
1 2
SYMBOL ppm Tperiod Tabs VOH VOL I OH I OL
CONDITIONS see Tperiod min-max values 48.00000 MHz output 48.00000 MHz output IOH = -1 mA IOL = 1 mA VOH @ MIN = 1.0 V VOH@ MAX = 3.135 V VOL @MIN = 1.95 V VOL @ MAX = 0.4 V Rising edge rate Falling edge rate VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V
MIN -100 20.8313 20.4813 2.4 -29 29 1 1 1 1 45
TYP 0.25 20.8333 3.25 0.05 -53 -6.2 61 23 1.53 1.68 1.31 1.19 52 139
MAX 100 20.8354 21.1854 0.55 -23 27 2 2 2 2 55 350
UNITS Notes ppm ns ns V V mA mA mA mA V/ns V/ns ns ns % ps 1,2 2 1,2 1 1 1 1 1 1 1 1 1 1 1 1
tr1 tf1 dt1 tjcyc-cyc
Guaranteed by design and characterization, not 100% tested in production. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
0819G--12/06/04
9
Integrated Circuit Systems, Inc.
ICS954201
Electrical Characteristics - DOT, 96MHz 0.7V Current Mode Differential Pair
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2, RP=49.9, REF = 475 PARAMETER Current Source Output Impedance Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Long Accuracy Average period Absolute min/max period Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle SYMBOL Zo1 VHigh VLow Vovs Vuds Vcross (abs) d-Vcross ppm Tperiod Tabs tr tf d-tr d-tf dt3 CONDITIONS VO = Vx Statistical measurement on single ended signal using oscilloscope Measurement on single ended signal using absolute value. MIN 3000 660 -150 -300 250 Variation of crossing over all edges see Tperiod min-max values 96.00MHz 96.00MHz VOL = 0.175V, VOH = 0.525V VOH = 0.525V, VOL = 0.175V 749 1.5 778 -51 358 26 -100 10.4156 10.1656 175 175 10.4167 10.4100 210 180 23 50 850 150 1150 550 140 100 10.4177 10.6677 700 700 125 125 TYP MAX UNITS Notes mV mV mV mV ppm ns ns ps ps ps ps 1 1,3 1,3 1 1 1 1 1,2 2 1,2 1 1 1 1 1 1
Measurement from differential 45 49 55 % wavefrom Measurement from differential tjcyc-cyc 98 250 ps Jitter, Cycle to cycle wavefrom 1 Guaranteed by design and characterization, not 100% tested in production. 2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz 3 IREF = VDD/(3xRR). For RR = 475 (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50.
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified) SYMBO PARAMETER CONDITIONS MIN L Long Accuracy ppm see Tperiod min-max values -300 14.318MHz output nominal 69.8270 Clock period Tperiod Output High Voltage V OH IOH = -1 mA 2.4 Output Low Voltage V OL IOL = 1 mA -33 VOH @ MIN = 1.0 V Output High Current (1X) IOH VOH@ MAX = 3.135 V VOL @MIN = 1.95 V 30 Output Low Current (1X) I OL VOL @ MAX = 0.4 V VOH @ MIN = 1.0 V -33 Output High Current (2X) IOH VOH@ MAX = 3.135 V VOL @MIN = 1.95 V Output Low Current (2X) I OL VOL @ MAX = 0.4 V VOL = 0.4 V, V OH = 2.4 V 1 Rise Time tr1 Fall Time tf1 VOH = 2.4 V, VOL = 0.4 V 1 Duty Cycle Jitter
1 2
TYP 69.841 3.25 0.05 -53 -6 60.9 23 -110 -12 110 47 1.7 1.9 54 197
MAX 300 69.8550 0.4 -33 38 -33
UNITS Notes ppm ns V V mA mA mA mA mA mA mA mA ns ns % ps 1 1 1 1 1 1 1 1 1 1 1 1 1 1,2 1,2 1
2 2 55 1000
dt1 tjcyc-cyc
VT = 1.5 V VT = 1.5 V
45
Guaranteed by design and characterization, not 100% tested in production. All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
0819G--12/06/04
10
Integrated Circuit Systems, Inc.
ICS954201
SMBus Table: Output Control Register Byte 0 Pin # Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 -
Name
Control Function Output Enable Output Output Output Output Output Output Output Enable Enable Enable Enable Enable Enable Enable
Type RW RW RW RW RW RW RW RW
0 DISABLE DISABLE DISABLE DISABLE DISABLE DISABLE DISABLE DISABLE
1 ENABLE ENABLE ENABLE ENABLE ENABLE ENABLE ENABLE ENABLE
PWD 1 1 1 1 1 1 1 1
CPUCLK2_ITP/SRCCLK7 Enable SRCCLK6 Enable SRCCLK5 Enable SRCCLK4 Enable SRCCLK3 Enable SRCCLK2 Enable SRCCLK1 Enable SRCCLK0 Enable
SMBus Table: Spreading and Device Behavior Control Register Control Function Pin # Name Byte 1 PCI_F0 Enable Output Enable Bit 7 DOT_96MHz Enable Output Enable Bit 6 USB_48MHz Enable Output Enable Bit 5 REFOUT Enable Output Enable Bit 4 RESERVED Bit 3 CPUCLK1 Output Enable Bit 2 CPUCLK0 Output Enable Bit 1 Bit 0 Spread Spectrum Mode Spread Off
Type RW RW RW RW RW RW RW
0 Disable Disable Disable Disable Disable Disable SPREAD OFF
1 Enable Enable Enable Enable Enable Enable SPREAD ON
PWD 1 1 1 1 1 1 1 0
SMBus Table: Output Control Register Byte 2 Pin # Name PCICLK5 Bit 7 PCICLK4 Bit 6 PCICLK3 Bit 5 PCICLK2 Bit 4 Bit 3 Bit 2 Bit 1 PCI_F1 Enable Bit 0
Control Function Output Enable Output Enable Output Enable Output Enable RESERVED RESERVED RESERVED Output Enable
Type RW RW RW RW
0 Disable Disable Disable Disable
1 Enable Enable Enable Enable
RW
Disable
Enable
PWD 1 1 1 1 1 1 1 1
0819G--12/06/04
11
Integrated Circuit Systems, Inc.
ICS954201
SMBus Table: SRC Stop Control Register Pin # Name Byte 3 36,35 SRCCLK7 Bit 7 33,32 SRCCLK6 Bit 6 31,30 SRCCLK5 Bit 5 26,27 SRCCLK4 Bit 4 24,25 SRCCLK3 Bit 3 22,23 SRCCLK2 Bit 2 19,20 SRCCLK1 Bit 1 17,18 SRCCLK0 Bit 0 SMBus Table: Stop and Output Control Register Byte 4 Pin # Name Bit 7 14,15 DOT_96MHz Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 9 8 36,35 41,40 44,43 PCI_F1 PCI_F0 CPUCLK2_ITP CPUCLK1 CPUCLK0
Type RW RW Allow assertion of RW PCI_STOP# or setting of RW PCI_STOP control bit in RW SMBus register to stop RW SRC clocks RW RW
Control Function
0 Free-Running Free-Running Free-Running Free-Running Free-Running Free-Running Free-Running Free-Running
1 Stoppable Stoppable Stoppable Stoppable Stoppable Stoppable Stoppable Stoppable
PWD 0 0 0 0 0 0 0 0
Control Function Type RESERVED Driven in PD RW RESERVED Allow assertion of PCI_STOP# or setting of RW PCI_STOP control bit in SMBus register to stop RW PCICLK_F outputs Allow assertion of CPU_STOP# to stop CPUCLK outputs RW RW RW
0 Driven
1 Hi-Z
PWD X 0 0 0 0 1 1 1
Free-Running Free-Running Free-Running Free-Running Free-Running
Stoppable Stoppable Stoppable Stoppable Stoppable
SMBus Table: Output Control Register Byte 5 Pin # Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SRCCLK(7:0) 36,35 41,40 44,43 SRCCLK(7:0) 36,35 41,40 44,43
Name
SRC_STOP Drive Mode
Control Function Driven in PCI/SRC_STOP#
Type RW RW RW RW RW RW RW RW
0 Driven Driven Driven Driven Driven Driven Driven Driven
1 Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z
PWD 0 0 0 0 0 0 0 0
CPUCLK2_ITP_STOP Drive Mode Driven in CPU_STOP# CPUCLK1_STOP Drive Mode CPUCLK0_STOP Drive Mode SRC_PD Drive Mode Driven in Powerdown CPUCLK2_ITP_PD Drive Mode (PD) CPUCLK1_PD Drive Mode CPUCLK0_PDDrive Mode
0819G--12/06/04
12
Integrated Circuit Systems, Inc.
ICS954201
SMBus Table: Test and Readback Control Register Name Pin # Byte 6 Test Mode Selection Bit 7 Test Clock Mod eEntry Bit 6 Bit 5 REFOUT STRENGTH Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PCI/SRC_STOP FS_C FS_B FS_A
Control Function Test Mode Selection Test Mode RESERVED Strength Prog Stop all PCI and SRC clocks readback readback readback
Type RW RW RW RW R R R
0 Hi-Z Disable 1X Enabled -
1 REF/N Enable 2X Disabled -
PWD 0 0 0 1 1 LATCHED LATCHED LATCHED
SMBus Table: Vendor & Revision ID Register Byte 7 Name Pin # RID3 Bit 7 RID2 Bit 6 RID1 Bit 5 RID0 Bit 4 VID3 Bit 3 VID2 Bit 2 VID1 Bit 1 VID0 Bit 0
Control Function REVISION ID
VENDOR ID
Type R R R R R R R R
0 -
1 -
PWD 0 0 0 1 0 0 0 1
Test Clarification Table
Comments HW TEST FS_C/TEST FS_B/TEST ENTRY BIT _SEL _MODE B6b6 HW PIN HW PIN 0 X 0 1 0 X 1 1 0 1 X X SW REF/N or HI-Z B6b7 OUTPUT X NORMAL 0 HI-Z 1 0 REF/N REF/N
* FS_C/TEST_SEL is a 3-level latched input. o Power-up w/ V >= 2.0V to select TEST o Power-up w/ V < 2.0V to have pin function as FS_C. * When pin is FS_C, VIH_FS and VIL_FS levels apply. * FS_B/TEST_MODE is a low-threshold input o VIH_FS and VIL_FS levels apply. o TEST_MODE is a real time input * TEST_SEL can be invoked after power up through SMBus B6b6. o If TEST is selected by B6b6, only B6b7 controls TEST_MODE. The FS_B/TEST_Mode pin is not used. * Power must be cycled to exit TEST.
1
1
X
1
REF/N
0
X
1
0
HI-Z
0
X
1
1
REF/N
B6b6: 1= ENTER TEST MODE, Default = 0 (NORMAL OPERATION) B6b7: 1= REF/N, Default = 0 (HI-Z)
0819G--12/06/04
13
Integrated Circuit Systems, Inc.
ICS954201
N
c
56-Lead, 300 mil Body, 25 mil, SSOP SYMBOL A A1 b c D E E1 e h L N a VARIATIONS In Millimeters COMMON DIMENSIONS MIN MAX 2.41 2.80 0.20 0.40 0.20 0.34 0.13 0.25 SEE VARIATIONS 10.03 10.68 7.40 7.60 0.635 BASIC 0.38 0.64 0.50 1.02 SEE VARIATIONS 0 8 In Inches COMMON DIMENSIONS MIN MAX .095 .110 .008 .016 .008 .0135 .005 .010 SEE VARIATIONS .395 .420 .291 .299 0.025 BASIC .015 .025 .020 .040 SEE VARIATIONS 0 8
L
INDEX AREA
E1
E
12 D h x 45
A A1
-Ce
b SEATING PLANE .10 (.004) C
N 56
D mm. MIN 18.31 MAX 18.55 MIN .720
D (inch) MAX .730
Reference Doc.: JEDEC Publication 95, MO-118
10-0034
Ordering Information
ICS954201yFLNT
Example:
ICS XXXX y F LN T
Designation for tape and reel packaging Annealed Lead Free Package Type F = SSOP Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
0819G--12/06/04
14
Integrated Circuit Systems, Inc.
ICS954201
N
c
L
INDEX AREA
E1
E
12 D
a
A2 A1
A
56-Lead 6.10 mm. Body, 0.50 mm. Pitch TSSOP (240 mil) (20 mil) In Millimeters In Inches SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX A -1.20 -.047 A1 0.05 0.15 .002 .006 A2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 SEE VARIATIONS SEE VARIATIONS D 8.10 BASIC 0.319 BASIC E E1 6.00 6.20 .236 .244 0.50 BASIC 0.020 BASIC e L 0.45 0.75 .018 .030 SEE VARIATIONS SEE VARIATIONS N a 0 8 0 8 aaa -0.10 -.004 VARIATIONS N 56
10-0039
-Ce
b SEATING PLANE
aaa C
D mm. MIN MAX 13.90 14.10
D (inch) MIN .547 MAX .555
Reference Doc.: JEDEC Publicat ion 95, M O-153
Ordering Information
ICS954201yGLNT
Example:
ICS XXXX y G LN T
Designation for tape and reel packaging Annealed Lead Free Package Type G = TSSOP Revision Designator (will not correlate with datasheet revision) Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
0819G--12/06/04
15


▲Up To Search▲   

 
Price & Availability of ICS954201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X