Part Number Hot Search : 
KBPC15 02205 S6X8TS1 PT28C020 EH4B1 MRF15 BD9536FV 0BZXC
Product Description
Full Text Search
 

To Download ICS8545 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
FEATURES
* 4 LVDS outputs * 2 LVCMOS/LVTTL clock inputs to support redundant or selectable frequency fanout applications * Maximum output frequency: 650MHz * Translates LVCMOS/LVTTL input signals to LVDS levels * Output skew: 40ps (maximum) * Part-to-part skew: 500ps (maximum) * Propagation delay: 3.6ns (maximum) * 3.3V operating supply * 0C to 70C ambient operating temperature * Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS8545 is a low skew, high performance 1-to-4 LVCMOS/LVTTL-to-LVDS Clock Fanout HiPerClockSTM Buffer and a member of the HiPerClockSTM family of High Performance Clock Solutions from ICS. Utilizing Low Voltage Differential Signaling (LVDS) the ICS8545 provides a low power, low noise, solution for distributing clock signals over controlled impedances of 100. The ICS8545 accepts a LVCMOS/LVTTL input level and translates it to 3.3V LVDS output levels.
ICS
Guaranteed output and part-to-part skew characteristics make the ICS8545 ideal for those applications demanding well defined performance and repeatability.
BLOCK DIAGRAM
CLK_EN nD Q LE CLK1 CLK2 0 1 Q0 nQ0 Q1 nQ1 Q2 nQ2 Q3 nQ3
PIN ASSIGNMENT
GND CLK_EN CLK_SEL CLK1 nc CLK2 nc OE GND VDD 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 Q0 nQ0 VDD Q1 nQ1 Q2 nQ2 GND Q3 nQ3
CLK_SEL
ICS8545
20-Lead TSSOP 6.5mm x 4.4mm x 0.92mm body package G Package Top View
OE
8545BG
www.icst.com/products/hiperclocks.html
1
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Type Power Input Input Input Unused Input Input Power Output Output Output Output Pulldown Pullup Pullup Pulldown Pulldown Description Power supply ground. Synchronizing clock enable. When HIGH, clock outputs follows clock input. When LOW, Q outputs are forced low, nQ outputs are forced high. LVCMOS / LVTTL interface levels. Clock select input. When HIGH, selects CLK2 input. When LOW, selects CLK1 input. LVCMOS / LVTTL interface levels. LVCMOS / LVTTL clock input. Unused pins. LVCMOS / LVTTL clock input. Output enable. Controls enabling and disabling of outputs Q0, nQ0 thru Q3, nQ3. Positive supply pins. Differential output pair. LVDS interface levels. Differential output pair. LVDS interface levels. Differential output pair. LVDS interface levels. Differential output pair. LVDS interface levels.
TABLE 1. PIN DESCRIPTIONS
Number 1, 9, 13 2 3 4 5, 7 6 8 10, 18 11, 12 14, 15 16, 17 19, 20 Name GND CLK_EN CLK_SEL CLK1 nc CLK2 OE VDD nQ3, Q3 nQ2, Q2 nQ1, Q1 nQ0, Q0
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Test Conditions Minimum Typical 4 51 51 Maximum Units pF K K
8545BG
www.icst.com/products/hiperclocks.html
2
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Outputs Selected Source Q0:Q3 Hi Z CLK1 CLK2 CLK1 CLK2 Low Low ACTIVE ACTIVE nQ0:nQ3 Hi Z High High ACTIVE ACTIVE
TABLE 3A. CONTROL INPUT FUNCTION TABLE
Inputs OE 0 1 1 1 1 CLK_EN X 0 0 1 1 CLK_SEL X 0 1 0 1
After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as shown in Figure 1. In the active mode, the state of the outputs are a function of the CLK1 and CLK2 inputs as described in Table 3B.
Disabled
Enabled
CLK1, CLK2
CLK_EN
nQ0:nQ3 Q0:Q3
FIGURE 1. CLK_EN TIMING DIAGRAM
TABLE 3B. CLOCK INPUT FUNCTION TABLE
Inputs CLK1 or CLK 2 0 1 Q0:Q3 LOW HIGH Outputs nQ0:nQ3 HIGH LOW
8545BG
www.icst.com/products/hiperclocks.html
3
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
4.6V -0.5V to VDD + 0.5V 10mA 15mA 73.2C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, IO Continuous Current Surge Current Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VDD IDD Parameter Positive Supply Voltage Power Supply Current Test Conditions Minimum 3.135 Typical 3.3 Maximum 3.465 50 Units V mA
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VIH VIL IIH IIL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current CLK1, CLK2 CLK_EN, CLK_SEL, OE CLK1, CLK2 CLK_EN, CLK_SEL, OE CLK1, CLK2, CLK_SEL CLK_EN, OE CLK1, CLK2, CLK_SEL VDD = VIN = 3.465V VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V -5 Test Conditions Minimum Typical 2 2 -0.3 -0.3 Maximum VDD + 0.3 VDD + 0.3 1.3 0.8 150 5 Units V V V V A A A A
-150 CLK_EN, OE VDD = 3.465V, VIN = 0V NOTE: Outputs terminated with 50 to VDD/2. See Parameter Measurement Information, "Output Load Test Circuit".
TABLE 4C. LVDS DC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol VOD VOD VOS VOS IOZ IOFF IOSD IOS VOH VOL Parameter Differential Output Voltage VOD Magnitude Change Offset Voltage VOS Magnitude Change High Impedance Leakage Current Power Off Leakage Differential Output Shor t Circuit Current Output Shor t Circuit Current Output Voltage High Output Voltage Low Test Conditions Minimum 200 1.125 -10 -20 Typical 280 1.25 5 1 1 -3.5 -3.5 1.34 1.06 Maximum 360 40 1.375 25 +10 +20 -5 -5 1.6 Units mV mV V mV A A mA mA V V
0.9
8545BG
www.icst.com/products/hiperclocks.html
4
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Test Conditions Minimum Typical Maximum 650 Units MHz ns ps ps ps ps %
TABLE 5. AC CHARACTERISTICS, VDD = 3.3V5%, TA = 0C TO 70C
Symbol fMAX Parameter Output Frequency
Propagation Delay; NOTE 1 f 650MHz 1.4 3.6 tPD tsk(o) Output Skew; NOTE 2, 4 40 tsk(pp) Par t-to-Par t Skew; NOTE 3, 4 500 tR Output Rise Time 20% to 80% @ 50MHz 200 400 600 tF Output Fall Time 20% to 80% @ 50MHz 200 400 600 odc Output Duty Cycle 45 50 55 All parameters measured at fMAX unless noted otherwise. NOTE 1: Measured from the VDD/2 of the input to the differential output crossing point. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDD/2 of the input to the differential output crossing point. NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
8545BG
www.icst.com/products/hiperclocks.html
5
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
VDD 3.3V
SCOPE
Qx
nQ0:nQ3
3.3V5% Power Supply Float GND + -
LVDS
nQx
V
Q0:Q3
OD
Cross Points
V
GND
OS
3.3V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL OUTPUT LEVEL
nQx PART 1 Qx nQy PART 2 Qy
nQx Qx nQy Qy
tsk(pp)
tsk(o)
PART-TO-PART SKEW
OUTPUT SKEW
CLK1, CLK2 nQ0:nQ3 Q0:Q3 tPD
80% Clock Outputs
80% VOD
20% tR tF
20%
PROPAGATION DELAY
nQ0:nQ3 Q0:Q3
OUTPUT RISE/FALL TIME
Pulse Width t
PERIOD
LVDS
IOFF
odc =
t PW t PERIOD
VDD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
8545BG
POWER OFF LEAKAGE SETUP
REV. C JANUARY 5, 2004
www.icst.com/products/hiperclocks.html
6
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
VDD
VDD
out
DC Input
LVDS
out
VOS/ VOS
DC Input
LVDS
100
VOD/ VOD out
OFFSET VOLTAGE SETUP
DIFFERENTIAL OUTPUT VOLTAGE SETUP
VDD
out
IOZ DC Input
DC Input
out
3.3V5% POWER SUPPLY
+
Float GND
_
LVDS
IOZ
LVDS
out
out
HIGH IMPEDANCE LEAKAGE CURRENT SETUP
DIFFERENTIAL OUTPUT SHORT CIRCUIT SETUP
VDD out
IOS
DC Input
LVDS
IOSB out
OUTPUT SHORT CIRCUIT CURRENT SETUP
8545BG
www.icst.com/products/hiperclocks.html
7
REV. C JANUARY 5, 2004
out
IOSD
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
APPLICATION INFORMATION
3.3V LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 4. In a 100 differential transmission line environment, LVDS drivers require a matched load termination of 100 across near the receiver input. For a multiple LVDS outputs buffer, if only partial outputs are used, it is recommended to terminate the un-used outputs.
3.3V
3.3V
LVDS_Driv er
+
R1 100
-
100 100 Ohm Differential Transmission Line Differiential Transmission Line
FIGURE 5. TYPICAL LVDS DRIVER TERMINATION
RELIABILITY INFORMATION
TABLE 6. JAVS. AIR FLOW TABLE 20 LEAD TSSOP
FOR
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 114.5C/W 73.2C/W
200
98.0C/W 66.6C/W
500
88.0C/W 63.5C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8545 is: 644
8545BG
www.icst.com/products/hiperclocks.html
8
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
20 LEAD TSSOP
PACKAGE OUTLINE - G SUFFIX
FOR
TABLE 7. PACKAGE DIMENSIONS
SYMBOL MIN N A A1 A2 b c D E E1 e L aaa 0.45 0 -4.30 0.65 BASIC 0.75 8 0.10 -0.05 0.80 0.19 0.09 6.40 6.40 BASIC 4.50 20 1.20 0.15 1.05 0.30 0.20 6.60 Millimeters MAX
Reference Document: JEDEC Publication 95, MO-153
8545BG
www.icst.com/products/hiperclocks.html
9
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Marking Package 20 lead TSSOP 20 lead TSSOP on Tape and Reel Count 72 per tube 2500 Temperature 0C to 70C 0C to 70C
TABLE 8. ORDERING INFORMATION
Part/Order Number ICS8545BG ICS8545BGT ICS8545BG ICS8545BG
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 8545BG
www.icst.com/products/hiperclocks.html
10
REV. C JANUARY 5, 2004
Integrated Circuit Systems, Inc.
ICS8545
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REVISION HISTORY SHEET
Rev A A A
Table 4C
Page 4 3 3 1
Description of Change In the VOL row, 1.06 has been moved to the Typical column from the maximum column. Revised Figure 1, CLK_EN Timing Diagram. Revised Figure 1, CLK_EN Timing Diagram. Features - deleted bullet "Designed to meet or exceed the requirements of ANSI TIA/EIA-644". LVDS Table - changed VOD typical value from 350mV to 280mV. Updated LVDS diagrams. Pin Characteristics - changed CIN 4pF max. to 4pF typical. Absolute Maximum Ratings - changed Output rating. Added LVDS Driver Termination section. Updated format throughout data sheet.
Date 9/21/01 10/17/01 11/2/01
B
4C T2
4 8-9 2 4 8
9/19/02
C
1/5/04
8545BG
www.icst.com/products/hiperclocks.html
11
REV. C JANUARY 5, 2004


▲Up To Search▲   

 
Price & Availability of ICS8545

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X