Part Number Hot Search : 
HY5PS 68HC90 15R24 62256 KTK7132E 2SD2291 XMXXX MC3150L
Product Description
Full Text Search
 

To Download HVU200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HVU200A
Variable Capacitance Diode for Electronic Tuning
ADE-208-067D(Z) Rev 4 June 1996 Features
* * * High capacitance ratio(n=10min) and suitable for wide band tuner. Ultra small Resin Package (URP) is suitable for surface mount design. Low series resistance and good C-V linearity.
Ordering Information
Type No. HVU200A Laser Mark 2 Package Code URP
Outline
Cathode mark Mark 1
2
2 1. Cathode 2. Anode
HVU200A
Absolute Maximum Ratings (Ta = 25C)
Item Reverse voltage Junction temperature Storage temperature Symbol VR Tj Tstg Value 32 125 -55A+125 Unit V C C
Electrical Characteristics (Ta = 25C)
Item Reverse current Symbol IR1 IR2 Capacitance C2 C25 Capacitance ratio Series resistance Matching error Note 1. n rs C/C*1 Min Typ Max 10 100 31.8 3.03 pF Unit nA Test Condition VR = 30V VR = 30V, Ta = 60 C VR = 2V, f = 1 MHz VR = 25V, f = 1 MHz
A\ A\
27.7 2.67 10.0
A\ A\ A\ A\ A\ A\ A\
A\
0.70 2.0
A\
C2/ C25 VR = 5V, f = 470 MHz VR = 2~25V, f = 1 MHz
A\ A\
%
C.C system (Continuous Connected taping system) enable to make any 10 pcs of C/C continuous in a reel , expect extention to another group. Calculate Matching Error,
(Cmax-Cmin)
C/C=
Cmin
x 100 (%)
HVU200A
Main Characteristic
-6
10 10
Reverse current I R (A)
10
2
f=1MHz
-7
10 10 10 10 10
Capacitance C
-9
(pF)
10
-8
10
-10
-11
-12
-13
1.0 10 20 30 40 50 0.5 1.0 10 Reverse voltage V R (V) Fig.2 Capacitance Vs. Reverse voltage 30 Reverse voltage VR (V)
0
Fig.1 Reverse current Vs. Reverse voltage
1.0 f=470MHz
Series resistance r s ()
0
0.8
LF =(LogC)/(LogVR )
-0.5
0.6
-1.0
0.4
-1.5 0.2
0 0.5 1.0 10 Reverse voltage V R (V) 30
-2.0 0.5
1.0
10 Reverse voltage V R (V)
30
Fig.3 Series resistance Vs. Reverse voltage
Fig.4 Linearity factor Vs. Reverse voltage
HVU200A
Package Dimensions
Unit : mm
Cathode Mark 1.250.15 0.30.15
2
1 1.70.15 2.50.15 2
1. Cathode 2. Anode Hitachi Code JEDECCode EIAJCode Weight(g) URP -- -- 0.004 0 to 0.10 0.90.15


▲Up To Search▲   

 
Price & Availability of HVU200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X