Part Number Hot Search : 
ZMM9V1 0000T F16C05 TN5126 18LF2 NTE5061A UF4001 2SD2385
Product Description
Full Text Search
 

To Download HSK2474J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data Issued Date : 1999.11.01 Revised Date : 200011.01 Page No. : 1/5
HSK2474J
N - Channel MOSFETs
Description
* Dynamic dv/dt Rating * Repetitive Avalanche rated * Surface Mount * Straigh Lead * Available in Tape&Reel * Fast Switching * Ease of Paralleling
Features
* Low Drain-Source ON Resistance - RDS(ON)=1.2(Typ.)@ VDS=10V, ID=1.3A * High Forward Transfer Admittance -|Yfs|=1.2S@VDS=50V, ID=1.3A * Low Leakage Current - IDSS=100uA (Max.)@VDS=200V * Enhancement-Mode - Vth = 2.0~4.0V@VDS=4V, ID=250uA
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 25 W * Maximum Voltages and Currents Drain to Source Breakdown Voltage ................................................................................. 250 V Drain to Gate Breakdown Voltage..................................................................................... 250 V Gate to Source Voltage.................................................................................................... 20 V Drain Current (Cont.) ......................................................................................................... 2.2 A Drain Current (Pluse.)........................................................................................................ 8.8 A
Thermal Characteristics
Characteristic Junction to Case Junction to Ambient Symbol RJC RJA Max. 5 50 Units C/W C/W
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (Ta=25C)
Characteristics Drain-Source Breakdown Voltage Gate Threshold Voltage Drain Cut-Off Current Gate Leakage Current Forward Transconductance Drain-Source ON Resistance Input Capacitance Reverse Transfer Capacitance Output Capacitance Switching Time Total Gate Charge (Gate-Source Plus Gate-Drain) Gate-Source Charge Gate-Drain Charge (Miller) Symbol V(BR)DSS VGS(th) IDSS IGSS gfs RDS(ON) Ciss Crss Coss tr ton tf Toff Qg Qgs Qgd Min. 250 2.0 0.80 Typ. Max. 4.0 25 100 1.2 1.2 2.0 280 30 42 45 30 45 135 8.2 1.8 4.5 Unit V V uA uA pF pF pF nS
Spec. No. : Preliminary Data Issued Date : 1999.11.01 Revised Date : 200011.01 Page No. : 2/5
Test Conditions ID=250uA VDS=4V, ID=250uA VDS=200V VGS=20V VDS=50V,ID=1.3A VGS=10V, ID=1.3A VDS=10V, VGS=0V f=1.0MHz VDD=100V, ID=1.0A RG=24, RD=45
nC nC nC
ID=2.7A, VDS=200V VGS=10V
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
On-Region Characteristic
7 VGS=10V 6 ID, Drain-Source Current (A) 5 VGS=6V 4 3 2 VGS=4V 1 VGS=2V 0 0 1 2 3 4 5 6 7 VDS,Drain-Source Voltage (V) 8 9 10 0.95 20 40 VGS=8V BVDSS, Normalized Drain-Source Breakdown Voltage 1.13 1.11 1.09 1.07 1.05 1.03 1.01 0.99 0.97 1.15
Spec. No. : Preliminary Data Issued Date : 1999.11.01 Revised Date : 200011.01 Page No. : 3/5
Breakdown Voltage Variation with Temperature
60 80 Tc, Case Temperature (C)
100
On Resistance Variation with Temperature
2.5 VGS=10V RDS(on), Drain-Source On-Resistance (ohm) RDS(on), Drain-Source On-Resistance (ohm) 2.3 2.1 1.9 ID=1.3A 1.7 1.5 1.3 1.1 0.9 25 35 45 55 65 75 85 95 Tc, Case Temperature (C) 105 115 125 2.0 1.8
Typical On-Resistance & Drain-Current
VGS=6V 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 1 2 3 4 5 6 7 ID, Drain-Source Current (A) 8 9 10 VGS=10V
Transconductance Variation with Drain Current & Temperature
5 VDS=10V GFS,Transconductance (S) ID, Drain-source Current (A) 4 Tc=25C 3 Tc=100C 2 4 5
Drain Current Variation with Gate Voltage & Temperature
VDS=10V TC=100C 3 Tc=25C 2
1
1
0 0 1 2 3 4 5 6 ID, Drain-Source Current (A) 7 8
0 0 1 2 3 4 5 6 VGS, Gate-Source Votltage(V) 7 8
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data Issued Date : 1999.11.01 Revised Date : 200011.01 Page No. : 4/5
RDSON(Temp)
2.5 VGS=10V RDS(on),Normalized Drain-Source On Resistance (ohm) 2.0 IS, Reverse Drain Current (A) Tc=100C 1.5 Tc=25C 1.0 10 9
Body Diode Forward Voltage Variation with Current & Temperature
Tc=100C 8 7 6 5 4 3 2 1 Tc=25C
0.5
0.0 0 1 2 3 4 5 6 7 ID, Drain-Source Current (A) 8 9 10
0 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 VSD, Body Diode Forward Voltage (V)
Capacitance Characteristices
1000
Ciss
Capacitance (pF)
100 Coss
Crss 10
1 0.1 1 10 VDS, Drain-Source Voltage (V) 100
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : Preliminary Data Issued Date : 1999.11.01 Revised Date : 200011.01 Page No. : 5/5
Marking :
HSMC Logo Part Number Date Code Product Series Rank
B
D
L
F
G
Ink Mark
Style : Pin 1.Gate 2.Drain 3.Source
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code : J *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HSK2474J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X