Part Number Hot Search : 
1N6157US LT1160IS LT1160IS 20MU11 20MU11 P7NC60 C14018 LX8942
Product Description
Full Text Search
 

To Download HN27C4000G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADE-203-311A (Z)
HN27C4000G Series
524288-Word x 8-Bit/262144-Word x 16-Bit CMOS UV Erasable and Programmable ROM
Rev. 1 Nov. 10, 1994
The Hitachi HN27C4000 is a 4-Mbit UV erasable and electrically programmable ROM that is organized either as 524288-word x 8 bit or as 262144-word x 16 bit, featuring extra-high speed burst mode that gives two times faster 4-word or 8byte serial access than normal. And also high speed and fast programming are served as well as the existing Hitachi 4M device HN27C4096 and HN27C4001. Fabricated on advanced fine process and high speed circuitry technique, HN27C4000 makes high speed access time and low power dissipation in either active or stand-by mode. Therefore, it is suitable for all systems featuring high speed microprocessor such as the 80386, 80486, 68030, 68040 and so on.
Features
* Organization: 524288-word x 8-bit/262144word x 16-bit (BYTE/VPP enables selection byte-wide or word-wide) * High speed: Access time 100 ns/120 ns/150 ns (max) Burst access time 50 ns/60 ns/60 ns (max) * Low power dissipation: Standby mode; 5 W (typ), Active mode; 150 mW/MHz (typ) * Fast high reliability page programming, fast high-reliability programming and option programming: Program voltage; +12.5 V DC Program time; 3.5 sec (min) (Theoretical in Page programming) * Inputs and outputs TTL compatible during both read and program modes * Pin arrangement: 40-pin EIAJ standard pin compatible with HN62414/ HN62434 * Device identifier mode: Manufacturer code and device code
HN27C4000G Series
Pin Arrangement
HN27C4000G Series A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE I/O0 I/O8 I/O1 I/O9 I/O2 I/O10 I/O3 I/O11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE/VPP VSS I/O15/A-1 I/O7 I/O14 I/O6 I/O13 I/O5 I/O12 I/O4 VCC
(Top view)
Ordering Information
Type No. HN27C4000G-10 HN27C4000G-12 HN27C4000G-15 Access time 100 ns 120 ns 150 ns Package 600-mil 40-pin cerdip (DG-40A)
Pin Description
Pin name A0 - A17 I/O0 - I/O14 I/O15/A-1 CE OE VCC BYTE/VPP VSS Function Address Input/output Input/output/address Chip enable Output enable Power supply Byte/word selection/ Programming power supply Ground
2
HN27C4000G Series
Block Diagram
A7 : : : : : : : : : : : : A17
XDecoder
2,048 x 2,048 Memory Matrix
I/O0 : : :
I/O15
Input Data Control
Y-Gating Y-Decoder
CE OE VCC V PP VSS
H
A0 . . . . . . . . . . . . . A6
H
: High threshold inverter
Mode Selection
Pin Mode Read (X16 bit) Read (X8 bit) Output disable (X16 bit) Output disable (X8 bit) DG-40A CE (10) VIL VIL VIL VIL OE (12) VIL VIL VIH VIH A9 (39) X X X X BYTE/VPP VCC (31) VIH VIL VIH VIL (21) VCC VCC VCC VCC I/O0 - I/O7, I/O8 - I/O14, I/O15/A-1 (13 - 20, Dout Dout High-Z High-Z 22 - 28, Dout High-Z High-Z High-Z 29) Dout VIH/VIL High-Z VIH/VIL
3
HN27C4000G Series
Mode Selection (cont)
Pin Mode Standby Page Page program set prog. Page data latch Page program DG-40A CE (10) VIH VIH VIL VIL OE (12) X VH*2 VH*2 VIH VIL VIH VIH VIL VIL VIH VIL A9 (39) X X X X X X X X X X VH
*2
BYTE/VPP VCC (31) VSS - VCC VPP VPP VPP VPP VCC VPP VPP VPP VPP VSS - VCC (21) VCC VCC VCC VCC VCC VCC VCC VCC VCC VCC VCC
I/O0 - I/O7, I/O8 - I/O14, I/O15/A-1 (13 - 20, High-Z High-Z Din High-Z Dout High-Z Din Dout Dout High-Z Code 22 - 28, High-Z High-Z Din High-Z Dout High-Z Din Dout Dout High-Z Code 29) High-Z High-Z Din High-Z Dout High-Z Din Dout Dout High-Z Code
Page program verify VIH Page program reset VIH Word Program prog. Program verify Optional verify Program inhibit Identifier VIL VIH VIL VIH VIL
Notes: 1. X: Don't care. 2. VH: 12.0 V 0.5 V
Absolute Maximum Ratings
Item All input and output
*1 *1
Symbol voltages*1 Vin, Vout VID VPP VCC Topr Tstg Tbias
*3
Value -0.6*2 -0.6*2 to +7.0 to +13.0
Unit V V V V C C C
Voltage on pin A9 and OE VPP voltage VCC voltage
-0.6 to +13.5 -0.6 to +7.0 0 to +70 -65 to +125 -20 to +80
Operating temperature range Storage temperature range
Storage temperature under bias
Notes: 1. Relative to VSS. 2. Vin, Vout, VID min = -2.0 V for pulse width 20 ns 3. Storage temperature range of device before programming.
4
HN27C4000G Series
Capacitance (Ta = 25C, f = 1 MHz)
Item Input capacitance Output capacitance Symbol Cin Cout Min -- -- Typ -- -- Max 12 20 Unit pF pF Test conditions Vin = 0 V Vout = 0 V Notes Except BYTE/VPP
Read Operation
DC Characteristics (VCC = 5 V 10%, VPP = VSS to VCC, Ta = 0 to +70C)
Item Input leakage current Output leakage current VPP current Standby VCC current Operating VCC current Input voltage Symbol ILI ILO IPP1 ISB1 ISB2 ICC1 ICC2 VIL VIH Output voltage VOL VOH Min -- -- -- -- -- -- -- -0.3*1 2.2 -- 2.4 Typ -- -- 1 -- 1 -- -- -- -- -- -- Max 2 2 20 1 20 35 120 0.8 VCC + 1*2 0.45 -- Unit A A A mA A mA mA V V V V IOL = 2.1 mA IOH = -400 A Test conditions Vin = 5.5 V Vout = 5.5 V/0.45 V VPP = 5.5 V CE = VIH CE = VCC 0.3 V Iout = 0 mA, f = 1 MHz Iout = 0 mA, f = 10 MHz
Notes: 1. VIL min = -1.0 V for pulse width 50 ns VIL min = -2.0 V for pulse width 20 ns 2. VIH max = VCC +1.5 V for pulse width 20 ns If VIH is over the specified maximum value, read operation cannot be guaranteed.
5
HN27C4000G Series
AC Characteristics (VCC = 5 V 10%, VPP = VSS to VCC, Ta = 0 to +70C)
Test Conditions * * * * Input pulse levels: 0.45 to 2.4 V Input rise and fall times: 10 ns Output load: 1 TTL gate +100 pF Reference levels for measuring timing: 0.8 V, 2.0 V
HN27C4000 HN27C4000 HN27C4000 -10 -12 -15 Item Address to output delay CE to output delay OE to output delay Burst address to output delay OE high to output float *1 Address to output hold Note: Symbol tACC tCE tOE tBAC tDF tOH Min -- -- -- -- 0 5 Max 100 100 60 50 35 -- Min -- -- -- -- 0 5 Max 120 120 60 60 40 -- Min -- -- -- -- 0 5 Max 150 150 70 60 50 -- Unit ns ns ns ns ns ns Test conditions CE = OE = VIL OE = VIL CE = VIL CE = VIL CE = VIL CE = OE = VIL
1. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
Read Timing Waveform
Address
CE
Standby mode tCE
Active mode
Standby mode
OE tOE t ACC Data Out Data Out Valid tOH
tDF
6
HN27C4000G Series
Read Timing Waveform (Burst access mode)
In Burst Access mode, fast read-out of 4 word data is selected by address A0, A1. (Valid only for Read x 16 mode)
A2 to A17
t ACC t CE
CE
t OE
OE
t BAC t BAC tBAC tBAC
A0, A1
t OH t OH Valid Output t OH Valid Output t OH Valid Output
Data Out
Valid Output
7
HN27C4000G Series
In Burst Access mode, fast read-out of 8 byte data is selected by address A-1, A0, A1. (Valid only for Read x 8 mode)
A2 to A17
t ACC t CE
CE
t OE
OE
tBAC t BAC tBAC tBAC tBAC tBAC tBAC tBAC
A-1, A0, A1
t OH t OH
Valid Output
t OH
Valid Output
t OH
Valid Output
t OH
Valid Output
t OH
Valid Output
t OH
Valid Output
t OH
Valid Output
Data Out
Valid Output
8
HN27C4000G Series
Fast High-Reliability Page Programming
This device can be applied the high performance page programming algorithm shown in the following flowchart. This algorithm allows to obtain faster programming time without any voltage stress to the device nor deterioration in reliability of programmed data. Page Program Set Apply 12 V to OE pin after applying 12.5 V to VPP to set a page program mode. The device operates in a page program mode until reset. Page Program Reset Set V PP to V CC level or less to reset a page program mode.
START SET PAGE PROG LATCH MODE VPP= 12.5 0.3 V V = 6.25 0.25 V CC OE = 12.0 0.5 V Address = 0 n=0 Latch Address + 1 Address Latch Address + 1 Address Latch Address + 1 Address Latch n + 1 n SET PAGE PROG./VERIFY MODE VPP = 12.5 0.3 V V = 6.25 0.25 V CC Address + 1 Address Program tPW = 50 s 5% VERIFY NO GO LAST address? NOGO
n = 10? YES
NO
YES SET READ MODE VCC = 5.0 0.5 V VPP = V CC READ all address GO END Fast High-Reliability Page Programming Flowchart NOGO
FAIL
9
HN27C4000G Series
DC Characteristics (VCC = 6.25 V 0.25 V, VPP = 12.5 V 0.3 V, Ta = 25C 5C)
Item Input leakage current Output voltage during verify Symbol ILI VOL VOH Operating VCC current Input voltage ICC VIL VIH VH VPP supply current IPP Min -- -- 2.4 -- -0.1*5 2.2 11.5 -- Typ -- -- -- -- -- -- 12.0 -- Max 2 0.45 -- 50 0.8 VCC + 0.5*6 12.5 70 Unit A V V mA V V V mA CE = VIL Test conditions Vin = 6.5 V/0.45 V IOL = 2.1 mA IOH = -400 A
Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. VPP must not exceed 13 V including overshoot. 3. An influence may be had upon device reliability if the device is installed or removed while VPP = 12.5 V. 4. Do not alter VPP either VIL to 12.5 V or 12.5 V to VIL when CE = low. 5. VIL min = -0.6 V for pulse width 20 ns. 6. If VIH is over the specified maximum value, programming operation cannot be guaranteed.
10
HN27C4000G Series
AC Characteristics (VCC = 6.25 V 0.25 V, VPP = 12.5 V 0.3 V, Ta = 25C 5C)
Test Conditions * Input pulse levels: 0.45 to 2.4 V * Input rise and fall times: 20 ns * Reference levels for measuring timing: Inputs; 0.8 V, 2.0 V, Outputs; 0.8 V, 2.0 V
Item Address setup time OE setup time Data setup time Address hold time Data hold time OE high to output float delay VPP setup time VCC setup time CE initial programming pulse width CE setup time Data valid from OE CE pulse width during data latch OE = VH setup time OE = VH hold time VPP hold time*2 Symbol tAS tOES tDS tAH tDH tDF
*1
Min 2 2 2 0 2 0 2 2 47.5 2 0 1 2 2 1
Typ -- -- -- -- -- -- -- -- 50.0 -- -- -- -- -- --
Max -- -- -- -- -- 130 -- -- 52.5 -- 150 -- -- -- --
Unit s s s s s ns s s s s ns s s s s
Test conditions
tVPS tVCS tPW tCES tOE tLW tOHS tOHH tVRS
Notes: 1. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven. 2. Page program mode will be reset when VPP is set to VCC or less.
11
HN27C4000G Series
Fast High-Reliability Page Programming Timing Waveform
Page program mode Program data latch A2 - A17 t AS A0, A1 t DH t DS Data Data in stable Data out valid t VPS VPP
VPP VCC
Page program
Program verify
t AH
t AS
t AH
t OE t DF
t VCS
VCC + 1.25
VCC
VCC
t OHH t OHS t CES t PW t OES
CE t LW OE
VH VIH VIL
t VRS
12
HN27C4000G Series
Fast High-Reliability Programming
This device can be applied the fast high-reliability programming algorithm shown in the following flowchart. This algorithm allows to obtain faster programming time without any voltage stress to the device nor deterioration in reliability of programmed data.
START SET PROG./VERIFY MODE VPP = 12.5 0.3 V V = 6.25 0.25 V CC Address = 0 n=0 n+1 n
Program tPW = 50 s 5% Address + 1 Address NO VERIFY GO LAST address? NOGO n = 10? YES NO
YES SET READ MODE VCC = 5.0 0.5 V VPP = V CC READ all address GO END NOGO
FAIL
Fast High-Reliability Programming Flowchart
13
HN27C4000G Series
DC Characteristics (VCC = 6.25 V 0.25 V, VPP =12.5 V 0.3 V, Ta=25C 5C)
Item Input leakage current VPP supply current Operating VCC current Input voltage Symbol ILI IPP ICC VIL VIH Output voltage VOL VOH Min -- -- -- -0.1*5 2.2 -- 2.4 Typ -- -- -- -- -- -- -- Max 2 40 50 0.8 VCC + 0.5*6 0.45 -- Unit A mA mA V V V V IOL = 2.1 mA IOH = -400 A Test conditions Vin = 6.5 V/0.45 V CE = VIL
Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. VPP must not exceed 13 V including overshoot. 3. An influence may be had upon device reliability if the device is installed or removed while VPP = 12.5 V. 4. Do not alter VPP either VIL to 12.5 V or 12.5 V to VIL when CE = low. 5. VIL min = -0.6 V for pulse width 20 ns. 6. If VIH is over the specified maximum value, programming operation cannot be guaranteed.
AC Characteristics (VCC = 6.25 V 0.25 V, VPP = 12.5 V 0.3 V, Ta = 25C 5C) Test Conditions * Input pulse levels: 0.45 to 2.4 V * Input rise and fall times: 20 ns * Reference levels for measuring timings: 0.8 V, 2.0 V
Item Address setup time OE setup time Data setup time Address hold time Data hold time OE to output float delay VPP setup time VCC setup time CE initial programming pulse width Data valid from OE Note: Symbol tAS tOES tDS tAH tDH tDF*1 tVPS tVCS tPW tOE Min 2 2 2 0 2 0 2 2 47.5 0 Typ -- -- -- -- -- -- -- -- 50.0 -- Max -- -- -- -- -- 130 -- -- 52.5 150 Unit s s s s s ns s s s ns Test conditions
1. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
14
HN27C4000G Series
Fast High-Reliability Programming Timing Waveform
Program Address t AS Data t DS V PP V PP V CC t VPS V CC V CC+1.25 V CC t VCS CE Data In Stable t DH
Program Verify
t AH Data Out Valid t DF
t PW OE
t OES
t OE
Optional Page Programming
This device can be applied the optional page programming algorithm shown in the following flowchart. This algorithm allows to obtain faster programming time without any voltage stress to the device nor deterioration in reliability of programmed data. This programming algorithm is the combination of page programming and word verify. It can avoid the increase of programming verify time when a programmer with slow machine cycle is used, and shorten the total programming time. Regarding the timing specifications for page programming and word verify, please refer to the specifications for fast high-reliability page programming and fast high-reliability programming.
15
HN27C4000G Series
START SET PAGE PROG LATCH MODE VPP= 12.5 0.3 V V = 6.25 0.25 V CC OE = 12.0 0.5 V Address = 0 Latch Address + 1 Latch Address + 1 Latch Address + 1 Latch SET PAGE PROG. MODE VPP = 12.5 0.3 V V CC = 6.25 0.25 V Address + 1 Address Program tPW = 50 s 5% NO LAST address? Address Address Address
YES PAGE PROG. RESET VPP = VCC = 6.25 0.25 V SET WORD PROG./VERIFY MODE VPP = 12.5 0.3 V V CC = 6.25 0.25 V Address = 0 n=0 VERIFY NOGO n+1 Address + 1 Address n Program tPW = 50 s 5% VERIFY GO LAST all address? YES SET READ MODE VCC = 5.0 0.5 V VPP = VCC READ all address GO END Optional Page Programming Flowchart FAIL NOGO n = 10? YES NO NOGO
GO
16
HN27C4000G Series
DC Characteristics (VCC = 6.25 V 0.25 V, VPP =12.5 V 0.3 V, Ta = 25C 5C)
Item Input leakage current Output voltage during verify Symbol ILI VOL VOH Operating VCC current Input voltage ICC VIL VIH VH VPP supply current IPP Min -- -- 2.4 -- -0.1*5 2.2 11.5 -- Typ -- -- -- -- -- -- 12.0 -- Max 2 0.45 -- 50 0.8 VCC + 0.5*6 12.5 70 Unit A V V mA V V V mA CE = VIL Test conditions Vin = 6.5 V/0.45 V IOL = 2.1 mA IOH = -400 A
Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. VPP must not exceed 13 V including overshoot. 3. An influence may be had upon device reliability if the device is installed or removed while VPP = 12.5 V. 4. Do not alter VPP either VIL to 12.5 V or 12.5 V to VIL when CE = low. 5. VIL min = -0.6 V for pulse width 20 ns. 6. If VIH is over the specified maximum value, programming operation cannot be guaranteed.
17
HN27C4000G Series
AC Characteristics (VCC = 6.25 V 0.25 V, VPP = 12.5 V 0.3 V, Ta = 25C 5C) Test Conditions * Input pulse levels: 0.45 to 2.4 V * Input rise and fall times: 20 ns * Reference levels for measuring timings: Inputs; 0.8 V, 2.0 V Outputs; 0.8 V, 2.0 V
Item Address setup time OE setup time Data setup time Address hold time Data hold time OE high to output float delay VPP setup time VCC setup time CE initial programming pulse width CE setup time Data valid from OE CE pulse width during data latch OE = VH setup time OE = VH hold time Page programming reset time *2 VPP hold time *2 Symbol tAS tOES tDS tAH tDH tDF
*1
Min 2 2 2 0 2 0 2 2 47.5 2 0 1 2 2 1 1
Typ -- -- -- -- -- -- -- -- 50.0 -- -- -- -- -- -- --
Max -- -- -- -- -- 130 -- -- 52.5 -- 150 -- -- -- -- --
Unit s s s s s ns s s s s ns s s s s s
Test conditions
tVPS tVCS tPW tCES tOE tLW tOHS tOHH tVLW tVRS
Notes: 1. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven. 2. Page program mode will be reset when VPP is set to VCC or less.
18
HN27C4000G Series
Option Page Programming Timing Waveform
Page program mode Program data latch Page program
Word program mode Program verify
Program
A2 - A17 t AH t AS t AH t AS t AH
A0, A1 t DS
Data in stable
t DH t DS
Data out valid
t DF
Data in stable
Data t VPS VPP VCC t VCS
t VPS t OE t DF
VPP
t VRS t VLW
VCC+ 1.25 VCC VCC t OHS t OHH t CES
t CES
CE t LW t PW OE VH VIH VIL
t OES t PW
19
HN27C4000G Series
Erase
Erasure of this device is performed by exposure to ultraviolet light of 2537 A and all the output data are changed to "1" after this erasure procedure. The minimum integrated dose (i.e. UV intensity X exposure time) for erasure is 15 W*sec/cm2.
Mode Description
Device Identifier Mode The device identifier mode allows the reading out of binary codes that identify manufacturer and type of device, from outputs of EPROM. By this mode, the device will be automatically matched its own corresponding programming algorithm, using programming equipment.
HN27C4000G Identifier Code
A0 Identifier DG-40 (9) VIL VIH I/O8 - I/O15 I/O7 -- X X (28) 0 1 I/O6 (26) 0 0 I/O5 (24) 0 1 I/O4 (22) 0 0 I/O3 (19) 0 0 I/O2 (17) 1 0 I/O1 (15) 1 0 I/O0 (13) 1 1 Hex Data 07 A1
Manufacturer code Device code Notes: 1. 2. 3. 4. 5.
VCC = 5.0 V 10% A9 = 12.0 V 0.5 V CE, OE = VIL A1 - A8, A10 - A17: Don't care. X: Don't care.
20


▲Up To Search▲   

 
Price & Availability of HN27C4000G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X