Part Number Hot Search : 
FBR2501 TK10417M MV5074C 160432 T83C51 HFU37H TK10417M LTC17
Product Description
Full Text Search
 

To Download HMPSA27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6332 Issued Date : 1995.05.18 Revised Date : 2002.04.11 Page No. : 1/3
HMPSA27
NPN SILICON TRANSISTOR
Description
The HMPSA27 is designed for darlington amplifier high current gain collector current to 500mA.
Absolute Maximum Ratings
TO-92
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ......................................................................................... 60 V VCES Collector to Emitter Voltage ...................................................................................... 60 V VEBO Collector to Emitter Voltage ...................................................................................... 10 V IC Collector Current........................................................................................................ 500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCES BVEBO ICBO IEBO ICES *VCE(sat) VBE(on) *hFE1 *hFE2 Min. 60 60 10 10K 10K Typ. Max. 100 100 500 1.5 2 Unit V V V nA nA nA V V Test Conditions IC=100uA, IE=0 IC=100uA, VBE=0 IE=10uA, IC=0 VCB=50V, IE=0 VEB=10V, IC=0 VCE=50V IC=100mA, IB=0.1mA VCE=5V, IC=100mA VCE=5V, IC=10mA VCE=5V, IC=100mA
*Pulse Test: Pulse Width 380us, Duty Cycle2%
HMPSA27
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100000 125 C
o
Spec. No. : HE6332 Issued Date : 1995.05.18 Revised Date : 2002.04.11 Page No. : 2/3
Saturation Voltage & Collector Current
10000
Saturation Voltage (mV)
75 C 1000 25 C
o
o
hFE
25 C
o
75 C
o
125 C hFE @ VCE=5V 10000 10 100 1000 100 1 10 100 1000 VCE(sat) @ IC=1000IB
o
Collector Current-IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
10000
Capacitance & Reverse-Biased Voltage
10
Capacitance (pF)
ON Voltage (mV)
Cob
25 C 1000 125 C 75 C VBE(ON) @ VCE=5V
o o
o
100 1 10 100 1000
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse-Biased Voltage (V)
Safe Operating Area
10000 PT=1ms
PD-Ta
700 600
Collector Current-IC (mA)
1000 PT=1s 100
Power Dissipation-PD (mW)
10 100
PT=100ms
500 400 300 200 100
10
1 1
0 0 50 100
o
150
200
Forward Voltage-VCE (V)
Ambient Temperature-Ta ( C)
HMPSA27
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6332 Issued Date : 1995.05.18 Revised Date : 2002.04.11 Page No. : 3/3
2
Marking:
H MP S A27 Control Code
3
C
Style: Pin 1.Emitter 2.Base 3.Collector
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMPSA27
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMPSA27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X