Part Number Hot Search : 
2SA15 5N500 AS2702 EMK12 416AC27E 1N5228 XF0852P 2SC3356
Product Description
Full Text Search
 

To Download HEC50-24S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * SINGLE OUTPUT UP TO 15A * INDUSTRY STANDARD FOOTPRINT * ADJUSTABLE OUTPUT VOLTAGE * NO MINIMUM LOAD * UNDER-VOLTAGE LOCKOUT * HIGH EFFICIENCY UP TO 91% * COMPACT 2.40 X 2.28 X 0.50 INCH PACKAGE * FIXED SWITCHING FREQUENCY * HALT TESTED
HEC50-S single output DC/DC converters provide up to 50 watts of output power in an industry standard half-brick package and footprint. These units are specifically designed to meet the power needs of low-voltage silicon. All models feature a wide input range, trimmable output voltage and a 15A current rating. Remote sense and remote on/off facilities are included as standard, and the converters are comprehensively protected against over-current, over-voltage and over-temperature conditions. The HEC50 converters are especially suited to telecom, networking and industrial application.
UL E193009 TUV R50020744 CB JPTUV-5363 CE MARK
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
GENERAL SPECIFICATIONS
50 Watts max 1.5% + 10% , -20% 0% Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard (Note 5) Case material Weight MTBF Bellcore TR-NWT-000332, Tc=40 , Io=80%, max. Efficiency Input to Output Input to Case Output to Case See table 1600 VDC, min. 1000 VDC, min. 1000 VDC, min. 10 ohms, min 2500 pF, max 300 KHz, typ IEC60950, UL60950, EN60950 Open with Aluminum base-plate 50g (1.76 oz) 3 x 106 hrs
7
Voltage adjustability (Note 1) Minimum load Line regulation Load regulation Remote sense (Note 1) Ripple and noise(Note 2) 20MHz bandwidth Temperature coefficient Transient response recovery time 25% load step change LL to HL at FL 0% to 100% FL
See table See table 10% of Vout 100mVp-p I0.02% / C, max 200uS 115% ~ 130% of Vout 110% ~ 140% of Iout Rated Hiccup, automatics recovery
Over voltage protection threshold (Hiccup) Over current protection threshold Short circuit protection
ENVIRONMENTAL SPECIFICATIONS
Operating base-plate temperature range (Note 6) Over temperature protection Humidity max, Non-condensing -40C to +100C 110C 95% -55C to +125C MIL-STD-810D 10~55Hz, 2G, 3minutes period, 30minutes along X,Y and Z
INPUT SPECIFICATIONS
24V input 48V input 24V input UVLO start-up voltage 48V input 24V input UVLO shuntdown voltage 48V input Input voltage range Input filter (Note 3) Input voltage variation dv/dt 18 - 36VDC 36 - 75VDC 17V typ. 34V typ. 15V typ. 32V typ. L-C type
Storage temperature range Thermal shock Vibration
EMC CHARACTERISTICS
Conducted emissions Radiated emissions ESD Radiated immunity Fast transient Surge Conducted immunity EN55022 (Note 7) EN55022 (Note 7) EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Level A Level B Level A Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2
5V/ms,max (Complies with ETS300 132 part 4.4) 50VDC 24V input Input surge voltage 100mS max 100VDC 48V input Nominal Vin and constant Start up time 25mS typ. resistive load Input reflected-ripple current 24V input 50mAp-p (5Hz to 20 MHz, 12uH source impedance) 48V input 20mAp-p Remote ON/OFF(Note 4) (Positive logic) (Negative logic) ON=Open or 3.5V < Vr < 15V, IIN=50 max. OFF=Short or 0V < Vr < 1.2V, IIN=1m max. ON=Short or 0V < Vr < 1.2V, IIN=1m max.
OFF=Open or 3.5V < Vr < 15V, IIN=50 max.
Model Number
HEC50-24S1P8 HEC50-24S2P5 HEC50-24S3P3 HEC50-24S05 HEC50-24S15 HEC50-48S1P8 HEC50-48S2P5 HEC50-48S3P3 HEC50-48S05 HEC50-48S15
Input Range
18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Voltage
1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 15 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 15 VDC
Output Current
15 A 15 A 15 A 10 A 3.3 A 15 A 15 A 15 A 10 A 3.3 A
Line Load Input regulation regulation Current(8)
4 mV 5 mV 7 mV 10 mV 30 mV 4 mV 5 mV 7 mV 10 mV 30 mV 6 mV 8 mV 10 mV 15 mV 45 mV 6 mV 8 mV 10 mV 15 mV 45 mV 1.36 A 1.86 A 2.40 A 2.40 A 2.40 A 0.67 A 0.92 A 1.19 A 1.19 A 1.20 A
Eff (%)
86 87 89 90 89 87 89 90 91 90
(9)
Note
Maximum output deviation is 10% inclusive of remote sense. If remote sense is not being used, the +V sense should be connected to its corresponding +OUTPUT and likewise the -sense should be connected to its corresponding -OUTPUT. 2. Measured with a 1uF M/C and a 10uF T/C. 3. An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models. Power mate suggest: Nippon chemi-con KMF series, 220 F/100V, ESR 90m . 4. The negative/ positive logic and pin length are optional ( see table ). The pin voltage is referenced to negative input. 5. 24V input models safety approval pending. 6. Heat sink is optional and P/N: 7G-0021, 7G-0022, 7G-0023, 7G-0024. 7. The HEC50 meets level A and level B conducted emissions only with external components connected before the input pin to the converter. 8. Maximum value at nominal input voltage and full load. 9. Typical value at nominal input voltage and full load. 10. BASEPLATE GROUNDINGBase-plate should be grounded at one of the four screw bolts prior to operation. 11. The converter is provided by basic insulation. ( Note 10 ) 1.
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below.
TRIM UP TRIM DOWN
PIN CONNECTION
PIN 1 2 3 4 5 6 7 8 9 Define - INPUT CASE CTRL + INPUT - OUTPUT - SENSE TRIM + SENSE + OUTPUT Diameter 0.04 Inches 0.04 Inches 0.04 Inches 0.04 Inches 0.08 Inches 0.04 Inches 0.04 Inches 0.04 Inches 0.08 Inches
PRODUCT OPTIONS TABLE Option
Negative remote ON/OFF logic, 0.20" pin length (standard) Negative remote ON/OFF logic, 0.145" pin length Negative remote ON/OFF logic, 0.11" pin length Positive remote ON/OFF logic, 0.20" pin length Positive remote ON/OFF logic, 0.145" pin length Positive remote ON/OFF logic, 0.11" pin length
Suffix
-L -K -P -S -M
7
6
RU
8 7
RD
ExampleHEC50-48S3P3-P


▲Up To Search▲   

 
Price & Availability of HEC50-24S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X