Part Number Hot Search : 
PD2508 ST110318 2N4113 1818M 2DR2G HCT40 SMCJ85A 1050QA3
Product Description
Full Text Search
 

To Download FAN1616AD25X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN1616A
0.5A Adjustable/Fixed Low Dropout Linear Regulator
Features
* * * * * * * Low dropout voltage Load regulation: 0.05% typical Current limit On-chip thermal limiting Standard SOT-223 and TO-252 packages Three-terminal adjustable or fixed 1.8V, 2.5V, 3.3V or 5V Specified from -40C to +125C
Description
The FAN1616A, FAN1616A-1.8, -2.5, -3.3 and -5 are low dropout three-terminal regulators with 0.5A output current capability. These devices have been optimized for applications where transient response and minimum dropout voltage are critical. The 5V version is designed also to be used in USB Hub and Motherboard applications. On-chip thermal limiting provides protection against any combination of overload and ambient temperature that would create excessive junction temperatures. Unlike PNP type regulators where up to 10% of the output current is wasted as quiescent current, the bias current of the FAN1616A flows into the load, increasing efficiency. The FAN1616A series regulators are available in the industry-standard SOT-223 and TO-252 power packages.
Applications
* USB Controlled Power Supply * High efficiency linear regulators for Mixed Voltage Logic, ASIC, FPGA based systems * Post regulators for switching supplies * Battery chargers * 12V to 5V, 3.3V, 2.5V, 1.8V, or adj linear regulators * Motherboard clock supplies * SDRAM Module supplies
Typical Applications
FAN1616A VIN = 12V 10F ADJ + VIN VOUT R1 124 + 22F 9V at 0.5A
VOUT = VREF(1 + R2/R1) + IAdj * R2
R2 768
FAN1616A-3.3 VIN = 9V 10F GND + VIN VOUT + 22F 3.3V at 0.5A
REV. 1.0.5 3/1/02
PRODUCT SPECIFICATION
FAN1616A
Pin Assignments
FAN1616AS (Variable) FAN1616AS-X (Fixed) Front View 3 Tab is OUT 2 1 IN OUT Tab is OUT ADJ/GND 1 4-Lead Plastic SOT-223 JC = 15C/W* 2 3 FAN1616AD (Variable) FAN1616AD-X (Fixed) Front View
ADJ/ GND
IN
3-Lead Plastic TO-252 JC = 3C/W*
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane, JA can vary from 30C/W to >50C/W. Other mounting techniques may provide better power dissipation than 30C/W.
Absolute Maximum Ratings
Parameter VIN (VIN-VOUT) * IOUT Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10 sec.) -40 -65 Min. Max. 18 See Figure 1 125 150 300 C C C Unit V
0.6 0.5 IOUT (A) 0.4 0.3 0.2 0.1 0 0 2 4 6 VIN - VOUT (V) 8 10 12
Figure 1. Absolute Maximum Safe Operating Area
2
REV. 1.0.5 3/1/02
FAN1616A
PRODUCT SPECIFICATION
Electrical Characteristics
Operating Conditions: VIN 12V, TJ = 25C unless otherwise specified. The * denotes specifications which apply over the specified operating temperature range. Parameter Reference Voltage3 Conditions 1.5V (VIN - VOUT) 5.75V, 10mA IOUT 0.5A 10mA IOUT 0.5A FAN1616A-1.8, 3.3V VIN 12V FAN1616A-2.5, 4.0V VIN 12V FAN1616A-3.3, 4.5V VIN 12V FAN1616A-5, 6.2V VIN 12V (VOUT + 1.5V) VIN 12V, IOUT = 10mA (VIN - VOUT) = 2V, 10mA IOUT 0.5A VREF = 1%, IOUT = 0.5A * Min. 1.225 (-2%) 1.764 2.450 3.234 4.900 Typ. 1.250 Max. 1.275 (+2%) 1.836 2.550 3.366 5.100 0.2 0.5 1.200 120 5 Units V
Output Voltage4
* * * * * * * * * * *
1.800 2.500 3.300 5.000 0.005 0.05 1.000 35 0.2
V V V V % % V A A mA
Line Regulation1,2 Load Regulation1,2,3 Current3 Dropout Voltage Adjust Pin
Adjust Pin Current Change3, 4 1.5V (VIN - VOUT) 12V, 10mA IOUT 0.5A Minimum Load Current Quiescent Current Ripple Rejection Thermal Regulation Temperature Stability Long-Term Stability RMS Output Noise (% of VOUT) Thermal Resistance, Juncation to Case Thermal Shutdown TA = 125C, 1000hrs. TA = 25C, 10Hz f 10kHz SOT-223 TO-252 1.5V (VIN - VOUT) 12V VIN = VOUT + 1.25V f = 120Hz, COUT = 22F Tantalum, (VIN - VOUT) = 3V, IOUT = 0.5A TA = 25C, 30ms pulse
10 4 60 72 0.004 0.02 1.0 13
mA dB %/W % % % C/W C/W C
*
0.5 0.03 0.003 15 3 150
Notes: 1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing. 2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is determined by input/ output differential and the output current. Guaranteed maximum output power will not be available over the full input/output voltage range. 3. FAN1616A only. 4. Output current must be limited to meet the absolute maximum ratings of the part.
REV. 1.0.5 3/1/02
3
PRODUCT SPECIFICATION
FAN1616A
Typical Performance Characteristics
1.5 1.4 DROPOUT VOLTAGE (V) 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0 0 0.2 0.4 0.6 0.8 1.0 TJ = 0C TJ = 25C TJ = 125C 0.10 OUTPUT VOLTAGE DEVIATION (%) 0.05 0 -0.05 -0.10 -0.15 -0.20 -75 -50 -25 0 I = 0.5A
25 50 75 100 125 150 175
OUTPUT CURRENT (A)
JUNCTION TEMPERATURE (C)
Figure 2. Dropout Voltage vs. Output Current
1.260 1.255 REFERENCE VOLTAGE (V) OUTPUT VOLTAGE (V) 1.250 1.245 1.240 1.235 1.230 1.225 1.220 1.215 1.210 -75 -50 -25 0 25 50 75 100 125 150 175 Note: 1. FAN1616A Only
Figure 3. Load Regulation vs. Temperature
3.70 3.65 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 3.20 -75 -50 -25 0 Note: 1. FAN1616A Only 25 50 75 100 125 150 175 VOUT = 3.3V
VOUT SET WITH 1% RESISTORS VOUT = 3.6V1
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE (C)
Figure 4. Reference Voltage vs. Temperature
Figure 5. Output Voltage vs. Temperature
5 MINIMUM LOAD CURRENT (mA) ADJUST PIN CURRENT (A)
100 90 Note: 1. FAN1616A Only
4
80 70 60 50 40 30 20 10
3
2
1
0 -75 -50 -25 0
25 50 75 100 125 150 175
0 -75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE (C)
Figure 6. Minimum Load Current vs. Temperature
Figure 7. Adjust Pin Current vs. Temperature
4
REV. 1.0.5 3/1/02
FAN1616A
PRODUCT SPECIFICATION
Typical Performance Characteristics (continued)
90 80 RIPPLE REJECTION (dB) 70 POWER (W) 60 50 40 30 20 10 0 10 (VIN - VOUT) 3V 0.5 VRIPPLE 2V IOUT = 0.5A 100 1K 10K 100K 1 3 4 TO-252
2 SOT-223
0 50
60 70 80 90 100 110 120 130 140 150 CASE TEMPERATURE (C)
FREQUENCY (Hz)
Figure 8. Ripple Rejection vs. Frequency
Figure 9. Maximum Power Dissipation
REV. 1.0.5 3/1/02
5
PRODUCT SPECIFICATION
FAN1616A
Mechanical Dimensions
3-Lead TO-252 Package
Symbol A b b2 b3 c c2 D E e H L L1 L3 L4 Inches Min. .086 .025 .030 .205 .018 .018 Max. .094 .035 .045 .215 .024 .023 Millimeters Min. 2.19 0.64 0.76 5.21 0.46 0.46 Max. 2.39 0.89 1.14 5.46 0.61 0.58 4 Notes: Notes 1. 2. 3. 4. 5. 1 1 6. Dimensions are exclusive of mold flash, metal burrs or interlead protrusion. Stand off-height is measured from lead tip with ref. to Datum -B-. Foot length is measured with ref. to Datum -A- with lead surface. Thermal pad contour optional within dimension b3 and L3. Formed leads to be planar with respect to one another at seating place -C-. Dimensions and tolerances per ASME Y14.5M-1994.
.210 .245 .250 .265 .090 BSC .370 .410 .055 .070 .108 REF .035 .025 .080 .040
5.33 6.22 6.35 6.73 2.29 BSC 9.40 10.41 1.40 1.78 2.74 REF 0.89 0.64 2.03 1.02
3 4
E @PKG/ @HEATSINK b3
L3 c2
D H b2 E-PIN L4 L1 L b e = 0 - 10 -A-
-B-
A -C-
6
REV. 1.0.5 3/1/02
FAN1616A
PRODUCT SPECIFICATION
Mechanical Dimensions
4-Lead SOT-223 Package
Inches Min. A A1 B c D E e F H I J K L M N -- -- .025 -- .248 .130 .115 .033 .264 .012 -- 10 .0008 10 .010 Max. .071 .181 .033 .090 .264 .148 .124 .041 .287 -- 10 16 .0040 16 .014 Millimeters Min. -- -- .640 -- 6.30 3.30 2.95 .840 6.71 .310 -- 10 .0203 10 .250 Max. 1.80 4.80 .840 2.29 6.71 3.71 3.15 1.04 7.29 -- 10 16 .1018 16 .360
Symbol
Notes
D e K
A H E B A1 c F J M I L N
REV. 1.0.5 3/1/02
7
PRODUCT SPECIFICATION
FAN1616A
Ordering Information
Product Number FAN1616ADX FAN1616ASX FAN1616AD18X FAN1616AS18X FAN1616AD25X FAN1616AS25X FAN1616AD33X FAN1616AS33X FAN1616AD5X FAN1616AS5X Package TO-252 in tape and reel SOT-223 in tape and reel TO-252 in tape and reel SOT-223 in tape and reel TO-252 in tape and reel SOT-223 in tape and reel TO-252 in tape and reel SOT-223 in tape and reel TO-252 in tape and reel SOT-223 in tape and reel
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. www.fairchildsemi.com
3/1/02 0.0m 006 Stock#DS30001616 2002 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN1616AD25X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X