Part Number Hot Search : 
N3906 1N5401 1N5820 473ML C1938R BU90T82 MA3Z080E 85EPS08
Product Description
Full Text Search
 

To Download D4SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SIL Bridges
D4SB80
800V 4A
FEATURES *oehin Single In-Line Package T *oe High IFSM *oe Applicable to Automatic Insertion APPLICATION
OUTLINE DIMENSIONS
Case : 3S Case : 3S Unit : mm
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 800 V IO Average Rectified Forward Current 50Hz sine wave, R-load With heatsink Tc=108*Z 4 A 50Hz sine wave, R-load Without heatsink Ta=25*Z 2.3 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25*Z A 150 Current Squared Time I2 t 1ms*...t*10ms*@Tj=25*Z 110 A2s Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque TOR * ecommended torque : 0.5Nm*j R i 0.8 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit VF I =2A, Pulse measurement, Rating of per diodeMax.0.95 V Forward Voltage F IR V=V , Pulse measurement, Rating of per diode Max.10 EA Reverse Current R RM AEjc junction to case *@* With heatsink @ Max.5.5 Thermal Resistance AEjl junction to lead *@ *@ Without heatsink Max.6 *Z/W AEja junction to ambient Without heatsink Max.30
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D4SB80
Forward Voltage
10
Forward Current IF [A]
Tl=150C [TYP]
Tl=25C [TYP] 1
Pulse measurement per diode
0.1 0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage VF [V]
D4SB80
16 14
Forward Power Dissipation
Forward Power Dissipation PF [W]
12 10 8 6 4 2 0
SIN
0
1
2
3
4
5
6
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D4SB80
8
Derating Curve
Heatsink
Average Rectified Forward Current IO [A]
Tc
Tc
7 6 5 SIN 4 3 2 1 0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
D4SB80
4
Derating Curve
Average Rectified Forward Current IO [A]
3.5 PCB 3 2.5 2 1.5 1 0.5 0 SIN Glass-epoxy substrate Soldering land 5mm
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
D4SB80
300
Peak Surge Forward Capability
IFSM
10ms 10ms
250
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
200
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D4SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X