Part Number Hot Search : 
TM128160 P4KE15 ATA6612 08A50 ACTF8100 ACT8897 KTA1073T MAX703
Product Description
Full Text Search
 

To Download CZRW55C4V7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
CZRW55C2V4 Thru 55C39
Voltage: 2.4 - 39 Volts Power: 410 mWatts
Features
Planar Die construction 410mW Power Dissipation Zener Voltages from 2.4V - 39V Ideally Suited for Automated Assembly Processes
SOD-123
.154 (3.90) .141 (3.60)
.028(0.70)
.019(0.50)
.110 (2.80) .098 (2.50)
Mechanical data
.053(1.35) .008(0.20) Max. .037(0.95)
Case: SOD-123, MoldedPlastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram
.005 (.12) MAX.
.016 (.40)Min.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter Power Dissipation (Note A) at 25C Peak Forward Surge Current Surge, 8.3ms Single Half Sine-wave Superimposed on Rated Load (JEDEC Method) (Note B) Operating Junction and Storage Temperature Range Symbol PD IFSM TJ Value 410 2.0 -55 to +150 Units mW Amps C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
MDS0302005A
.071(1.80)
.055(1.40)
Page 1
Surface Mount Zener Diodes
Maximum Ratings and Electrical Characterics
(TA=25C unless otherwise noted) VF=1.2V max, IF=100mA for all types
COMCHIP
www.comchip.com.tw
Nominal Zener Voltage Part Number VZ @ IZT Nom. V Min. V CZRW55C2V4 CZRW55C2V7 CZRW55C3V0 CZRW55C3V3 CZRW55C3V6 CZRW55C3V9 CZRW55C4V3 CZRW55C4V7 CZRW55C5V1 CZRW55C5V6 CZRW55C6V2 CZRW55C6V8 CZRW55C7V5 CZRW55C8V2 CZRW55C9V1 CZRW55C10 CZRW55C11 CZRW55C12 CZRW55C13 CZRW55C15 CZRW55C16 CZRW55C18 CZRW55C20 CZRW55C22 CZRW55C24 CZRW55C27 CZRW55C30 CZRW55C33 CZRW55C36 CZRW55C39 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15 16 18 20 22 24 27 30 33 36 39 2.28 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 Max. V 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41
Max. Zener Impedance ZZT @ IZT Ohm 85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZK @ IZK Ohm 600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Max Reverse Leakage Current IR @ VR nA 100000 75000 50000 25000 15000 10000 5000 5000 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 V 1 1 1 1 1 1 1 1 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22.5 25 27 29
Max Zener Current IZM@ TA mA 134 118 109 100 92 84 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8
410 mWatts Zener Diodes
NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2.Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5.Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
MDS0302005A
Page 2
Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CZRW55C2V4 Thru CZRW55C39)
8 7
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
1000
DYNAMIC IMPEDANCE, W
1000
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
100
5 mA
100
20 mA
10
10
150 C
75OC
O
25OC
5C
O
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
TYPICAL FORWARD VOLTAGE
1.2 1.0 0.8 0.6
1000 0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25 C
o
POWER DISSIPATION, Watts
PD V.S. TA
0.4 0.2 0
CAPACITANCE, pF
75 100 125 150
25
50
155
1
1
10
NOMINAL ZENER VOLTAGE, Volts
100
TEMPERATURE (oC)
MDS0302005A
Page 3
Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CZRW55C2V4 Thru CZRW55C39)
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25oC
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25 C -55OC
80 90
O
NOMINAL ZENER VOLTAGE, Vlots
MDS0302005A
Page 4


▲Up To Search▲   

 
Price & Availability of CZRW55C4V7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X