Part Number Hot Search : 
HT46R48E GP30M BUK72 T823MB40 ETX500T T823MB40 K1299 3314G
Product Description
Full Text Search
 

To Download CZRT55C4V7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
CZRT55C4V7 Thru CZRT55 C39
Voltage: 2.4 - 39 Volts Power: 410 mWatts
Features
Planar Die construction 410mW Power Dissipation Zener Voltages from 2.4V - 39V Ideally Suited for Automated Assembly Processes
SOT-23
.119 (3.0) .110 (2.8)
.020 (0.5)
Top View
.056 (1.40) .047 (1.20)
3
Mechanical data
.006 (0.15)max.
.006 (0.15) .002 (0.05)
Case: SOT-23, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram
SINGLE
1
2
.037(0.95) .037(0.95)
.020 (0.5)
.020 (0.5)
.103 (2.6) .086 (2.2)
Dimensions in inches (millimeters)
CDST4148
Maximum Ratings and Electrical Characterics
Parameter Power Dissipation (Note A) at 75C Peak Forward Surge Current Surge, 8.3ms Single Half Sine-wave Superimposed on Rated Load (JEDEC Method) (Note B) Operating Junction and Storage Temperature Range Symbol PD IFSM TJ Value 410 2.0 -55 to +150 Units mW Amps C
NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
MDS0211014A
.044 (1.10) .035 (0.90)
Page 1
Surface Mount Zener Diodes
Maximum Ratings and Electrical Characterics
(TA=25C unless otherwise noted) V F=1.2V max, I F=100mA for all types
COMCHIP
www.comchip.com.tw
Nominal Zener Voltage Part Number VZ @ IZT Nom. V Min. V Max. V
Max. Zener Impedance ZZT @ IZT Ohm mA ZZK @ IZK Ohm mA
Max Reverse Leakage Current IR @ VR nA V
Typical Temp. Coefficient TC
Max Zener Current IZM@ TA mA
410 mWatts Zener Diodes
CZRT55C2V4 CZRT55C2V7 CZRT55C3V0 CZRT55C3V3 CZRT55C3V6 CZRT55C3V9 CZRT55C4V3 CZRT55C4V7 CZRT55C5V1 CZRT55C5V6 CZRT55C6V2 CZRT55C6V8 CZRT55C7V5 CZRT55C8V2 CZRT55C9V1 CZRT55C10 CZRT55C11 CZRT55C12 CZRT55C13 CZRT55C15 CZRT55C16 CZRT55C18 CZRT55C20 CZRT55C22 CZRT55C24 CZRT55C27 CZRT55C30 CZRT55C33 CZRT55C36 CZRT55C39 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15 16 18 20 22 24 27 30 33 36 39 2.28 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 100000 75000 50000 25000 15000 10000 5000 5000 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 1 1 1 1 1 1 1 2 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22.5 25 27 29 -0.075 -0.065 -0.06 -0.055 -0.055 -0.05 -0.035 -0.015 0.005 0.02 0.03 0.045 0.05 0.055 0.065 0.07 0.075 0.08 0.08 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.11 134 118 109 100 92 84 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8
NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2.Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5.Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
MDS0211014A
Page 2
Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CZRT55C4V7 Thru CZRT55C39)
8 7
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
1000
DYNAMIC IMPEDANCE, W
1000
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
100
5 mA 20 mA
100
10
10
150 C
75OC
O
25OC
5C
O
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
TYPICAL FORWARD VOLTAGE
1.2 1.0 0.8 0.6
1000 0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25 C
o
POWER DISSIPATION, Watts
PD V.S. TA
0.4 0.2 0
CAPACITANCE, pF
75 100 125 150
25
50
155
1
1
10
NOMINAL ZENER VOLTAGE, Volts
100
TEMPERATURE (oC)
MDS0211014A
Page 3
Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CZRT55C4V7 Thru CZRT55C39)
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25oC
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25OC -55 C
80 90
O
NOMINAL ZENER VOLTAGE, Vlots
MDS0211014A
Page 4


▲Up To Search▲   

 
Price & Availability of CZRT55C4V7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X