Part Number Hot Search : 
ON0810 CHV37H16 IRL3715L 03952 MC7805C MB120S 00105 BA668A
Product Description
Full Text Search
 

To Download CR3710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CR3710
Advance Product Bulletin
FEATURES
General
-- Integrates all required components for a complete AVI or ATAPI interface DVD drive (front-end) electronics solution: RF amp Data channel Servo control processor DVD ECC (error correction code) CSS (content scramble system) ATAPI decoder -- Direct Audio/Video Interface for DVD player applications -- ATAPI interface for slim-line DVD-ROM solutions -- High-performance controller supports DVD disc speeds up to 8 -- Partial Response Maximum Likelihood (PRML) data channel. -- Servo Control Processor (SCP) on board -- DVD navigation support -- Firmware compatible with all Cirrus Logic CD-ROM and CD-R/RW devices -- 208-pin LQFP package
Integrated AVI / ATAPI DVD Drive Manager
RF Amp
-- Provides laser power control -- Gain control closed in the digital domain
Functional Block Diagram
SAMPLE RATE GENERATOR
FROM IV AMP
SUM AND VGA LOW PASS FILTER SYNTHESIZER RF ADC


OVERVIEW
The CR3710 is Cirrus Logic's high-integration, highperformance ATAPI DVD drive manager. It integrates all required components for a DVD loader for DVD players and slim-line DVD-ROM drives. The CR3710 includes RF amp, servo control processor, data channel, DVD ECC, CSS authorization, CD-ROM decoder, and AVI and ATAPI interfaces. The CR3710 can be configured with an audio DAC (digital-to-analog converter), external buffer memory (8- or 16-bit DRAM), a local microcontroller with its RAM and ROM, and power drivers to create a complete DVD-ROM electronics solution. It has an integrated MPEG-2 interface and can be efficiently designed into a DVD player. (cont.)
(cont.)
TO POWER DRIVERS
FROM SENSORS
LOCAL MICROCONTROLLER
DACS
SPINDLE CONTROL
RAM
MICRO INTERFACE
CSS AUTHENTICATION
VGA
ADCS
SCP CHANNEL QUALITY DPPL AND DATA CHANNEL BAC CAPTURE
CSS DESCRAMBLE
LAYERED ECC DVD ECC
HOST INTERFACE
ATAPI OR MPEG
NAVIGATION 8/16 DEMOD C1/C2 ECC AND DE-INTERLEAVE SUBCODE DE-INTERLEAVE SUB-Q READ HEADER SEARCH AND CHECK BUFFER MANAGER AUDIO OUT
EFM DEMOD
CR3710
BUFFER MEMORY
EXTERNAL DAC
CIRRUS LOGIC CONFIDENTIAL
November 2000
CR3710
ATAPI DVD Drive Manager
FEATURES (cont.)
-- Generates focus error and tracking signal -- Provides RF (radio frequency) signal for the data channel -- Bypassable for external RF amp applications -- Digital PLL provides flexible control of center frequency to support improved access times -- Channel quality provided for parametric calibration -- Channel data rates up to 78 Mbytes/sec. -- Flexible and error-tolerant channel sync mark windowing corrections per sector (up to 64 total) -- C1/C2 ECC and de-interleaving -- Realtime subcode error correction in CD-DA (compact disc digital audio) mode
Servo Control Processor
-- Includes a servo control processor for focus, tracking, sled, and spindle servo loops -- Significantly faster capture for focus and tracking -- Effective in a wide range of parameter variations -- Superior response to defects, shock, and vibration -- Provides Back-EMF sensing/Hall sensor and commutation logic for spindle motor -- Supports both CLV (constant linear velocity) and CAV (constant angular velocity) modes
ECC
-- Realtime DVD ECC error correction -- Realtime CD-ROM layered ECC error correction with programmable number of sets of P-word and Q-word
OVERVIEW (cont.)
The CR3710 supports DVD disc speeds up to 8 and Ultra DMA host speeds up to 33.3 Mbytes/sec. The RF signal is oversampled by a high-speed ADC (analog-to-digital converter). The timing loop is closed in the digital domain with variable decimation and interpolation used to provide the output samples to the data recovery logic. A channel-quality logic circuit is provided to allow parametric calibration. The CR3710 data channel supports partial response maximum likelihood (PRML) data acquisition providing state-of-the art data recognition in a noisy environment coming from the pick-up head. The CR3710 servo control processor implements the focus, tracking, sled, and spindle servo loops. An ADC is provided to convert the focus and tracking error signal. The outputs to the power drivers are linear DACs. The CR3710 supports realtime DVD ECC, CD-ROM C1/C2, and layered ECC correction, which is programmable for up to 64 P/Q-word corrections per sector. It also supports subcode R-W correction in the CD-DA (compact disc digital audio) mode. The buffer manager controls the flow of data from the data channel, through the ECC, and to either the host interface or the serial audio channel. Data is stored/retrieved in the external buffer memory using interleaved access cycles. The buffer memory is implemented with dynamic RAM devices. Up to 8 Mbytes of DRAM can be directly addressed by the CR3710. The host interface is designed with AVI and ATAPI interfaces. The AVI interface supports either serial or 8-bit parallel streams for compliance with Type-A or Type-B MPEG interfaces. The ATAPI Command and Control Block registers are contained in the CR3710 register set, which allows both host and local microcontroller access. Either interface is enabled by setting a bit in a register.
CIRRUS LOGIC CONFIDENTIAL


Data Channel
Decoder
Supports hardware streaming operation DVD navigation support Supports ADB (audio data buffering) Automatic target sector header search Hardware sector header validity check Supports high-speed Intel a- and Motorola a-type microcontrollers -- Supports nonmultiplexed and multiplexed address and data buses -- -- -- -- -- --

Host Interfaces
-- AVI interface either serial or 8-bit parallel supporting Type-A and Type-B MPEG interfaces -- True realtime hardware/software ATAPI compatibility -- Supports Ultra DMA: capable of synchronous DMA data rates up to 33.3 Mbytes/sec. -- Supports ATA PIO Modes 3 and 4 transfers without IOCHRDY -- Hardware implementation of: ATAPI packet command ATAPI reset command
CR3710
ATAPI DVD Drive Manager
DVD-ROM SYSTEM BLOCK DIAGRAM
PICK-UP DVD-ROM DRIVE ELECTRONICS
AUDIO DAC
BUFFER MEMORY
CR3710
DATA CHANNEL DECODER A T A P I CSS DVD/CD-ROM ECC
RF AMP SPINDLE 3 SLED/TRACK/FOCUS SERVO CONTROL PROCESSOR POWER DRIVERS
HOST INTERFACE ATAPI
ROM
C
DVD PLAYER SYSTEM BLOCK DIAGRAM
PICK-UP DVD-PLAYER (VIDEO) DRIVE ELECTRONICS IR SENSOR USER LED CONTROL DISPLAY
BUFFER MEMORY
ROM
C
CR3710
DATA CHANNEL DECODER M P E G 2 DVD/CD-ROM ECC
RF AMP SPINDLE 3 SLED/TRACK/FOCUS POWER DRIVERS SERVO CONTROL PROCESSOR CSS
AC-3 AUDIO DECODER MPEG-2 VIDEO DECODER
6 CHANNEL AUDIO NTSC/PAL ENCODER
6
BUFFER MEMORY (2 MBYTES) ROM C
CIRRUS LOGIC CONFIDENTIAL
CR3710
ATAPI DVD Drive Manager
CIRRUS LOGIC CONFIDENTIAL


▲Up To Search▲   

 
Price & Availability of CR3710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X