Part Number Hot Search : 
SD103C 1305A 74LVQ86 020149MR TH7862CD SP0256B 3C8T6 SKKD75F
Product Description
Full Text Search
 

To Download BYV72EWSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Rectifier diodes ultrafast, rugged
FEATURES
* Low forward volt drop * Fast switching * Soft recovery characteristic * Reverse surge capability * High thermal cycling performance * Low thermal resistance
BYV72EW series
SYMBOL
QUICK REFERENCE DATA
VR = 150 V/ 200 V VF 0.85 V IO(AV) = 30 A IRRM = 0.2 A trr 28 ns
a1 1 k2
a2 3
GENERAL DESCRIPTION
Dual, ultra-fast, epitaxial rectifier diodes intended for use as output rectifiers in high frequency switched mode power supplies. The BYV72EW series is supplied in the conventional leaded SOT429 (TO247) package.
PINNING
PIN 1 2 3 tab DESCRIPTION anode 1 cathode anode 2 cathode
SOT429 (TO247)
1
2
3
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VRRM VRWM VR IO(AV) IFRM IFSM PARAMETER Peak repetitive reverse voltage Crest working reverse voltage Continuous reverse voltage Average rectified output current (both diodes conducting)1 Repetitive peak forward current per diode Non-repetitive peak forward current per diode CONDITIONS BYV72EW Tmb 144C -40 MIN. -150 150 150 150 30 30 150 160 0.2 0.2 150 150 MAX. -200 200 200 200 UNIT V V V A A A A A A C C
IRRM IRSM Tstg Tj
square wave = 0.5; Tmb 104 C t = 25 s; = 0.5; Tmb 104 C t = 10 ms t = 8.3 ms sinusoidal; with reapplied VRWM(max) Repetitive peak reverse current tp = 2 s; = 0.001 per diode Non-repetitive peak reverse tp = 100 s current per diode Storage temperature Operating junction temperature
1 Neglecting switching and reverse current losses.
ESD LIMITING VALUE
SYMBOL VC PARAMETER Electrostatic discharge capacitor voltage CONDITIONS Human body model; C = 250 pF; R = 1.5 k MIN. MAX. 8 UNIT kV
October 1998
1
Rev 1.200
Philips Semiconductors
Product specification
Rectifier diodes ultrafast, rugged
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS per diode both diodes conducting in free air MIN. -
BYV72EW series
TYP. 45
MAX. 2.4 1.4 -
UNIT K/W K/W K/W
ELECTRICAL CHARACTERISTICS
characteristics are per diode at Tj = 25 C unless otherwise stated SYMBOL VF IR Qs trr1 trr2 Vfr PARAMETER Forward voltage Reverse current Reverse recovery charge Reverse recovery time Reverse recovery time Forward recovery voltage CONDITIONS IF = 15 A; Tj = 150C IF = 15 A IF = 30 A VR = VRWM; Tj = 100 C VR = VRWM IF = 2 A; VR 30 V; -dIF/dt = 20 A/s IF = 1 A; VR 30 V; -dIF/dt = 100 A/s IF = 0.5 A to IR = 1 A; Irec = 0.25 A IF = 1 A; dIF/dt = 10 A/s MIN. TYP. 0.83 0.95 1.00 0.5 10 6 20 13 1 MAX. 0.90 1.05 1.20 1 100 15 28 22 UNIT V V V mA A nC ns ns V
October 1998
2
Rev 1.200
Philips Semiconductors
Product specification
Rectifier diodes ultrafast, rugged
BYV72EW series
I
dI F dt
F
0.5A IF
t
rr time
0A I rec = 0.25A IR trr2
Q I R I
s
10%
100%
rrm
I = 1A R
Fig.1. Definition of trr1, Qs and Irrm
Fig.4. Definition of trr2
I
F
20
PF / W
Vo = 0.705 V Rs = 0.0097 Ohms
BYV42
Tmb(max) / C 102 D = 1.0 0.5
15
114
time VF
10
0.1
0.2 126
5
I
tp
D=
tp T t
138
V VF time
fr
T
0
0
5
10 15 IF(AV) / A
20
150 25
Fig.2. Definition of Vfr
Fig.5. Maximum forward dissipation PF = f(IF(AV)) per diode; square current waveform where IF(AV) =IF(RMS) x D.
PF / W
Vo = 0.705 V Rs = 0.0097 Ohms
R
15
BYV42
Tmb(max) / C 114 a = 1.57 1.9 2.2
D.U.T. Voltage Pulse Source
10 4
2.8
126
Current shunt
5
138
to 'scope
0 150 15
0
5
IF(AV) / A
10
Fig.3. Circuit schematic for trr2
Fig.6. Maximum forward dissipation PF = f(IF(AV)) per diode; sinusoidal current waveform where a = form factor = IF(RMS) / IF(AV).
October 1998
3
Rev 1.200
Philips Semiconductors
Product specification
Rectifier diodes ultrafast, rugged
BYV72EW series
trr / ns 1000
100 Qs / nC IF=20A 10A 5A 2A 1A 10
IF=20A 100 IF=1A 10
1
1
10 dIF/dt (A/us)
100
1.0
1.0
10 -dIF/dt (A/us)
100
Fig.7. Maximum trr at Tj = 25 C; per diode
Fig.10. Maximum Qs at Tj = 25 C; per diode
10
Irrm / A
10
Transient thermal impedance, Zth j-mb (K/W)
IF=20A
1
1 IF=1A
0.1
0.1
0.01
P D tp D=
tp T t
0.01 1 10 -dIF/dt (A/us) 100
0.001 1us
T
10us
100us 1ms 10ms 100ms 1s pulse width, tp (s) BYV42E
10s
Fig.8. Maximum Irrm at Tj = 25 C; per diode
Fig.11. Transient thermal impedance; per diode; Zth j-mb = f(tp).
50
IF / A Tj = 150 C
40
Tj = 25 C
30
20 typ 10 max 0 0 0.5 VF / V 1.0 1.5
Fig.9. Typical and maximum forward characteristic IF = f(VF); parameter Tj
October 1998
4
Rev 1.200
Philips Semiconductors
Product specification
Rectifier diodes ultrafast, rugged
MECHANICAL DATA
Dimensions in mm Net Mass: 5 g
5.3 3.5 21 max 15.5 max seating plane 7.3 16 max 5.3 max 1.8 o 3.5 max
BYV72EW series
2.5 4.0 max 1 2.2 max 3.2 max 5.45 2 3 0.9 max 1.1 5.45 0.4 M
15.5 min
Fig.12. SOT429 (TO247); pin 2 connected to mounting base.
Notes 1. Refer to mounting instructions for SOT429 envelope. 2. Epoxy meets UL94 V0 at 1/8".
October 1998
5
Rev 1.200
Philips Semiconductors
Product specification
Rectifier diodes ultrafast, rugged
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BYV72EW series
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1998
6
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BYV72EWSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X