Part Number Hot Search : 
BA6122A AKD4384 78RB09T XMXXX LIS302SG F10U60DN 01010 SMS15
Product Description
Full Text Search
 

To Download BLF0810S-90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
e
M3D379
M3D461
BLF0810-90; BLF0810S-90 Base station LDMOS transistors
Preliminary specification 2002 Mar 18
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
FEATURES * High power gain * Easy power control * Excellent ruggedness * Source on underside eliminates DC isolators, reducing common mode inductance * Designed for broadband operation (750 MHz to 1 GHz). APPLICATIONS * Common source class-AB operation in CDMA applications in the 750 to 960 MHz frequency range.
BLF0810-90; BLF0810S-90
DESCRIPTION Silicon N-channel enhancement mode lateral D-MOS transistors encapsulated in a 2-lead flange package (BLF0810-90) with a ceramic cap or in a 2-lead earless package (BLF0810S-90). The common source is connected to the flange. Typical CDMA IS95 performance at standard settings at a supply voltage of 27 V and IDQ = 500 mA PL = 18 W GP = 16 dB = 26 % ACPR <-45 dBc at 750 kHz and BW = 30 kHz ACPR <-63 dBc at 1.98 MHz and BW = 30 kHz PINNING - SOT502B
PINNING - SOT502A PIN 1 2 3 drain gate source; connected to flange DESCRIPTION
PIN 1 2 3 drain gate
DESCRIPTION
source; connected to flange
handbook, halfpage
1
1 3
2 Top view
3
MBK394
2 Top view
MBL105
Fig.1 Simplified outline SOT502A (BLF0810-90)
Fig.2 Simplified outline SOT502B (BLF0810S-90)
QUICK REFERENCE DATA 2-tone performance at Th = 25 C in a common source test circuit. MODE OF OPERATION Class-AB MODE OF OPERATION CDMA(1) Note 1. IS95 CDMA (pilot, Paging, Sync, and Trafic Codes 8 trough 13) 2. ACPR 750 kHz at BW = 30 kHz 3. ACPR 1.98 MHz at BW = 30 kHz. 2002 Mar 18 2 f (MHz) 881.4 - 881.6 f (MHz) 881.5 VDS (V) 27 VDS (V) 27 PL PEP (W) 60 PL avg (W) 18 Gp (dB) typ. 16.5 Gp (dB) typ. 16 D (%) typ. 35 D (%) typ. 26 d3 (dBc) typ. -30 ACPR (dB) typ. -46 (2) typ. -63 (3)
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VDS VGS Tstg Tj PARAMETER drain-source voltage gate-source voltage storage temperature junction temperature
BLF0810-90; BLF0810S-90
CONDITIONS - -
MIN.
MAX. 75 15 150 200 V V
UNIT
-65 -
C C
THERMAL CHARACTERISTICS SYMBOL Rth j-c Note 1. Thermal resistance is determined under RF operating conditions. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)DSS VGSth IDSS IDSX IGSS gfs RDSon PARAMETER drain-source breakdown voltage gate-source threshold voltage drain-source leakage current on-state drain current gate leakage current forward transconductance drain-source on-state resistance CONDITIONS VGS = 0; ID = 3 mA VDS = 10 V; ID = 300 mA VGS = 0; VDS = 36 V VGS = VGS(th) + 9 V; VDS = 10 V VGS = 20 V; VDS = 0 VDS = 10 V; ID = 10 A VGS = 9 V; ID = 10 A MIN. 75 4 - 28 - - - TYP. - - - - - 4.8 120 MAX. - 5 1 - 1 - - UNIT V V A A A S m PARAMETER CONDITIONS VALUE <0.75 UNIT K/W
thermal resistance from junction to case Th = 25 C, PL = 18 W avg, note 1
2002 Mar 18
3
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
APPLICATION INFORMATION RF performance in a common source-AB circuit; Th = 25 C. MODE OF OPERATION Class-AB MODE OF OPERATION CDMA(1) Note 1. IS95 CDMA (pilot, Paging, Sync, and Trafic Codes 8 trough 13) 2. ACPR 750 kHz at BW = 30 kHz 3. ACPR 1.98 MHz at BW = 30 kHz. Ruggedness in class-AB operation f (MHz) 881.4 - 881.6 f (MHz) 881.5 VDS (V) 27 VDS (V) 27 IDQ (mA) 500 IDQ (mA) 500
BLF0810-90; BLF0810S-90
PL PEP (W) 60 PL avg (W) >16
Gp (dB) >16 Gp (dB) >15
D (%) >35 D (%) >26
d3 (dBc) <-30 ACPR (dB) <-46 (2) <-63 (3)
The BLF0810-90 and BLF0810S-90 are capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases at VDS = 27 V; PL = 60 W (PEP).
20 GP (dB) 16
GP
50 D (%) 40
0 d3 (dBc) -20
12 D 8
30 -40 20 -60
IDQ=400mA
450mA 500mA 600mA
4
10
0 0 20 40 60
0 80 100 PL (PEP) (W)
-80 0 20 40 60 80 100 PL (PEP) (W)
VDS = 27 V; IDQ = 500 mA; f1 = 881.4 MHz; f2 = 881.6 MHz.
VDS = 27 V; f1 = 881.4 MHz; f2 = 881.6 MHz.
Fig.3
Power gain and efficiency as functions of peak envelope load power, typical values.
Fig.4
Intermodulation distortion as a function of peak envelope load power, typical values.
2002 Mar 18
4
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
BLF0810-90; BLF0810S-90
0 d5 (dBc) -20
0 d7 (dBc) -20
IDQ=600mA
-40
400mA 450mA 500mA
-40
IDQ=600mA
500mA
-60
-60
450mA
400mA
-80 0 20 40 60 80 100 PL (PEP) (W)
-80 0 20 40 60 80 100 PL (PEP) (W)
VDS = 27 V; f1 = 881.4 MHz; f2 = 881.6 MHz.
VDS = 27 V; f1 = 881.4 MHz; f2 = 881.6 MHz.
Fig.5
Intermodulation distortion as a function of peak envelope load power, typical values.
Fig.6
Intermodulation distortion as a function of peak envelope load power, typical values.
20 GP (dB)
GP
40 D (%) 30
0 ACPR (dB) -20
15
D
10
20
-40
750 kHz
5
10
-60
1.98 MHz
0 20 30 40 50 PL avg (dBm)
0
-80 20 30 40 50 PL avg (dBm)
VDS = 27 V; IDQ = 500 mA; f = 881.5 MHz; measured under CDMA conditions; test signal Standard IS-95
VDS = 27 V; IDQ = 500 mA; f = 881.5 MHz; measured under CDMA conditions; test signal Standard IS-95
Fig.7
Power gain and efficiency as functions of the average load power, typical values.
Fig.8
Intermodulation distortion as a function of the average load power, typical values.
2002 Mar 18
5
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
BLF0810-90; BLF0810S-90
2 ZIN () 1
ri
2 ZL () 1
RL
0
xi
0
-1
-1
XL
-2 0.8 0.85 0.9 0.95 f (GHz)
Class-AB operation; V DS = 27 V; I DQ = 500 mA; PL = 18 W.
-2 1 0.8 0.85 0.9 0.95 f (GHz)
Class-AB operation; V DS = 27 V; I DQ = 500 mA; PL = 18 W.
1
Fig.9
Input impedance as a function of frequency (series components); typical values.
Fig.10 Load impedance as a function of frequency (series components); typical values.
DRAIN
BLF0810-90
ZL GATE
ZIN
Fig.11 Definition of transistor impedance. 2002 Mar 18 6
2002 Mar 18
8 $ G 8% 8# 8 G 8& G$ 8 G" G# G% G G # G $ G % S A AP 8 " 8 ' G& R! 8( W y & !
Philips Semiconductors
8!
8"
R
W i vh
Base station LDMOS transistors
S
G
G!
7
8$ G' 8 8' G " ! 8 8 %
S A A D
8
8
#
BLF0810-90; BLF0810S-90
Preliminary specification
Fig.12 Circuit for 850 to 960 MHz test circuit.
2002 Mar 18
G! 8$ 8& 8( Wq G$ 8& G# G% G& G' G G 8" 8' 8 G$ 8' G% 8 D 8% G( R!
Philips Semiconductors
WivhAD
8!
R
8"
8#
Base station LDMOS transistors
S
G"
G
G!
8$
8
G"
8
G#
8! 8%
8#
Dimensions in mm.
The components are situated on one side of the copper-clad Rogers 6006 printed-circuit board (r = 6.15); thickness = 25 mils. The other side is unetched and serves as a ground plane.
BLF0810-90; BLF0810S-90
Preliminary specification
Fig.13 Circuit for 850 to 960 MHz test circuit.
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
List of components COMPONENT C1, C6, C13, C14, C15, C16, C17 C2 C3 C4, C9, C10, C11, C12 C5, C18 C7, C8 R1 Q1 Q2 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12, L13 L14 L15, L16 Notes 1. American Technical Ceramics type 100A or capacitor of same quality. DESCRIPTION multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 tantalum capacitor air trimmer capacitor multilayer ceramic chip capacitor potentiometer 7808 voltage regulator BLF0910-140 LDMOS transistor stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 Ferroxcube stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2
BLF0810-90; BLF0810S-90
VALUE 68 pF 330 nF 100 nF 10 F 8 pF 8.2 pF 1 k
DIMENSIONS
204 x 36 mils 253 x 36 mils 210 x 188 mils 94 x 36 mils 380 x 36 mils 71 x 363 mils 319 x 700 mils 1724 x 36 mils 721 x 1106 mils 389 x 210 mils 1470 x 131 mils 92 x 36 mils 165 x 36 mils
2. The striplines are on a double copper-clad Rogers 6006 printed-circuit board (r = 6.15); thickness = 25 mils.
2002 Mar 18
9
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
PACKAGE OUTLINE
BLF0810-90; BLF0810S-90
Flanged LDMOST ceramic package; 2 mounting holes; 2 leads
SOT502A
D
A
3
D1
F
U1 q C
B c
1
L
H
U2
p w1 M A M B M
E1
E
A
2
b w2 M C M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.72 3.99 0.186 0.157 b 12.83 12.57 c 0.15 0.08 D D1 E 9.50 9.30 E1 9.53 9.25 F 1.14 0.89 H 19.94 18.92 L 5.33 4.32 p 3.38 3.12 Q 1.70 1.45 q 27.94 U1 34.16 33.91 1.345 1.335 U2 9.91 9.65 0.390 0.380 w1 0.25 0.01 w2 0.51 0.02
20.02 19.96 19.61 19.66 0.788 0.786 0.772 0.774
0.505 0.006 0.495 0.003
0.374 0.375 0.366 0.364
0.045 0.785 0.035 0.745
0.210 0.133 0.170 0.123
0.067 1.100 0.057
OUTLINE VERSION SOT502A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-10-13 99-12-28
2002 Mar 18
10
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
PACKAGE OUTLINE
BLF0810-90; BLF0810S-90
Earless flanged LDMOST ceramic package; 2 leads
SOT502B
Package under development
Philips Semiconductors reserves the right to make changes without notice.
D
A F
3
D1 D
U1
c
L
1
H
U2
E1
E
2
b w2 M D M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.72 3.99 0.186 0.157 b 12.83 12.57 c 0.15 0.08 D D1 E 9.50 9.30 E1 9.53 9.25 F 1.14 0.89 H 19.94 18.92 L 5.33 4.32 0.210 0.170 Q 1.70 1.45 U1 20.70 20.45 U2 9.91 9.65 w2 0.25
20.02 19.96 19.61 19.66 0.788 0.786 0.772 0.774
0.505 0.006 0.495 0.003
0.374 0.375 0.366 0.364
0.045 0.785 0.035 0.745
0.067 0.815 0.057 0.805
0.390 0.010 0.380
OUTLINE VERSION SOT502B
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-12-16 99-12-28
2002 Mar 18
11
Philips Semiconductors
Preliminary specification
Base station LDMOS transistors
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development
BLF0810-90; BLF0810S-90
DEFINITIONS This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
CAUTION This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
2002 Mar 18
12
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
SCA73
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
budgetnum/printrun/ed/pp13
Date of release: 2002
Mar 18
Document order number:
9397 750 09548


▲Up To Search▲   

 
Price & Availability of BLF0810S-90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X