|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET handbook, halfpage M3D167 BGY1816 UHF amplifier module Product specification Supersedes data of 1998 Apr 09 1998 May 27 Philips Semiconductors Product specification UHF amplifier module FEATURES * 26 V nominal supply voltage * 16 W output power into a load of 50 with an RF drive power of 63 mW. APPLICATIONS * Base station transmitting equipment operating in the 1805 to 1880 MHz frequency band. DESCRIPTION The BGY1816 is a three-stage UHF amplifier module in a SOT365A package with a plastic cap. It consists of three NPN silicon planar transistor dies mounted together with matching and bias circuit components on a metallized ceramic AlN substrate. handbook, halfpage BGY1816 PINNING - SOT365A PIN 1 2 3 4 Flange RF input VS1 VS2 RF output ground DESCRIPTION 1 2 3 4 MSA447 Fig.1 Simplified outline. QUICK REFERENCE DATA RF performance at Tmb = 25 C. MODE OF OPERATION CW f (MHz) 1805 to 1880 VS1 (V) 5 VS2 (V) 26 PL (W) 16 Gp (dB) 24 (%) 30 ZS; ZL () 50 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VS1 VS2 PD PL Tstg Tmb PARAMETER DC supply voltage DC supply voltage input drive power load power storage temperature operating mounting base temperature Tmb = 25 C CONDITIONS - - - -30 -10 MIN. 4.5 MAX. 5.5 28 120 20 +100 +90 V V mW W C C UNIT 1998 May 27 2 Philips Semiconductors Product specification UHF amplifier module CHARACTERISTICS Tmb = 25 C; VS1 = 5 V; VS2 = 26 V; PL = 16 W; ZS = ZL = 50 unless otherwise specified. SYMBOL f IS1 IS2 PL Gp H2 H3 VSWRin PARAMETER frequency supply current supply current load power power gain efficiency second harmonic third harmonic input VSWR stability reverse intermodulation B AM bandwidth ruggedness VSWR 2 : 1 through all phases; PL 16 W; VS2 = 25 to 27 V Pcarrier = 16 W; Preverse = -40 dBc; fi = fc 200 kHz corner frequency = 3 dB; Pcarrier = 16 W; modulation = 20% VSWR 5 : 1 through all phases PD < -60 dBm PD < 63 mW CONDITIONS - - 16 24 30 - - - - - 2 MIN. 1805 - 80 430 - - - - - - - - - TYP. - - - BGY1816 MAX. 1880 UNIT MHz mA mA W dB % dBc dBc dBc dBc MHz 28 - -35 -40 1.6 : 1 -60 -53 - no degradation MGD187 MGD186 handbook, halfpage 30 60 Gp (%) handbook, halfpage 30 Gp (dB) PL (W) 20 40 20 10 20 10 0 0 10 20 PL (W) 0 30 0 0 40 80 PIN (mW) 120 f = 1850 MHz; VS1 = 5 V; VS2 = 26 V; ZS = ZL = 50 ; Tmb = 25 C. f = 1850 MHz; VS1 = 5 V; VS2 = 26 V; ZS = ZL = 50 ; Tmb = 25 C. Fig.2 Power gain and efficiency as functions of load power; typical values. Fig.3 Load power as a function of input power; typical values. 1998 May 27 3 Philips Semiconductors Product specification UHF amplifier module APPLICATION INFORMATION BGY1816 handbook, full pagewidth C7 C5 C8 C6 Z1 R1 L1 R2 L2 Z2 C3 C1 C4 C2 input VS1 VS2 MGM861 output Fig.4 Test circuit. List of components (see Figs 4 and 5) COMPONENT C1, C2 C3, C4 C5, C6 C7, C8 L1, L2 R1, R2 Z1, Z2 Note 1. The striplines are on a double copper-clad printed-circuit board with epoxy dielectric (r = 4.5); thickness = 1 mm. DESCRIPTION electrolytic capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor Grade 4S2 Ferroxcube bead metal film resistor stripline: note 1 10 ; 0.4 W 50 VALUE 10 F; 35 V 10 nF; 50 V 100 pF; 50 V 10 pF; 50 V 4330 030 36300 2322 195 13109 CATALOGUE NO. 1998 May 27 4 Philips Semiconductors Product specification UHF amplifier module BGY1816 handbook, full pagewidth 90 42 C7 C5 C8 C6 R1 L1 L2 R2 Z2 C3 C4 Z1 C1 C2 output VS1 VS2 input MGM862 Dimensions in mm. Fig.5 Printed-circuit board component layout. 1998 May 27 5 Philips Semiconductors Product specification UHF amplifier module MOUNTING RECOMMENDATIONS BGY1816 To ensure a good thermal contact and to prevent mechanical stress when bolted down, the flatness of the mounting base is designed to be typically better than 0.1 mm. The mounting area of the heatsink should be flat and free from burrs and loose particles. The heatsink should be rigid and not prone to bowing under thermal cycling conditions. The thickness of a solid heatsink should be not less than 5 mm to ensure a rigid assembly. A thin, even layer of thermal compound should be applied between the mounting base and the heatsink to achieve the best possible thermal contact resistance. Excessive use of thermal compound will result in an increase in thermal resistance and possible bowing of the mounting base; too little will also result in poor thermal conduction. The module should be mounted to the heatsink using 3 mm bolts with flat washers. The bolts should first be tightened to "finger tight" and then further tightened in alternating steps to a maximum torque of 0.4 to 0.6 Nm. Once mounted on the heatsink, the module leads can be soldered to the printed-circuit board. A soldering iron may be used up to a temperature of 250 C for a maximum of 10 seconds at a distance of 2 mm from the plastic cap. ESD precautions must be taken to protect the device from electrostatic damage. 1998 May 27 6 Philips Semiconductors Product specification UHF amplifier module PACKAGE OUTLINE BGY1816 Plastic rectangular single-ended flat package; flange mounted; 2 mounting holes; 4 in-line leads SOT365A D vMB A F y U q vMC B vMB C A U2 E P U1 L 1 2 bp 3 4 wM vA Q c e e1 e d 0 10 scale 20 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 9.5 9.0 bp 0.56 0.46 c 0.3 0.2 D 30.1 29.9 d 12.8 12.6 E 18.6 18.4 e e1 F 3.25 3.15 L 6.5 6.1 P 4.1 3.9 Q 4.0 3.8 q U U1 15.4 15.2 U2 7.75 7.55 v 0.2 w 0.25 y 0.1 2.54 17.78 40.74 48.0 40.54 48.4 OUTLINE VERSION SOT365A REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 97-05-25 1998 May 27 7 Philips Semiconductors Product specification UHF amplifier module DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values BGY1816 This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1998 May 27 8 Philips Semiconductors Product specification UHF amplifier module NOTES BGY1816 1998 May 27 9 Philips Semiconductors Product specification UHF amplifier module NOTES BGY1816 1998 May 27 10 Philips Semiconductors Product specification UHF amplifier module NOTES BGY1816 1998 May 27 11 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998 SCA60 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 125108/00/06/pp12 Date of release: 1998 May 27 Document order number: 9397 750 03927 |
Price & Availability of BGY1816 |