Part Number Hot Search : 
2SA2188 S24C25 07A01 KBPC2514 GBJ35D ICL7652B 12S05 NTE336
Product Description
Full Text Search
 

To Download BC807-40LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC807-16LT1, BC807-25LT1, BC807-40LT1 General Purpose Transistors
PNP Silicon
http://onsemi.com Features
COLLECTOR 3 1 BASE Symbol VCEO VCBO VEBO IC Value -45 -50 -5.0 -500 Unit V V V mAdc 3 1 2 SOT-23 CASE 318 STYLE 6 1 xxx = 5A (BC807-16LT1) 5B1 (BC807-25LT1) 5C (BC807-40LT1) = Date Code 2 EMITTER
* Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current - Continuous
MARKING DIAGRAM
3 xxxD 2
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in 99.5% alumina. Symbol PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW mW/C C/W C 556 mW mW/C C/W D Max Unit
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2004
1
June, 2004 - Rev. 5
Publication Order Number: BC807-16LT1/D
BC807-16LT1, BC807-25LT1, BC807-40LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = -10 mA) Collector -Emitter Breakdown Voltage (VEB = 0, IC = -10 mA) Emitter -Base Breakdown Voltage (IE = -1.0 mA) Collector Cutoff Current (VCB = -20 V) (VCB = -20 V, TJ = 150C) ON CHARACTERISTICS DC Current Gain (IC = -100 mA, VCE = -1.0 V) hFE BC807-16 BC807-25 BC807-40 VCE(sat) VBE(on) 100 160 250 40 - - - - - - - - 250 400 600 - -0.7 -1.2 V V - V(BR)CEO V(BR)CES V(BR)EBO ICBO - - - - -100 -5.0 nA mA -45 -50 -5.0 - - - - - - V V V Symbol Min Typ Max Unit
(IC = -500 mA, VCE = -1.0 V) Collector -Emitter Saturation Voltage (IC = -500 mA, IB = -50 mA) Base -Emitter On Voltage (IC = -500 mA, IB = -1.0 V)
SMALL-SIGNAL CHARACTERISTICS
Current -Gain - Bandwidth Product (IC = -10 mA, VCE = -5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 V, f = 1.0 MHz) fT Cobo 100 - - 10 - -0.7 MHz pF
DEVICE ORDERING INFORMATION
Device BC807-16LT1 BC807-16LT3 BC807-25LT1 BC807-25LT1G BC807-25LT3 BC807-40LT1 BC807-40LT1G BC807-40LT3 BC807-40LT3G Package SOT-23 SOT-23 SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) 10,000 Tape & Reel 3,000 Tape & Reel 3,000 Tape & Reel Shipping 3,000 Tape & Reel 10,000 Tape & Reel
10,000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
BC807-16LT1, BC807-25LT1, BC807-40LT1
1000 VCE = -1.0 V TA = 25C hFE, DC CURRENT GAIN
100
10 -0.1
-1.0 -10 -100 IC, COLLECTOR CURRENT (mA)
-1000
Figure 1. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
-1.0 TJ = 25C -0.8 -0.6 -0.4 IC = -300 mA -0.2 0 -0.01 IC = -10 mA -0.1 -1.0 -10 IB, BASE CURRENT (mA) -100 IC = -100 mA IC = -500 mA V, VOLTAGE (VOLTS)
-1.0 TA = 25C -0.8 -0.6 -0.4 -0.2 VCE(sat) @ IC/IB = 10 0 -1.0 -10 -100 IC, COLLECTOR CURRENT (mA) -1000 VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = -1.0 V
Figure 2. Saturation Region
Figure 3. "On" Voltages
V, TEMPERATURE COEFFICIENTS (mV/C)
+1.0 qVC for VCE(sat)
100
0
C, CAPACITANCE (pF)
Cib 10 Cob
-1.0 qVB for VBE
-2.0
-1.0
-10 -100 IC, COLLECTOR CURRENT
-1000
1.0 -0.1
-1.0 -10 VR, REVERSE VOLTAGE (VOLTS)
-100
Figure 4. Temperature Coefficients
Figure 5. Capacitances
http://onsemi.com
3
BC807-16LT1, BC807-25LT1, BC807-40LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-09 ISSUE AI
A L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIUMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01, -02, AND -06 OBSOLETE, NEW STANDARD 318-09. 2
3 1
B
S
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0385 0.0498 0.0140 0.0200 0.0670 0.0826 0.0040 0.0098 0.0034 0.0070 0.0180 0.0236 0.0350 0.0401 0.0830 0.0984 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.99 1.26 0.36 0.50 1.70 2.10 0.10 0.25 0.085 0.177 0.45 0.60 0.89 1.02 2.10 2.50 0.45 0.60
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BC807-16LT1/D


▲Up To Search▲   

 
Price & Availability of BC807-40LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X