|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Amplifier Transistors Order this document by BC337/D NPN Silicon COLLECTOR 1 2 BASE 3 EMITTER BC337,-16,-25,-40 BC338,-16,-25,-40 MAXIMUM RATINGS Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current -- Continuous Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO VCBO VEBO IC PD PD TJ, Tstg BC337 45 50 5.0 800 625 5.0 1.5 12 - 55 to +150 BC338 25 30 Unit Vdc Vdc Vdc mAdc mW mW/C Watt mW/C C 1 2 3 CASE 29-04, STYLE 17 TO-92 (TO-226AA) THERMAL CHARACTERISTICS Characteristic Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector - Emitter Breakdown Voltage (IC = 10 mA, IB = 0) Collector - Emitter Breakdown Voltage (IC = 100 A, IE = 0) Emitter - Base Breakdown Voltage (IE = 10 mA, IC = 0) Collector Cutoff Current (VCB = 30 V, IE = 0) (VCB = 20 V, IE = 0) Collector Cutoff Current (VCE = 45 V, VBE = 0) (VCE = 25 V, VBE = 0) Emitter Cutoff Current (VEB = 4.0 V, IC = 0) BC337 BC338 ICES BC337 BC338 IEBO -- -- -- -- -- -- 100 100 100 nAdc V(BR)CEO BC337 BC338 V(BR)CES BC337 BC338 V(BR)EBO ICBO -- -- -- -- 100 100 nAdc 50 30 5.0 -- -- -- -- -- -- Vdc nAdc 45 25 -- -- -- -- Vdc Vdc Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1996 1 BC337,-16,-25,-40 BC338,-16,-25,-40 ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued) Characteristic Symbol Min Typ Max Unit ON CHARACTERISTICS DC Current Gain (IC = 100 mA, VCE = 1.0 V) hFE BC337/BC338 BC337-16/BC338-16 BC337-25/BC338-25 BC337-40/BC338-40 VBE(on) VCE(sat) 100 100 160 250 60 -- -- -- -- -- -- -- -- -- 630 250 400 630 -- 1.2 0.7 Vdc Vdc -- (IC = 300 mA, VCE = 1.0 V) Base-Emitter On Voltage (IC = 300 mA, VCE = 1.0 V) Collector - Emitter Saturation Voltage (IC = 500 mA, IB = 50 mA) SMALL-SIGNAL CHARACTERISTICS Output Capacitance (VCB = 10 V, IE = 0, f = 1.0 MHz) Current - Gain -- Bandwidth Product (IC = 10 mA, VCE = 5.0 V, f = 100 MHz) Cob fT -- -- 15 210 -- -- pF MHz r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 1.0 0.7 0.5 0.3 0.2 0.1 0.05 0.07 0.02 0.05 0.03 0.02 0.01 0.001 D = 0.5 0.2 0.1 P(pk) SINGLE PULSE 0.01 SINGLE PULSE t1 t2 DUTY CYCLE, D = t1/t2 0.02 0.05 0.1 0.2 0.5 t, TIME (SECONDS) 1.0 2.0 5.0 JC(t) = (t) JC JC = 100C/W MAX JA(t) = r(t) JA JA = 375C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) JC(t) 10 20 50 100 0.002 0.005 0.01 Figure 1. Thermal Response 1000 IC, COLLECTOR CURRENT (mA) 1.0 s 1.0 ms 1000 TJ = 135C hFE, DC CURRENT GAIN 100 s VCE = 1 V TJ = 25C dc TC = 25C 100 dc TA = 25C 100 10 1.0 CURRENT LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT (APPLIES BELOW RATED VCEO) 3.0 10 30 VCE, COLLECTOR-EMITTER VOLTAGE 100 10 0.1 1.0 10 100 IC, COLLECTOR CURRENT (AMP) 1000 Figure 2. Active Region -- Safe Operating Area Figure 3. DC Current Gain 2 Motorola Small-Signal Transistors, FETs and Diodes Device Data BC337,-16,-25,-40 BC338,-16,-25,-40 VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS) 1.0 TJ = 25C 0.8 V, VOLTAGE (VOLTS) 1.0 TA = 25C 0.8 VBE(on) @ VCE = 1 V 0.6 VBE(sat) @ IC/IB = 10 0.6 IC = 10 mA 100 mA 300 mA 500 mA 0.4 0.4 0.2 0 0.01 0.2 VCE(sat) @ IC/IB = 10 0 0.1 1 IB, BASE CURRENT (mA) 10 100 1 10 100 IC, COLLECTOR CURRENT (mA) 1000 Figure 4. Saturation Region Figure 5. "On" Voltages V, TEMPERATURE COEFFICIENTS (mV/C) +1 VC for VCE(sat) 0 C, CAPACITANCE (pF) 100 Cib 10 -1 -2 VB for VBE Cob 1 10 100 IC, COLLECTOR CURRENT (mA) 1000 1 0.1 1 10 VR, REVERSE VOLTAGE (VOLTS) 100 Figure 6. Temperature Coefficients Figure 7. Capacitances Motorola Small-Signal Transistors, FETs and Diodes Device Data 3 BC337,-16,-25,-40 BC338,-16,-25,-40 PACKAGE DIMENSIONS NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.022 0.016 0.019 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.41 0.55 0.41 0.48 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 --- A R P SEATING PLANE B F L K D XX G H V 1 J C N N SECTION X-X DIM A B C D F G H J K L N P R V CASE 029-04 (TO-226AA) ISSUE AD STYLE 17: PIN 1. COLLECTOR 2. BASE 3. EMITTER Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 4 Motorola Small-Signal Transistors, FETs and Diodes Device Data BC337/D *BC337/D* |
Price & Availability of BC337 |