Part Number Hot Search : 
45DB011 TS15P06 M24C08 1620C X9420WP Y100E 80052 MTP20N06
Product Description
Full Text Search
 

To Download BAR99 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode
q
BAR 99
For high-speed switching
Type BAR 99
Marking JGs
Ordering Code (tape and reel) Q62702-A388
Pin Configuration
Package1) SOT-23
Maximum Ratings Parameter Reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, TS = 54 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VR VRM IF IFS Ptot Tj Tstg
Values 70 70 250 4.5 370 150 - 65 ... + 150
Unit V mA A mW C
330 260
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BAR 99
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Breakdown voltage I(BR) = 100 A Forward voltage IF = 1 mA IF = 10 mA IF = 50 mA IF = 150 mA Reverse current VR = 70 V VR = 25 V, TA = 150 C VR = 70 V, TA = 150 C AC characteristics Diode capacitance VR = 0 V, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, RL = 100 measured at IR = 1 mA Test circuit for reverse recovery time CD trr - - - - 1.5 6 pF ns V(BR) VF - - - - IR - - - - - - 2.5 30 50 - - - - 715 855 1000 1250
A
Values typ. max.
Unit
70
-
-
V mV
Pulse generator: tp = 100 ns, D = 0.05 tr = 0.6 ns, Rj = 50
Oscillograph:
R = 50 tr = 0.35 ns C 1 pF
Semiconductor Group
2
BAR 99
Forward current IF = f (TA*; TS) * Package mounted on epoxy
Reverse current IR = f (TA)
Forward current IF = f (VF) TA = 25 C
Peak forward current IFM = f (t) TA = 25 C
Semiconductor Group
3
BAR 99
Forward voltage VF = f (TA)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BAR99

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X