Part Number Hot Search : 
M51996 30BF20 MK1704A 80021 F2148 PE4263 M51945 G2992F1U
Product Description
Full Text Search
 

To Download BA892 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA 892
Silicon Rf Switching Diode Preliminary data * For VHF band switching in TV / VTR tuners * Low forward resistance, small capacitance, small inductance
2
1
VES05991
Type BA 892
Marking A
Ordering Code Q62702-A1214
Pin Configuration 1=C 2=A
Package SCD-80
Maximum Ratings Parameter Diode reverse voltage Forward current Operating temperature range Storage temperature Symbol Value 35 100 -55 ...+125 -55 ...+150 Unit V mA C
VR IF T op T stg
Thermal Resistance Junction - ambient
1)
RthJA
450
K/W
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm Semiconductor Group Semiconductor Group 11
Au 1998-11-01 -03-1998
BA 892
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Reverse current typ. max. 20 1 A V
Unit
IR VF
-
VR = 20 V
Forward voltage
I F = 100 mA
AC characteristics Diode capacitance
CT
0.65 0.6 0.92 0.85 0.45 0.36 100 0.6 1.3 1.1
pF
VR = 1 V, f = 1 MHz VR = 3 V, f = 1 MHz
Forward resistance
rf
1/gp 0.7 0.5 -
I F = 3 mA, f = 100 MHz I F = 10 mA, f = 100 MHz
Reverse resistance
k nH
VR = 1 V, f = 100 MHz
Series inductance
Ls
Semiconductor Group Semiconductor Group
22
Au 1998-11-01 -03-1998
BA 892
Diode capacitance CT = f (V R) f = 1MHz
EHD07009
Forward resistance rf = f (I F) f = 100MHz
EHD07010
CT
2.0 pF 1.6
10 1
rf
1.2
10 0
0.8
0.4
0.0
0
10
20
V
30
10 -1
10 -1
10 0
10 1
mA
10 2
VR
F
Forward current IF = f (V F)
T A = 25C
10 3
mA
10 2
10 1
10 0
10 -1
10 -2 0.5
0.6
0.7
0.8
0.9
V
1.1
VF
Semiconductor Group Semiconductor Group
33
Au 1998-11-01 -03-1998


▲Up To Search▲   

 
Price & Availability of BA892

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X