Part Number Hot Search : 
MSJ200 SMK0825 154J63 OZ9965 TP0202 5924B M1000 SI9183
Product Description
Full Text Search
 

To Download APT30D100BHB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
3
TO -24
2 1 - Cathode 1 2 - Anode 1 Cathode 2 3 - Anode 2
1 2 3
7
APT30D100BHB 1000V 2x30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PRODUCT APPLICATIONS
* Output Rectifiers for Switchmode
Power Supply
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL
Characteristic / Test Conditions Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (TC = 65C, Duty Cycle = 0.5) RMS Forward Current
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range
Y R A IN IM L E R P
APT30D100BHB
All Ratings Are Per Leg: TC = 25C unless otherwise specified.
UNIT
1000
Volts
30 70
Amps
210
-55 to 150 300
C Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
2.3 2.1 1.9 250
A Volts
500 30 10
pF nH
5-2000 050-5964 rev-
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 540V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 540V Reverse Recovery Current IF = 30A, diF /dt = -240A/s, VR = 540V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 540V Forward Recovery Voltage IF = 30A, diF /dt = 240A/s, VR = 540V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT30D100BHB
MAX UNIT
60 60 120 165 165 6.0 10 180
75
ns
13
Amps
18
nC
600 8.4
Volts
IF = 30A, diF /dt = -240A/s, VR = 540V
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance Package Weight
Torque
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Y R A IN IM L E R P
TJ = 25C
8.4
450 250
A/s
TJ = 100C
MIN
TYP
MAX
UNIT C/W oz gm lb*in N*m
1.32 80
0.22 6.1
10
1.1
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 20.80 (.819) 21.46 (.845) 3.55 (.140) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Anode 1 / Cathode 2
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
5-2000
Cathode 1 Anode 1 / Cathode 2 Anode 2
rev-
2.21 (.087) 2.59 (.102)
050-5964
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30D100BHB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X