Part Number Hot Search : 
74AC14 4080E 102079 AL5DA138 M9410 N49T1 R3020 CRA36
Product Description
Full Text Search
 

To Download ADXL202EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
GENERAL DESCRIPTION
Dual Axis Accelerometer Evaluation Board ADXL202EB
ADXL202EB
C5 0.47 F 1 A VDD
The ADXL202EB is a simple evaluation board that allows the user to quickly evaluate the performance of the ADXL202 dual axis 2 g accelerometer. Only three additional through-hole passive components must be added, depending on the bandwidth required in your application. The ADXL202EB has a 5-pin 0.1-inch spaced header for access to all power and signal lines that may be attached to a prototyping board (breadboard) or wired via a standard plug. Two holes are provided for mechanical attachment of the ADXL202EB to your application.
CIRCUIT DESCRIPTION
RSET ADDED BY USER
D
XOUT
C E B C3 ADDED BY USER C4 2200pF C1 2200pF
YOUT COM ST C2 ADDED BY USER
The schematic and parts list of the ADXL202EB are shown in Figure 1 and Table I respectively. The minimal application will require at least one resistor (RSET) added to the board to set the PWM period (T2). Analog bandwidth may be set by adding capacitors C2 and C3. Refer to the ADXL202 data sheet for a complete description of the operation of the accelerometer. The part layout of the ADXL202EB is shown in Figure 2. The ADXL202EB has two factory- installed 2200 pF capacitors (C1 and C4) at XFILT and YFILT to satisfy the minimum filter capacitor specification of the ADXL202. Your application will likely require narrower bandwidth (and lower noise), in which case a throughhole capacitor may be added in parallel in the space provided at C2 and C3 respectively. When calculating the capacitance required to achieve the desired analog bandwidth do not forget to subtract the 2200 pF already on the PCB. The pinout description of the ADXL202EB is shown in Table II.
SETTING THE PERIOD OF THE DUTY CYCLE MODULATOR
Figure 1. ADXL202EB Schematic
The DCM period is set by RSET. Choose a value between 100 k and 2 M. See Table III for some typical RSET values.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
ADXL202EB
Table I. ADXL202EB Parts List
Reference C1 C2 C3 C4 J1 R1 U1
Value 2200 pF/25 V Added by User Added by User 2200 pF/25 V Connector Added by User ADXL202
Function XFILT. Sets X axis analog bandwidth along with C2 XFILT. Sets X axis analog bandwidth along with C1 YFILT. Sets Y axis analog bandwidth along with C4 YFILT. Sets Y axis analog bandwidth along with C3 All power and signal connection through J1 RSET. Sets the PWM period (T2) Dual axis 2g accelerometer
Table II. ADXL202EB Pinout Description
Pin Reference E B D C A
Pinout GROUND SELF-TEST INPUT X AXIS DUTY CYCLE OUT Y AXIS DUTY CYCLE OUT +V SUPPLY (3 V dc to 5.25 V dc)
C5
C1
C2
RSET
U1
C4
C3
Table III. DCM Period vs. RSET Value
T2 Period 1 ms 2 ms 5 ms 10 ms
RSET 124 k 248 k 620 k 1.24 M
E B D C A
J1
Figure 2. ADXL202EB Part Layout (Top View)
SPECIAL NOTES ON HANDLING
Table IV. Typical XFILT and YFILT Values vs. Bandwidth and Noise Performance
Note that the ADXL202EB is not reverse polarity protected. Reversing the +V SUPPLY and Ground pins will damage the ADXL202. Dropping the ADXL202EB on a hard surface may generate several thousand g of acceleration. Enough to damage the accelerometer. Please refer to the ADXL202 data sheet for information on shock survivability.
XFILT, YFILT 0.01 F 0.047 F 0.1 F 0.47 F
Bandwidth 500 Hz 100 Hz 50 Hz 10 Hz
RMS Noise 12.7 mg 7 mg 4.2 mg 2.3 mg
SETTING THE ADXL202's BANDWIDTH
The ADXL202EB is supplied with the minimum specified XFILT and YFILT values installed. Your application will likely require a narrower bandwidth to improve noise performance. See Table IV for some typical capacitor values.
-2-
REV. 0
PRINTED IN U.S.A.
C01939-0-6/00 (rev. 0)


▲Up To Search▲   

 
Price & Availability of ADXL202EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X