Part Number Hot Search : 
SR360 DL4756 TC75S 1600T3 SR360 BZX85C39 C1660 Y5DU56
Product Description
Full Text Search
 

To Download 74LCX125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74LCX125
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
s s
s
s
s s
s
s
s s
5V TOLERANT INPUTS AND OUTPUTS HIGH SPEED: tPD = 6 ns (MAX.) at VCC = 3V POWER-DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24 mA (MIN) PCI BUS LEVELS GUARANTEED AT 24mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2.0V to 3.6V (1.5V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 125 LATCH-UP PERFORMANCE EXCEEDS 500mA ESD PERFORMANCE: HBM >2000V; MM > 200V
M (Micro Package)
T (TSSOP Package)
ORDER CODES : 74LCX125M 74LCX125T speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs. The device requires the 3-STATE control input G to be set high to place the output in to the high impedance state. .It has same speed performance at 3.3V than 5V, AC/ACT family, combined with a lower power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess
DESCRIPTION The LCX125 is a low voltage CMOS QUAD BUS BUFFERS fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high
PIN CONNECTION AND IEC LOGIC SYMBOLS
February 1999
1/8
74LCX125
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1, 4, 10, 13 2, 5, 9, 12 3, 6, 8, 11 7 14 SYMBOL G1 to G4 A1 to A4 Y1 to Y4 GND VCC NAME AND FUNCT ION Output Enable Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A X L H
X:"H" or "L" Z: High Impedance
G H L L
Y Z L H
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO ICC IGND Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (OFF state) DC Output Voltage (High or Low State) (note1) DC Input Diode Current DC Output Diode Current (note2) DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Supply Pin Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to + 7.0 -0.5 to + 7.0 -0.5 to + 7.0 -0.5 to VCC + 0.5 - 50 50 50 100 100 -65 to +150 300 Unit V V V V mA mA mA mA mA
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. 1) IO absolute maximum rating must be observed 2) VO < GND, VO > VCC
2/8
74LCX125
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Input Voltage Output Voltage (OFF state) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.7 to 3.0V) Operating Temperature: Input Transition Rise or Fall Rate (V CC = 3.0V) (note 2) Parameter Supply Voltage (note 1) Value 2.0 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 24 12 -40 to +85 0 to 10 Unit V V V V mA mA
o
C
ns/V
1) Truth Table guaranteed: 1.5V to3.6V 2) VIN from0.8V to 2.0V
DC SPECIFICATIONS
Symb ol Parameter V CC (V) VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 2.7 to 3.6 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage 2.7 to 3.6 2.7 3.0 3.0 II Ioff IOZ ICC Input Leakage Current Power Off Leakage Current 3 State Output Leakage Current Quiescent Supply Current 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 VI = VI H or V IL Test Co nditi ons Value -40 to 85 C Min. 2.0 0.8 IO=-100 A V CC -0.2 IO=-12 mA IO=-18 mA IO=-24 mA VI = VI H or V IL IO=100 A IO=12 mA IO=16 mA IO=24 mA VI = 0 to 5.5 V VI or VO = 5.5V VI = VIH or VIL VO = 0 to 5.5V VI = VCC or GND VI or VO = 3.6 to 5.5V ICC ICC incr. per input 2.7 to 3.6 VIH = VCC -0.6V 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 100 5 10 10 500 A A A A A V V Max. V V
o
Un it
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol Parameter V CC (V) VOLP VOLV Dynamic Low Voltage Quiet Output (note 1) 3.3 C L = 50 pF V IL = 0 V V IH = 3.3V Test Con dition s Min . Value T A = 25 o C T yp. 0.8 -0.8 V Max. Un it
1) Number ofoutputs defined as "n". Measured with"n-1" outputs switching from HIGH to LOW or LOW t o HIGH. The remaining output is measured in the LOW state.
3/8
74LCX125
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf = 2.5 ns)
Symb ol Parameter V CC (V) tPLH tPHL tPZL tPZH tPLZ tPHZ tOSLH tOSHL Propagation Delay Time Output Enable Time to HIGH and LOW level Output Disable Time from HIGH and LOW level Output to Output Skew Time (note 1, 2) 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 3.0 to 3.6 Test Con dition Waveform Value -40 to 85 o C Min. 1 2 2 1.0 1.0 1.0 1.0 1.0 Max. 6.5 6.0 8.0 7.0 7.0 6.0 1.0 Un it
ns ns ns ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tpHLn|) 2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Symb ol Parameter V CC (V) C IN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 3.3 3.3 3.3 VIN = 0 to VCC VIN = 0 to VCC fIN = 10MHz VIN = 0 or VCC Test Co nditi ons Min. Valu e T A = 25 C T yp. 6 10 40 Max. pF pF pF
o
Un it
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. Average operting current can be obtained by the following equation. I CC(opr) = CPD * VCC * fIN + ICC/4 (per gate)
TEST CIRCUIT
T EST tPLH , tPHL tPZL , tPLZ tPZH , tPHZ
CL = 50 pF or equivalent (includes jigand probe capacitance) RL = R1 = 500 orequivalent RT = ZOUT of pulse generator (typically 50)
SW IT CH Open 6V GND
4/8
74LCX125
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
5/8
74LCX125
SO-14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
6/8
74LCX125
TSSOP14 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/8
74LCX125
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of 74LCX125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X