Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download 307C1720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 307C Motorstart Thermistors
Vishay Cera-Mite
PTCR Motor Start Pellets
SOLID CERAMIC DISC
APPLICATION DATA
* Complete range of size/resistance combinations for 120 and 240 volt compressor motors.
BASE ELECTRODE
* Rugged silver electrodes well suited for long life pressure contact mounting.
D
* Withstand voltage is 2 times Voltage Max. rating. * Application engineering assistance provided for custom pellet designs.
SILVER ELECTRODE T
PTCR MOTOR START PELLETS
VOLTAGE CURRENT DIAMETER (D) x MAX. MAX. THICKNESS (T) PART R25 (OHMS) RDYN (OHMS) (VRMS) (ARMS) (mm) NUMBER 5 4 200 10 16 x 2.5 307C1674* 5.5 4.2 180 12 16 x 2.5 307C1670 6.8 5 200 10 16 x 2.5 307C1700* 8 5.8 150 10 16 x 2.5 307C1280 10 7.2 200 10 16 x 2.5 307C1711* 10 7.2 200 10 16 x 2.5 307C1713 20 13.5 250 7.5 16 x 2.5 307C1490 47 30 300 6.5 16 x 2.5 307C1136 68 42 300 5.5 16 x 2.5 307C1043 4 3.2 180 15 17.5 x 2.5 307C1614 5 4 180 12 17.5 x 2.5 307C1668 6.8 5 200 10 17.5 x 2.5 307C1644 10 7.2 200 10 17.5 x 2.5 307C1651 15 10.5 265 6 17.5 x 2.5 307C1190 20 13 320 8 17.5 x 2.5 307C1720 25 17 300 7.5 17.5 x 2.5 307C1066 33 22 300 6.5 17.5 x 2.5 307C1040 47 30 350 4 17.5 x 2.5 307C1284 68 42 400 4 17.5 x 2.5 307C1283 3.3 2.6 160 12 20 x 2.5 307C1411 4.7 3.5 180 12 20 x 2.5 307C1484 5.6 4.1 180 12 20 x 2.5 307C1544 6.8 5 200 10 20 x 2.5 307C1399 10 7.2 230 9 20 x 2.5 307C1489 12 8.5 250 8.5 20 x 2.5 307C1476 15 10.5 300 8 20 x 2.5 307C1530 22 15 400 8 20 x 2.5 307C1531 33 22 355 6 20 x 2.5 307C1282 47 30 400 5 20 x 2.5 307C1533 68 42 430 4 20 x 2.5 307C1292 3.9 3 (@ 50V) 175 16 20 x 3.2 307C1487 12 10.3 (@ 100V) 350 8 20 x 3.2 307C1529 14 12 (@ 100V) 350 8 20 x 3.2 307C1545 30 15.9 (@ 240V) 380 12 20 x 3.2 307C1640 25 18 (@ 240V) 400 9 20 x 5.0 307C1518 38 25 (@ 240V) 400 9 20 x 5.0 307C1024 50 35 (@ 240V) 400 7.5 20 x 5.0 307C1409 75 50 (@ 240V) 400 5.5 20 x 5.0 307C1410 R25 = zero power resistance 30% at 25C; other tolerances available. RDYN = nominal dynamic (effective) resistance, 120V applied unless otherwise noted. *High performance ceramic formulation, lower transition temperature provides reduced power consumption for energy concious applications. Note: All motor start pellets receive 100% resistance and 100% voltage pulse burn-in simulating actual motor start-up. Note: Selected pellets carry UL recognition per File E107611. Note: Usage requires packaging materials appropriate for maximum pellet surface temperature of 180C. RESISTANCE
Vishay Cera-Mite offers a complete line of PTCR motor start pellets designed for OEM pressure contact mounting. Compressor and refrigerator manufacturers, as well as selected HVAC aftermarket distributors have chosen to design and build their own proprietary motor start devices. Such cost effective units allow for unique mounting styles, special terminal arrangements, and combination devices including start capacitors or overload protectors. FOR USE IN:
Motor Start Relays
Combination Assemblies
Document Number: 23087 Revision 14-May-02
ceramite.support@vishay.com
www.vishay.com 9


▲Up To Search▲   

 
Price & Availability of 307C1720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X