Part Number Hot Search : 
2MBI600 OM7603ST SRAS2035 Z5245B EC6A15S CHUMH9PT 3302JA 3LB200C
Product Description
Full Text Search
 

To Download 2SC2404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC2404
Silicon NPN epitaxial planer type
For high-frequency amplification
Unit: mm
s Features
q q q
2.8 -0.3 0.650.15
+0.2
1.5 -0.05
+0.25
0.650.15
2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg
30 20 3 15 150 150 -55 ~ +150
V V V mA mW C C
1:Base 2:Emitter 3:Collector
JEDEC:TO-236 EIAJ:SC-59 Mini Type Package
Marking symbol : U
s Electrical Characteristics
Parameter Collector to base voltage Emitter to base voltage Forward current transfer ratio Base to emitter voltage Transition frequency Common emitter reverse transfer capacitance Power gain Noise figure
(Ta=25C)
Symbol VCBO VEBO hFE* VBE fT Cre PG NF Conditions IC = 10A, IE = 0 IE = 10A, IC = 0 VCB = 6V, IE = -1mA VCB = 6V, IE = -1mA VCB = 6V, IE = -1mA, f = 100MHz VCE = 6V, IC = 1mA, f = 10.7MHz VCB = 6V, IE = -1mA, f = 100MHz VCB = 6V, IE = -1mA, f = 100MHz 450 min 30 3 40 0.72 650 0.8 24 3.3 1 260 V MHz pF dB dB typ max Unit V V
*h
FE
Rank classification
Rank hFE Marking Symbol B 40 ~ 110 UB C 65 ~ 160 UC D 100 ~ 260 UD
0 to 0.1
Ratings
Unit
0.1 to 0.3 0.40.2
0.8
(Ta=25C)
1.1 -0.1
0.16 -0.06
+0.2
+0.1
0.4 -0.05
Optimum for RF amplification of FM/AM radios. High transition frequency fT. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.95
2.9 -0.05
1
1.90.2
+0.2
0.95
3
+0.1
1.45
1
Transistor
PC -- Ta
200 12 Ta=25C 175 10 IB=100A 10
2SC2404
IC -- VCE
12 VCE=6V Ta=25C
IC -- I B
Collector power dissipation PC (mW)
Collector current IC (mA)
150 125 100 75 50 25 0 0 20 40 60 80 100 120 140 160
8
80A
Collector current IC (mA)
18
8
60A 6 40A 4 20A
6
4
2
2
0 0 6 12
0 0 60 120 180
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (A)
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
30 VCE=6V 25 25C Ta=75C 20 -25C 100 30 10 3 1 0.3 0.1 0.03 0.01 0.1
VCE(sat) -- IC
IC/IB=10 360
hFE -- IC
VCE=6V
Forward current transfer ratio hFE
300
Collector current IC (mA)
240 Ta=75C 25C 120 -25C
15
180
10
25C
Ta=75C
5
-25C
60
0 0 0.4 0.8 1.2 1.6 2.0
0.3
1
3
10
30
100
0 0.1
0.3
1
3
10
30
100
Base to emitter voltage VBE (V)
Collector current IC (mA)
Collector current IC (mA)
fT -- IE
Common emitter reverse transfer capacitance Cre (pF)
1200 VCB=6V Ta=25C 2.4
Cre -- VCE
Collector output capacitance Cob (pF)
IC=1mA f=10.7MHz Ta=25C 1.2
Cob -- VCB
IE=0 f=1MHz Ta=25C
Transition frequency fT (MHz)
1000
2.0
1.0
800
1.6
0.8
600
1.2
0.6
400
0.8
0.4
200
0.4
0.2
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 0.1
0 0.3 1 3 10 30 100 0 5 10 15 20 25 30
Emitter current IE (mA)
Collector to emitter voltage VCE (V)
Collector to base voltage VCB (V)
2
Transistor
PG -- IE
40 35 f=100MHz Rg=50 Ta=25C 12
2SC2404
NF -- IE
f=100MHz Rg=50k Ta=25C 20 18 yie=gie+jbie VCE=10V
150 -4mA 100
bie -- gie
Input susceptance bie (mS)
10
16 14 12
58 -2mA 100
-7mA
VCE=10V 6V
Noise figure NF (dB)
Power gain PG (dB)
30 25 20 15 10 5 0 - 0.1 - 0.3
8
6
10 8 6 4 2
-1mA
IE=- 0.5mA
58
4
VCE=6V, 10V
25 25
2
f=10.7MHz
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
0 -1 -3 -10 -30 -100 0 3 6 9 12 15
Emitter current IE (mA)
Emitter current IE (mA)
Input conductance gie (mS)
bre -- gre
0
bfe -- gfe
Forward transfer susceptance bfe (mS)
- 0.4mA -1mA 100 150 -2mA 10.7 58
boe -- goe
IE=- 0.5mA -1mA
Reverse transfer susceptance bre (mS)
yre=gre+jbre VCE=10V -1 -4mA -2
10.7 25
0
1.2
150 -2mA -4mA 100
-20
Output susceptance boe (mS)
1.0
-1mA 58 IE=-7mA
-40
150 -4mA 100 58
0.8 -7mA 0.6 58 0.4 25 0.2 f=10.7MHz 0 0 0.1 0.2 0.3 yoe=goe+jboe VCE=10V 0.4 0.5
-3
-60
f=150MHz IE=-7mA 100
-4
100
-80
-5 f=150MHz -6 - 0.5 - 0.4 - 0.3 - 0.2 - 0.1 0
-100 yfe=gfe+jbfe VCE=10V 0 20 40 60 80 100
-120
Reverse transfer conductance gre (mS)
Forward transfer conductance
gfe (mS)
Output conductance goe (mS)
3


▲Up To Search▲   

 
Price & Availability of 2SC2404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X