Part Number Hot Search : 
91600 D1NJ10 SC3010S UF1602 OBS025ZH OBS025ZJ HOA1872 CA11176
Product Description
Full Text Search
 

To Download 2SA1374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1374
Silicon PNP Epitaxial
Application
Low frequency amplifier
Outline
2SA1374
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Ratings -55 -55 -5 -100 -30 300 150 -55 to +150 Unit V V V mA mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Symbol V(BR)CBO Min -55 -55 -5 -- --
1
Typ -- -- -- -- -- -- -0.66 -0.1 250 2.5
Max -- -- -- -0.1 -0.05 500 -0.75 -0.5 -- --
Unit V V V A A
Test conditions I C = -10 A, IE = 0 I C = -1 mA, RBE = I E = -10 A, IC = 0 VCB = -18 V, IE = 0 VEB = -2 V, IE = 0 VCE = -12 V, IC = -2 mA
Collector to emitter breakdown V(BR)CEO voltage Emitter to base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Base to emitter voltage Collector to emitter saturation voltage Gain bandwidth product Collector output capacitance Note: C 160 to 320 D 250 to 500 V(BR)EBO I CBO I EBO hFE* VBE VCE(sat) fT Cob
160 -- -- -- --
V V MHz pF
VCE = -12 V, IC = -2 mA I C = -10 mA, IB = -1 mA VCE = -12 V, IC = -2 mA VCB = -10 V, IE = 0, f = 1 MHz
1. The 2SA1374 is grouped by hFE as follows.
See characteristic curves of 2SA836.
2
2SA1374
3
2SA1374
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SA1374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X