Part Number Hot Search : 
S71XXF ST8050 10R0J SGM8521 ADM1170 OP602 AJT006 DTB123Y
Product Description
Full Text Search
 

To Download 2N3502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3502 2N3503 2N3504 2N3505
MECHANICAL DATA Dimensions in mm (inches)
5.84 (0.230) 5.31 (0.209) 4.95 (0.195) 4.52 (0.178)
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
5.33 (0.210) 4.32 (0.170)
12.7 (0.500) min.
FEATURES
* SILICON PLANAR EPITAXIAL PNP TRANSISTOR
0.48 (0.019) 0.41 (0.016) dia.
2.54 (0.100) Nom.
3 2
1
TO18 METAL PACKAGE
PIN 1 - Emitter PIN 2 - Base
8 .8 9 (0 .3 5 ) 9 .4 0 (0 .3 7 )
PIN 3 - Collector
7 .7 5 (0 .3 0 5 ) 8 .5 1 (0 .3 3 5 )
6 .1 0 (0 .2 4 0 ) 6 .6 0 (0 .2 6 0 )
APPLICATIONS:
0 .8 9 m a x . (0 .0 3 5 ) 7 .7 5 (0 .3 0 5 ) 8 .5 1 (0 .3 3 5 ) d ia .
1 2 .7 0 (0 .5 0 0 ) m in .
5 .0 8 (0 .2 0 0 ) ty p .
These PNP silicon planar epitaxial trasistors are designed for digital and analog applications at current levels up 0.5 amps.
2 .5 4 (0 .1 0 0 )
0 .6 6 (0 .0 2 6 ) 1 .1 4 (0 .0 4 5 ) 0 .7 1 (0 .0 2 8 ) 0 .8 6 (0 .0 3 4 )
!
45
TO5 METAL PACKAGE
PIN 1 - Emitter PIN 2 - Base PIN 3 - Collector
ABSOLUTE MAXIMUM RATINGS(TA = 25C unless otherwise stated) Maximum Voltages VCBO VCEO VEBO Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage 2N3503 2N3505 - 60V -60V -5V 2N3502 2N3503 3W 0.7 W 2N3502 2N3504 -45V -45V -5V 2N3504 2N3505 1.3 W 0.4 W
Maximum Power Dissipation PD PD TJ Semelab plc. Total Dissipation @ 25C Case Temperature Total Dissipation@ 25C Free Air Temperature Storage Temperature Operating Junction Temperature
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
-65C to +200C 200C
Prelim. 4/99
2N3502 2N3503 2N3504 2N3505
ELECTRICAL CHARACTERISTICS (25C free air temperature unless otherwise stated) Parameter Test Conditions Min. Typ.
BVCBO BVEBO VCEO ICES ICBO(150) Collector to Base Breakdown Voltage Emmiter to Base Breakdown Voltage Collector-Emitter Sustaining Voltage Collector Cutoff Current Collector Reverse Current IC = 10mA IE = 10mA IC = 10mA IE = 0 IC = 0 IB = 0
2N3503 / 2N3505 2N3502 / 2N3504 2N3503 / 2N3505 2N3502 / 2N3504 2N3503 / 2N3505 2N3502 / 2N3504 2N3503 / 2N3505 2N3502 / 2N3504
Max. Unit
V V V
-60 -45 -5 -60 -45 0.07 0.05 10 10 10 10 140 115 135 100 80 270 160 200 150 120 70 100 -0.08 -0.18 -0.5 -0.9 -1.0 -0.25 -0.4 -1.6 -1.0 -1.3 -2.0 300 300
VCE = -50V VBE = 0 VCE = -30V VBE = 0 IE = 0 t = 150C IC = 10mA IC = 50mA IC = 1.0mA VCB = -50V VCB = -30V VCE = -10V VCE = -1.0V VCE = -10 V VCE = -10V
nA
mA
hFE
DC Current Gain
IC = 150mA VCE = -10V IC = 10mA IC = 50mA IC = 500mA VCE = -10 V VCE = -1.0V IB = 2.5mA IC = 50mA t = -55C
--
50 50
VCE(sat)
Collector Saturation Voltage
IC = 150mA IB = 15mA IC = 500mA IB = 50mA IC = 50mA IB = 2.5mA
V
VBE(sat) FT Cob ton toff
Base Saturation Voltage IC = 150mA IB = 15mA IC = 500mA IB = 50mA Transition Frequency Output Capacitance Turn On Time Turn Off Time IC = 50mA VCE = -20V f = 100MHZ 2
V --
2.50 4.5 8.0 40 100 30 65
VCB = -10V IE = 0 IC = 300mA IB1 = 30mA IB2 = -30mA
pf ns
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 4/99


▲Up To Search▲   

 
Price & Availability of 2N3502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X