Part Number Hot Search : 
DTC114E U2739M TM128 74HC147 F4010 MM5Z43H 5KP64C TP10AS
Product Description
Full Text Search
 

To Download XCV600E-6HQ240C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0
R
VirtexTM-E 1.8 V Field Programmable Gate Arrays
0 0
DS022-1 (v2.2) November 9, 2001
Preliminary Product Specification
Features
* Fast, High-Density 1.8 V FPGA Family - Densities from 58 k to 4 M system gates - 130 MHz internal performance (four LUT levels) - Designed for low-power operation - PCI compliant 3.3 V, 32/64-bit, 33/ 66-MHz Highly Flexible SelectI/O+TM Technology - Supports 20 high-performance interface standards - Up to 804 singled-ended I/Os or 344 differential I/O pairs for an aggregate bandwidth of > 100 Gb/s Differential Signalling Support - LVDS (622 Mb/s), BLVDS (Bus LVDS), LVPECL - Differential I/O signals can be input, output, or I/O - Compatible with standard differential devices - LVPECL and LVDS clock inputs for 300+ MHz clocks Proprietary High-Performance SelectLinkTM Technology - Double Data Rate (DDR) to Virtex-E link - Web-based HDL generation methodology Sophisticated SelectRAM+TM Memory Hierarchy - 1 Mb of internal configurable distributed RAM - Up to 832 Kb of synchronous internal block RAM - True Dual-PortTM BlockRAM capability - Memory bandwidth up to 1.66 Tb/s (equivalent bandwidth of over 100 RAMBUS channels) - Designed for high-performance Interfaces to External Memories - 200 MHz ZBT* SRAMs - 200 Mb/s DDR SDRAMs - Supported by free Synthesizable reference design
* ZBT is a trademark of Integrated Device Technology, Inc.
*
*
*
*
*
*
*
* *
* *
High-Performance Built-In Clock Management Circuitry - Eight fully digital Delay-Locked Loops (DLLs) - Digitally-Synthesized 50% duty cycle for Double Data Rate (DDR) Applications - Clock Multiply and Divide - Zero-delay conversion of high-speed LVPECL/LVDS clocks to any I/O standard Flexible Architecture Balances Speed and Density - Dedicated carry logic for high-speed arithmetic - Dedicated multiplier support - Cascade chain for wide-input function - Abundant registers/latches with clock enable, and dual synchronous/asynchronous set and reset - Internal 3-state bussing - IEEE 1149.1 boundary-scan logic - Die-temperature sensor diode Supported by Xilinx FoundationTM and Alliance SeriesTM Development Systems - Further compile time reduction of 50% - Internet Team Design (ITD) tool ideal for million-plus gate density designs - Wide selection of PC and workstation platforms SRAM-Based In-System Configuration - Unlimited re-programmability Advanced Packaging Options - 0.8 mm Chip-scale - 1.0 mm BGA - 1.27 mm BGA - HQ/PQ 0.18 mm 6-Layer Metal Process 100% Factory Tested
(c) 2001 Xilinx, Inc. All rights reserved. All Xilinx trademarks, registered trademarks, patents, and disclaimers are as listed at http://www.xilinx.com/legal.htm. All other trademarks and registered trademarks are the property of their respective owners. All specifications are subject to change without notice.
DS022-1 (v2.2) November 9, 2001 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
Module 1 of 4 1
VirtexTM-E 1.8 V Field Programmable Gate Arrays
R
Table 1: Virtex-E Field-Programmable Gate Array Family Members Device XCV50E XCV100E XCV200E XCV300E XCV400E XCV600E XCV1000E XCV1600E XCV2000E XCV2600E XCV3200E System Gates 71,693 128,236 306,393 411,955 569,952 985,882 1,569,178 2,188,742 2,541,952 3,263,755 4,074,387 Logic Gates 20,736 32,400 63,504 82,944 129,600 186,624 331,776 419,904 518,400 685,584 876,096 CLB Array 16 x 24 20 x 30 28 x 42 32 x 48 40 x 60 48 x 72 64 x 96 72 x 108 80 x 120 92 x 138 104 x 156 Logic Cells 1,728 2,700 5,292 6,912 10,800 15,552 27,648 34,992 43,200 57,132 73,008 Differential I/O Pairs 83 83 119 137 183 247 281 344 344 344 344 User I/O 176 196 284 316 404 512 660 724 804 804 804 BlockRAM Bits 65,536 81,920 114,688 131,072 163,840 294,912 393,216 589,824 655,360 753,664 851,968 Distributed RAM Bits 24,576 38,400 75,264 98,304 153,600 221,184 393,216 497,664 614,400 812,544 1,038,336
Virtex-E Compared to Virtex Devices
The Virtex-E family offers up to 43,200 logic cells in devices up to 30% faster than the Virtex family. I/O performance is increased to 622 Mb/s using Source Synchronous data transmission architectures and synchronous system performance up to 240 MHz using singled-ended SelectI/O technology. Additional I/O standards are supported, notably LVPECL, LVDS, and BLVDS, which use two pins per signal. Almost all signal pins can be used for these new standards. Virtex-E devices have up to 640 Kb of faster (250 MHz) block SelectRAM, but the individual RAMs are the same size and structure as in the Virtex family. They also have eight DLLs instead of the four in Virtex devices. Each individual DLL is slightly improved with easier clock mirroring and 4x frequency multiplication. VCCINT, the supply voltage for the internal logic and memory, is 1.8 V, instead of 2.5 V for Virtex devices. Advanced processing and 0.18 mm design rules have resulted in smaller dice, faster speed, and lower power consumption. I/O pins are 3 V tolerant, and can be 5 V tolerant with an external 100 W resistor. PCI 5 V is not supported. With the addition of appropriate external resistors, any pin can tolerate any voltage desired. Banking rules are different. With Virtex devices, all input buffers are powered by VCCINT. With Virtex-E devices, the LVTTL, LVCMOS2, and PCI input buffers are powered by the I/O supply voltage VCCO.
The Virtex-E family is not bitstream-compatible with the Virtex family, but Virtex designs can be compiled into equivalent Virtex-E devices. The same device in the same package for the Virtex-E and Virtex families are pin-compatible with some minor exceptions. See the data sheet pinout section for details.
General Description
The Virtex-E FPGA family delivers high-performance, high-capacity programmable logic solutions. Dramatic increases in silicon efficiency result from optimizing the new architecture for place-and-route efficiency and exploiting an aggressive 6-layer metal 0.18 mm CMOS process. These advances make Virtex-E FPGAs powerful and flexible alternatives to mask-programmed gate arrays. The Virtex-E family includes the nine members in Table 1. Building on experience gained from Virtex FPGAs, the Virtex-E family is an evolutionary step forward in programmable logic design. Combining a wide variety of programmable system features, a rich hierarchy of fast, flexible interconnect resources, and advanced process technology, the Virtex-E family delivers a high-speed and high-capacity programmable logic solution that enhances design flexibility while reducing time-to-market.
Virtex-E Architecture
Virtex-E devices feature a flexible, regular architecture that comprises an array of configurable logic blocks (CLBs) surrounded by programmable input/output blocks (IOBs), all interconnected by a rich hierarchy of fast, versatile routing
Module 1 of 4 2
www.xilinx.com 1-800-255-7778
DS022-1 (v2.2) November 9, 2001 Preliminary Product Specification
R
VirtexTM-E 1.8 V Field Programmable Gate Arrays
resources. The abundance of routing resources permits the Virtex-E family to accommodate even the largest and most complex designs. Virtex-E FPGAs are SRAM-based, and are customized by loading configuration data into internal memory cells. Configuration data can be read from an external SPROM (master serial mode), or can be written into the FPGA (SelectMAPTM, slave serial, and JTAG modes). The standard Xilinx Foundation SeriesTM and Alliance SeriesTM Development systems deliver complete design support for Virtex-E, covering every aspect from behavioral and schematic entry, through simulation, automatic design translation and implementation, to the creation and downloading of a configuration bit stream.
Table 2: Performance for Common Circuit Functions Function Register-to-Register Adder Pipelined Multiplier Address Decoder 16:1 Multiplexer Parity Tree 9 18 36 16 64 8x8 16 x 16 16 64 4.3 ns 6.3 ns 4.4 ns 5.1 ns 3.8 ns 5.5 ns 4.6 ns 3.5 ns 4.3 ns 5.9 ns Bits Virtex-E (-7)
Higher Performance
Virtex-E devices provide better performance than previous generations of FPGAs. Designs can achieve synchronous system clock rates up to 240 MHz including I/O or 622 Mb/s using Source Synchronous data transmission architechtures. Virtex-E I/Os comply fully with 3.3 V PCI specifications, and interfaces can be implemented that operate at 33 MHz or 66 MHz. While performance is design-dependent, many designs operate internally at speeds in excess of 133 MHz and can achieve over 311 MHz. Table 2 shows performance data for representative circuits, using worst-case timing parameters.
Chip-to-Chip HSTL Class IV LVTTL,16mA, fast slew LVDS LVPECL
Virtex-E Device/Package Combinations and Maximum I/O
Table 3: Virtex-E Family Maximum User I/O by Device/Package (Excluding Dedicated Clock Pins) XCV 50E CS144 PQ240 HQ240 BG352 BG432 BG560 FG256 FG456 FG676 FG680 FG860 FG900 FG1156 512 176 176 176 284 176 312 404 444 512 512 660 660 660 512 660 700 724 804 804 804 512 660 196 260 260 316 316 404 316 404 404 404 404 94 158 XCV 100E 94 158 XCV 200E 94 158 158 158 158 158 XCV 300E XCV 400E XCV 600E XCV 1000E XCV 1600E XCV 2000E XCV 2600E XCV 3200E
DS022-1 (v2.2) November 9, 2001 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
Module 1 of 4 3
VirtexTM-E 1.8 V Field Programmable Gate Arrays
R
Virtex-E Ordering Information
Example: XCV300E-6PQ240C
Device Type Temperature Range C = Commercial (Tj = 0 C to +85 C) I = Industrial (Tj = -40 C to +100 C) Number of Pins Package Type BG = Ball Grid Array FG = Fine Pitch Ball Grid Array HQ = High Heat Dissipation
DS022_043_072000
Speed Grade (-6, -7, -8)
Figure 1: Ordering Information
Revision History
The following table shows the revision history for this document. Date 12/7/99 1/10/00 1/28/00 Version 1.0 1.1 1.2 Initial Xilinx release. Re-released with spd.txt v. 1.18, FG860/900/1156 package information, and additional DLL, Select RAM and SelectI/O information. Added Delay Measurement Methodology table, updated SelectI/O section, Figures 30, 54, & 55, text explaining Table 5, TBYP values, buffered Hex Line info, p. 8, I/O Timing Measurement notes, notes for Tables 15, 16, and corrected F1156 pinout table footnote references. Updated pinout tables, VCC page 20, and corrected Figure 20. Correction to table on p. 22. * * * * * * * * * * * * Numerous minor edits. Data sheet upgraded to Preliminary. Preview -8 numbers added to Virtex-E Electrical Characteristics tables. Reformatted entire document to follow new style guidelines. Changed speed grade values in tables on pages 35-37. Min values added to Virtex-E Electrical Characteristics tables. XCV2600E and XCV3200E numbers added to Virtex-E Electrical Characteristics tables (Module 3). Corrected user I/O count for XCV100E device in Table 1 (Module 1). Changed several pins to "No Connect in the XCV100E" and removed duplicate VCCINT pins in Table ~ (Module 4). Changed pin J10 to "No connect in XCV600E" in Table 74 (Module 4). Changed pin J30 to "VREF option only in the XCV600E" in Table 74 (Module 4). Corrected pair 18 in Table 75 (Module 4) to be "AO in the XCV1000E, XCV1600E". Revision
2/29/00 5/23/00 7/10/00
1.3 1.4 1.5
8/1/00 9/20/00
1.6 1.7
Module 1 of 4 4
www.xilinx.com 1-800-255-7778
DS022-1 (v2.2) November 9, 2001 Preliminary Product Specification
R
VirtexTM-E 1.8 V Field Programmable Gate Arrays
Date 11/20/00
Version 1.8 * * * * * * *
Revision Upgraded speed grade -8 numbers in Virtex-E Electrical Characteristics tables to Preliminary. Updated minimums in Table 13 and added notes to Table 14. Added to note 2 to Absolute Maximum Ratings. Changed speed grade -8 numbers for TSHCKO32, TREG, TBCCS, and TICKOF. Changed all minimum hold times to -0.4 under Global Clock Setup and Hold for LVTTL Standard, with DLL. Revised maximum TDLLPW in -6 speed grade for DLL Timing Parameters. Changed GCLK0 to BA22 for FG860 package in Table 46. Revised footnote for Table 14. Added numbers to Virtex-E Electrical Characteristics tables for XCV1000E and XCV2000E devices. Updated Table 27 and Table 78 to include values for XCV400E and XCV600E devices. Revised Table 62 to include pinout information for the XCV400E and XCV600E devices in the BG560 package. Updated footnotes 1 and 2 for Table 76 to include XCV2600E and XCV3200E devices. Updated numerous values in Virtex-E Switching Characteristics tables. Converted data sheet to modularized format. See the Virtex-E Data Sheet section. Updated the Virtex-E Device/Package Combinations and Maximum I/O table to show XCV3200E in the FG1156 package. Minor edits.
2/12/01
1.9
* * * * *
4/2/01 10/25/01 11/09/01
2.0 2.1 2.2
* * * *
Virtex-E Data Sheet
The Virtex-E Data Sheet contains the following modules: * * DS022-1, Virtex-E 1.8V FPGAs:
Introduction and Ordering Information (Module 1)
* *
DS022-3, Virtex-E 1.8V FPGAs:
DC and Switching Characteristics (Module 3)
DS022-2, Virtex-E 1.8V FPGAs:
Functional Description (Module 2)
DS022-4, Virtex-E 1.8V FPGAs:
Pinout Tables (Module 4)
DS022-1 (v2.2) November 9, 2001 Preliminary Product Specification
www.xilinx.com 1-800-255-7778
Module 1 of 4 5


▲Up To Search▲   

 
Price & Availability of XCV600E-6HQ240C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X