Part Number Hot Search : 
CP1578MN 477M00 00506 RF651 SK273 CP107 TCMT1105 C1411VPA
Product Description
Full Text Search
 

To Download TK19H50C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK19H50C
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (-MOS VI)
TK19H50C
Switching Regulator Applications
Low drain-source ON resistance High forward transfer admittance Low leakage current Enhancement mode : RDS (ON) = 0. 25 (typ.) : |Yfs| = 14 S (typ.) Unit: mm
: IDSS = 100 A (max) (VDS = 500 V) : Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 500 500 30 19 76 150 968 19 15 150 -55~150 Unit V V V A A W mJ A mJ C C
Pulse (Note 1)
Drain power dissipation (Tc = 25C) Single-pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
1: GATE 2: DRAIN (HEAT SINK) 3: SOURCE
JEDEC JEITA TOSHIBA
2-16K1A
Weight: 3.8 g (typ.)
Thermal Characteristics
Characteristic Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 0.833 50 Unit C / W C / W 1
2
Note 1: Ensure that the channel temperature does not exceed 150C. Note 2: VDD = 90 V, Tch = 25C (initial), L = 4.56 mH, RG = 25 , IAR = 19 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Handle with care.
3
1
2005-08-23
TK19H50C
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Gate-source breakdown voltage Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton 50 tf toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 19 A 10 V 0V ID = 9.5A RL = 21 VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 500 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 9.5 A VDS = 10 V, ID = 9.5 A Min -- 30 -- 500 2.0 -- 4.0 -- -- -- -- Typ. -- -- -- -- -- 0.25 14 3100 20 270 70 Max 10 -- 100 -- 4.0 0.30 -- -- -- -- -- pF Unit A V A V V S
VGS
Turn on time Switching time Fall time
--
130
-- ns
VDD 200 V - Duty < 1%, tw = 10 s =
--
70
--
Turn off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("Miller") charge
-- -- -- --
280 62 40 22
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr Test Condition -- -- IDR = 19 A, VGS = 0 V IDR = 19 A, VGS = 0 V dIDR / dt = 100 A / s Min -- -- -- -- -- Typ. -- -- -- 1200 18 Max 19 76 -1.7 -- -- Unit A A V ns C
Marking
TOSHIBA
TK19H50C
Part No. (or abbreviation code) Lot No. A line indicates a lead (Pb)-free package or lead (Pb)-free finish.
2
2005-08-23
TK19H50C
ID - VDS
10 Common source Tc = 25C Pulse Test 10 20 6 5.5 16 8 5.25 6 5 4 10 8
ID - VDS
6 Common source Tc = 25C Pulse Test
8
(A)
ID
ID
(A)
5.75 12 5.5 8 5 4 4.5 VGS = 4 V
Drain current
2
4.5 VGS = 4V
0 0 1 2 3 4 5
Drain current
0
0
10
20
30
40
50
Drain-source voltage
VDS
(V)
Drain-source voltage
VDS
(V)
ID - VGS
80 20 Common source VDS = 10 V Pulse Test
VDS - VGS
Common source Tc = 25C Pulse Test 16
60
ID (A)
VDS (V) Drain-source voltage
Tc = -55C
12
Drain current
40 25 100 20
8 ID = 19 A 4 9.5 4
0
0
2
4
6
8
10
0
0
4
8
12
16
20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
|Yfs| - ID
100 1.0 Common source VDS = 10 V Pulse Test
RDS (ON) - ID
Forward transfer admittance
Tc = -55C 10
100
25
Drain-source ON resistance
RDS (ON) ()
Yfs
(S)
Common source Tc = 25C VGS = 10 V Pulse Test 0.1 1 10 100
1
1
10
100
Drain current ID
(A)
Drain current ID
(A)
3
2005-08-23
TK19H50C
RDS (ON) - Tc
1.0
IDR - VDS
100 Common source Tc = 25C Pulse Test
RDS (ON) ()
0.8
Drain reverse current IDR
(A)
9.5 10 ID = 19A 4
Common source VGS = 10 V Pulse Test
Drain-source ON resistance
0.6
0.4
1 10 5 3
0.2
0 -80
1 0.4 0.6
-40
0
40
80
120
160
0.1
VGS = 0 V 0.8 1.0 1.2
0
0.2
Case temperature
Tc
(C)
Drain-source voltage
VDS
(V)
Capacitance - VDS
10000 Ciss 5
Vth - Tc
Common source VDS = 10 V ID = 1mA Pulse Test
(V)
4
1000
(pF)
Coss
Vth
Capacitance
100 Crss 10
Gate threshold voltage
C
3
2
Common source VGS = 0 V f = 1 MHz Tc = 25C 1 10 100
1
1 0.1
0 -80
-40
0
40
80
120
160
Drain-source voltage
VDS
(V)
Case temperature
Tc
(C)
PD - Tc
200 500
Dynamic input / output characteristics
20 VDS 400 200V 300 VDD = 100V 200 VGS 100 Common source ID = 19 A Ta = 25C Pulse Test 0 0 20 40 60 80 0 100 4 400V 8 12 16
(W)
PD
150
VDS (V)
Drain power dissipation
100
50
0
0
40
80
120
160
200
Case temperature
Tc
(C)
Drain-source voltage
Total gate charge
Qg
(nC)
4
2005-08-23
Gate-source voltage
VGS
(V)
TK19H50C
rth - tw
10
Normalized transient thermal impedance
1
Duty=0.5 0.2
rth (t)/Rth (ch-c)
0.1
0.1 0.05 0.02 PDM 0.01 SINGLE PULSE t T Duty = t/T Rth (ch-c) = 0.833C/W
0.01
0.001 10
100
1m
10m
100m
1
10
Pulse width
tw
(s)
SAFE OPERATING AREA
1000 1000
EAS - Tch
(mJ)
100 s *
800
(A)
ID max (continuous) 10 DC OPEATION Tc = 25C 1 ms *
EAS Avalanche energy
100
ID max (pulse) *
600
ID
Drain current
400
1
200
0.1
Single pulse Ta=25 Curves must be derated linearly with increase in temperature.
VDSS max
0 25
50
75
100
125
150
Channel temperature (initial) Tch
100 1000
(C)
0.01 1 10
Drain-source voltage
VDS (V)
15 V -15 V
BVDSS IAR VDD Test circuit Wave form
AS = 1 B VDSS L I2 B 2 - VDD VDSS
VDS
RG = 25 VDD = 90 V, L = 4.56 mH
5
2005-08-23
TK19H50C
6
2005-08-23


▲Up To Search▲   

 
Price & Availability of TK19H50C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X