Part Number Hot Search : 
AD7194 MCM6709 MOC205 S6B0716 35BR5 PT6905 20ETTTS BB85ZB1
Product Description
Full Text Search
 

To Download TC1413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
TC1413 TC1413N 3A HIGH-SPEED MOSFET DRIVERS
FEATURES
s s s s s s s s s s Latch-Up Protected: Will Withstand 500mA Reverse Current Input Will Withstand Negative Inputs Up to 5V ESD Protected .....................................................4kV High Peak Output Current .................................. 3A Wide Operating Range .......................... 4.5V to 16V High Capacitive Load Drive Capability ........................... 180 pF in 20nsec Short Delay Time .................................. 35nsec Typ Consistent Delay Times With Changes in Supply Voltage Matched Delay Times Low Supply Current -- With Logic "1" Input ................................... 50A -- With Logic "0" Input ................................. 150A Low Output Impedance .................................... 2.7 Pinout Same as TC1410/11/12
GENERAL DESCRIPTION
The TC1413/1413N are 3A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity that occurs on the ground pin. They can accept, without damage or logic upset, up to 500 mA of current of either polarity being forced back into their output. All terminals are fully protected against up to 4 kV of electrostatic discharge. As MOSFET drivers, the TC1413/1413N can easily switch 1800pF gate capacitance in 20 ns with matched rise and fall times, and provide low enough impedance in both the ON and the OFF states to ensure the MOSFET's intended state will not be affected, even by large transients. The rise and fall time edges are matched to allow driving short-duration inputs with greater output accuracy.
2 3 4 5 6 7
s s
ORDERING INFORMATION
PIN CONFIGURATIONS
VDD 1 IN 2 NC 3 GND 4 2 8 VDD 7 OUT VDD 1 IN 2 NC 3 GND 4 2 8 VDD 7 OUT
Part No.
TC1413COA TC1413CPA TC1413EOA TC1413EPA TC1413NCOA TC1413NCPA TC1413NEOA TC1413NEPA
Package
8-Pin SOIC 8-Pin Plastic DIP 8-Pin SOIC 8-Pin Plastic DIP 8-Pin SOIC 8-Pin Plastic DIP 8-Pin SOIC 8-Pin Plastic DIP
Temp.Range
0C to +70C 0C to +70C - 40C to +85C - 40C to +85C 0C to +70C 0C to +70C - 40C to +85C - 40C to +85C
TC1413
6 OUT 5 GND 6, 7
TC1413N
6 OUT 5 GND
6, 7
INVERTING
NONINVERTING
NC = NO INTERNAL CONNECTION NOTE: SOIC pinout is identical to DIP.
FUNCTIONAL BLOCK DIAGRAM
TC1413
INVERTING OUTPUTS
VDD
300mV
OUTPUT
NONINVERTING OUTPUTS
INPUT 4.7V
TC1413N
GND EFFECTIVE INPUT C = 10pF
TC1413/N-8 10/14/96
8
4-201
TELCOM SEMICONDUCTOR, INC.
3A HIGH-SPEED MOSFET DRIVERS TC1413 TC1413N
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +20V Input Voltage, IN A or IN B ..(VDD + 0.3V) to (GND - 5.0V) Maximum Chip Temperature ................................. +150C Storage Temperature Range ................ - 65C to +150C Lead Temperature (Soldering, 10 sec) ................. +300C Package Thermal Resistance CerDIP RJ-A ................................................ 150C/W CerDIP RJ-C .................................................. 50C/W PDIP RJ-A ................................................... 125C/W PDIP RJ-C ..................................................... 42C/W SOIC RJ-A ................................................... 155C/W SOIC RJ-C ..................................................... 45C/W Operating Temperature Range C Version ............................................... 0C to +70C E Version .......................................... - 40C to +85C Power Dissipation (TA 70C) Plastic .............................................................730mW CerDIP ............................................................800mW SOIC ...............................................................470mW
*Static-sensitive device. Unused devices must be stored in conductive material. Protect devices from static discharge and static fields. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: Over operating temperature range with 4.5V VDD 16V, unless otherwise specified. Typical values are measured at TA = 25C; VDD =16V. Symbol Input
VIH VIL IIN Logic 1 High Input Voltage Logic 0 Low Input Voltage Input Current 2.0 -- -1 - 10 -- -- -- -- -- -- 2.7 3.3 3.3 3.0 -- -- 0.8 1 10 -- 0.025 4 5 5 -- -- V V A
Parameter
Test Conditions
Min
Typ
Max
Unit
- 5V VIN VDD
TA = 25C - 40C TA 85C
Output
VOH VOL RO High Output Voltage Low Output Voltage Output Resistance DC Test VDD - 0.025 DC Test -- VDD = 16V, IO = 10 mA TA = 25C -- -- 0C TA 70C - 40C TA 85C -- VDD = 16V -- Duty Cycle 2% 0.5 VDD = 16V t 300 sec Figure 1 TA = 25C 0C TA 70C - 40C TA 85C TA = 25C 0C TA 70C - 40C TA 85C TA = 25C 0C TA 70C - 40C TA 85C TA = 25C 0C TA 70C - 40C TA 85C -- -- -- -- -- -- -- -- -- -- -- -- -- -- V V
IPK IREV
Peak Output Current Latch-Up Protection Withstand Reverse Current Rise Time
A A
Switching Time (Note 1)
tR 20 22 24 20 22 24 35 40 40 35 40 40 0.5 0.1 28 33 33 28 33 33 45 50 50 45 50 50 1.0 0.15 nsec
tF
Fall Time
Figure 1
nsec
tD1
Delay Time
Figure 1
nsec
tD2
Delay Time
Figure 1
nsec
Power Supply
IS Power Supply Current VIN = 3V VIN = 0V VDD = 16V mA
NOTE: 1. Switching times are guaranteed by design.
4-202
TELCOM SEMICONDUCTOR, INC.
3A HIGH SPEED MOSFET DRIVERS TC1413 TC1413N
1
+5V INPUT
90%
2
tR
90%
VDD= 16V
4.7F 0.1F
0V
VDD
10% tD1 90%
tF
tD2
OUTPUT
1,8
INPUT
2
6,7
0V OUTPUT
10%
10%
3 4
CL = 1800pF
Inverting Driver TC1413
+5V INPUT 90%
TC1413 TC1413N
4,5
INPUT: 100kHz, square wave, tRISE = tFALL 10nsec
0V
VDD
10% 90% 90% tD2 10%
tD1
OUTPUT 0V 10%
tR
tF
Noninverting Driver TC1413N
Figure 1. Switching Time Test Circuit
5 6 7
Thermal Derating Curves
1600 1400 8 Pin DIP 8 Pin CerDIP 1000 800 8 Pin SOIC 600 400 200 0 0 10 20 30 40 50 60 70 80 90 100 110 120
MAX. POWER (mV)
1200
AMBIENT TEMPERATURE (C)
8
TELCOM SEMICONDUCTOR, INC.
4-203
3A HIGH-SPEED MOSFET DRIVERS TC1413 TC1413N
TYPICAL CHARACTERISTICS
Quiescent Supply Current vs. Supply Voltage
TA = 25C
500 500
Quiescent Supply Current vs. Temperature
VSUPPLY = 16V VIN = 3V
400
400
ISUPPLY (A)
ISUPPLY (A)
VIN = 3V
300
300
200
200
100 0 4 6 8 10 12
VIN = 0V
14 16
100
VIN = 0V
-40 -20 0 20 40 60 80
0
VDD (VOLTS)
TEMPERATURE (C)
Input Threshold vs. Supply Voltage
TA = 25C
1.6 1.6
Input Threshold vs. Temperature
VSUPPLY = 16V
VTHRESHOLD (VOLTS)
VTHRESHOLD (VOLTS)
1.5
1.5
VIH
1.4
VIH
1.4
1.3
1.3
1.2
VIL
1.2
VIL
1.1
4
6
8
10
12
14
16
1.1
-40
-20
0
20
40
60
80
VDD (VOLTS)
TEMPERATURE (C)
High-State Output Resistance
9 8 9 8 7
Low-State Output Resistance
Rds (ON) W
7
T
5 4 3
A
=8
Rds (ON) W
6
5 C
25C
6 5 4 3
TA =8 5C
25C
TA =
TA =
TA =
2 1 4 6 8
-40C
2 1 12 14 16 4 6 8
TA = -40
C
10
10
12
14
16
VDD (VOLTS)
4-204
VDD (VOLTS)
TELCOM SEMICONDUCTOR, INC.
3A HIGH SPEED MOSFET DRIVERS TC1413 TC1413N
TYPICAL CHARACTERISTICS (Cont.)
Rise Time vs. Supply Voltage
CLOAD = 1800pF
70 60 70 60 50
1
Fall Time vs. Supply Voltage
CLOAD = 1800pF
2 3
TRISE (nsec)
50 40 30 20
TFALL (nsec)
TA = 85C TA = 25C
40
TA = 85C
30
TA = 25C
20
TA = -40C
10 4 6 8 10 12 14 16 10 4
TA = -40C
6 8 10 12 14 16
VDD (VOLTS)
VDD (VOLTS)
TD1 Propagation Delay vs. Supply Voltage
CLOAD = 1800pF
110 100 90 80
TD2 Propagation Delay vs. Supply Voltage
CLOAD = 1800pF
100 90 80
4 5
TD1 (nsec)
70 60 50 40 30 20 4 6
TA = 85C TA = 25C
TD2 (nsec)
70 60 50 40 30
TA = 85C TA = 25C
TA = -40C
8 10 12 14 16
TA = -40C
4 6 8 10 12 14 16
20
VDD (VOLTS)
VDD (VOLTS)
6 7
Rise and Fall Times vs. Capacitive Load
TA = 25C, VDD = 16V TRISE
Propagation Delays vs. Capacitive Load
TA = 25C, VDD = 16V
PROPAGATION DELAYS (nsec)
40
35 34 33
TD2
TRISE, TFALL (nsec)
30
TFALL
TD1
32 31 30 29 28 0 1000 2000 3000 4000 5000
20
10
0
0
1000
2000
3000
4000
5000
CLOAD (pF)
CLOAD (pF)
4-205
8
TELCOM SEMICONDUCTOR, INC.


▲Up To Search▲   

 
Price & Availability of TC1413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X