Part Number Hot Search : 
GMBT9014 MC68A SH682K ESSDC512 NCP2890D 45FCT TN7279 2SB822R
Product Description
Full Text Search
 

To Download STV160NF03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STV160NF03L
N - CHANNEL 30V - 0.0019 - 160A PowerSO-10 STripFETTM MOSFET
TYPE STV160NF03L
s s s s s s s
V DSS 30 V
R DS(on ) < 0.0028
ID 160 A
TYPICAL RDS(on) = 0.0019 ULTRA LOW ON-RESISTANCE ULTRA FAST SWITCHING 100% AVALANCHE TESTED VERY LOW GATE CHARGE LOW THRESHOLD DRIVE LOW PROFILE, VERY LOW PARASITIC INDUCTANCE PowerSO-10 PACKAGE
10
1
PowerSO-10
INTERNAL SCHEMATIC DIAGRAM DESCRIPTION The STV160NF03L represents the second generation of Application Specific STMicroelectronics well established STripFETTM process based on a very unique strip layout design. The resulting MOSFET shows unrivalled high packing density with ultra low on-resistance and superior switching charactestics. Process simplification also translates into improved manufacturing reproducibility. This device is particularly suitable for high current, low voltage switching application where efficiency is crucial. APPLICATIONS BUCK CONVERTERS IN HIGH PERFORMACE TELECOM AND VRMs DC-DC CONVERTERS
CONNECTION DIAGRAM (TOP VIEW)
s
ABSOLUTE MAXIMUM RATINGS
Symb ol V DS V DGR VGS I D (**) ID I DM (*) P tot T st g Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (continuous) at Tc = 100 o C Drain Current (pulsed) T otal Dissipation at Tc = 25 o C Derating F actor Storage Temperature Max. Operating Junction T emperature
o
Value 30 30 20 160 113 640 160 1.07 -65 to 175 175
Unit V V V A A A W W /o C o C
o
C
(*) Pulse width limited by safe operating area
( **) Limited only maximum junction temperature allowed by PowerSO-10
November 1999
1/8
STV160NF03L
THERMAL DATA
R thj -case R thj -amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature F or Soldering Purpose Max Max 0.9375 50 300
o o
C/W C/W o C
ELECTRICAL CHARACTERISTICS (TJ = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 30 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 15 V
T c = 25 oC
ON ()
Symbo l V GS(th) R DS(on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance V GS V GS V GS V GS V GS V GS = = = = = = 10V 8V 4.5V 10V 8V 4.5V Test Con ditions ID = 250 A T c = 25 C
o
Min. 1
Typ. 1.7 1.9 2.0 4.0
Max. 2.5 2.8 3.8 6.7 6.4 7.8 12.8
Unit V m m m m m m A
ID = ID = ID = ID = ID = ID =
80 80 40 80 80 40
A A A A A A
T j = 175 C Tj = 175 oC o Tj = 175 C 160
o
I D(o n)
On State Drain Current
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () Rg C iss C os s C rss C iss C os s C rss Parameter Forward Transconductance Gate resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 15 V V DS = 15 V f = 1 MHz f = 1 MHz I D = 80 A V GS = 0 V GS = 0 Min. Typ. 210 0.9 4900 2950 565 7200 13000 4220 Max. Unit S pF pF pF pF pF pF
V DS = 0 V
f = 1 MHz
V GS = 0
2/8
STV160NF03L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 15 V I D = 40 A R G = 4.7 V GS = 10 V (Resistive Load, see fig. 3) V DD = 16 V I D = 160 A V GS = 10 V Min. Typ. 23 350 103 38 9 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf t d(of f) tr (Voff) tf tc Parameter Turn-off Delay T ime Fall T ime Turn-off Delay T ime Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 15 V I D = 40 A V GS = 10 V R G =4.7 (Resistive Load, see fig. 3) V clamp = 16 V I D = 80 A V GS = 10 V R G = 4.7 (Induct ive Load, see fig. 5) Min. Typ. 105 120 85 46 335 404 Max. Unit ns ns ns ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 160 A V GS = 0 100 0.25 5 I SD = 80 A di/dt = 100 A/s V DD = 15 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 160 640 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STV160NF03L
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STV160NF03L
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
Basic Schematic For Motherboard VRM Whith Synchronous Rectification
Basic Schematic Mosfet Switch Used In Secondary Side Of a Foward Convert
5/8
STV160NF03L
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STV160NF03L
PowerSO-10 MECHANICAL DATA
DIM. MIN. A A1 B c D D1 E E1 E2 E3 E4 e F H h L q 0
o
mm TYP. MAX. 3.65 0.10 0.60 0.55 9.60 7.60 9.50 7.40 7.60 6.35 6.10 1.27 1.25 13.80 0.50 1.20 1.70 8
o
inch MIN. 0.132 0.000 0.016 0.013 0.370 0.291 0.366 0.283 0.283 0.240 0.232 0.050 1.35 14.40 1.80 0.049 0.543 0.002 0.047 0.067 0.071 0.053 0.567 TYP. MAX. 0.144 0.004 0.024 0.022 0.378 0.300 0.374 0.291 0.300 0.250 0.240
3.35 0.00 0.40 0.35 9.40 7.40 9.30 7.20 7.20 6.10 5.90
B
0.10 A B
10 = H = A F A1 =
6
=
=
=
E = 1 5
=
E2
E3
E1
E4
=
=
A
=
SEATING PLANE DETAIL "A"
e
0.25
M
B
C Q
h
D = D1 = = = SEATING PLANE
= A1 L
DETAIL "A"
0068039-C
7/8
STV160NF03L
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STV160NF03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X