Part Number Hot Search : 
TCXNL MRD3055 E440C V602ME06 G910T22T TDA7266 TDA7266 UNR511V
Product Description
Full Text Search
 

To Download STTA406RL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STTA406
TURBOSWITCH TM ULTRA-FAST HIGH VOLTAGE DIODE
MAJOR PRODUCT CHARACTERISTICS IP VRRM trr (typ.) VF (max) 4A 600 V 25 ns 1.5 V
FEATURES AND BENEFITS SPECIFIC TO FREEWHEEL MODE OPERATIONS: FREEWHEEL OR BOOSTER DIODE ULTRA-FAST, AND SOFT RECOVERY VERY LOW OVERALL POWER LOSSES IN BOTH THE DIODE AND THE COMPANION TRANSISTOR HIGH FREQUENCY OPERATIONS DESCRIPTION The TURBOSWITCH is a very high performance series of ultra-fast high voltage power diodes. TURBOSWITCH family, drastically cuts losses in both the diode and the associated switching IGBT or MOSFET in all freewheel mode operations and is particularly suitable and efficient in motor control freewheel applications and in booster diode applications in power factor control circuitries. Packaged in DO-201AD this 600V device is particularly intended for use on 240V domestic mains.
DO-201AD
ABSOLUTE RATINGS (limiting values) Symbol VRRM IP IFRM IFSM Tj Tstg Parameter Repetitive peak reverse voltage Peak forward current (1) Repetitive peak forward current Surge non repetitive forward current Tamb = 65C = 0.5 tp = 5s F = 5kHz square tp = 10 ms sinusoidal VALUE 600 4 30 80 125 - 40 to 150 Unit V A A A C C
Maximum operating junction temperature Storage temperature range
(1) square waveform and on infinite heatsink
TURBOSWITCH is a trademark of STMicroelectronics
November 1999 - Ed: 3C
1/5
STTA406
THERMAL DATA Symbol Rth(j-l) Rth(j-a) Parameter Junction to lead L lead = 10mm Junction to ambient on printed circuit L lead = 10mm Max. 20 75 Unit C/W C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol VF ** IR * Vto Rd
Test pulse :
Parameter Forward voltage drop Reverse leakage current Threshold voltage Dynamic resistance
* tp = 380 s, < 2% ** tp = 5 ms, < 2%
Test conditions IF = 4 A VR = 0.8 VRRM Ip < 3.IF(AV) Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 125C
Typ. 1.25 0.75
Max. 1.75 1.5 50 2 1.15 85
Unit V V A mA V m
To evaluate the maximum conduction losses use the following equation : P = Vto x IF(AV) + Rd x IF2(RMS) DYNAMIC ELECTRICAL CHARACTERISTICS TURN-OFF SWITCHING Symbol trr Parameter Reverse recovery time Test conditions IF = 0.5A IR = 1A Irr = 0.25A Typ. 25 55 Max. Unit ns ns
IF = 1A di/dt = -50A/s VR = 30V
TURN-ON SWITCHING Symbol tfr VFP Parameter Forward recovery time Peak forward voltage Test conditions IF = 4 A dIF/dt = 100 A/s Measured at 1.1 x VF max. Tj = 25C Typ. Max. 200 20 Unit ns V
2/5
STTA406
Fig. 1: Power dissipation versus average forward current.
PF(av)(W) 3.5 3.0 2.5 2.0 1.5 1.0 0.5
T
Fig. 2: Average forward current versus ambient temperature (=0.5).
IF(av)(A)
= 0.1 = 0.05
= 0.2
= 0.5
=1
tp =tp/T IF(av)(A) 0.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
Rth(j-a)=Rth(j-l)
Rth(j-a)=75C/W
T
=tp/T
tp
Tamb(C) 50 75 100 125
0
25
Fig. 3: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy printed circuit board, e(Cu)=35m), recommended pad layout).
K=[Zth(j-a)/Rth(j-a)] 1E+0
= 0.5 = 0.2 = 0.1
1E-1
1E-2
Single pulse
T
1E-3 1E-3
tp(s) 1E-2 1E-1 1E+0 1E+1
=tp/T
tp
1E+2
1E+3
Fig 4-2 : Forward voltage drop versus forward current (high level).
IFM(A) 50
Tj=125C Typical values
Fig. 4-1: Forward voltage drop versus forward current (low level).
IFM(A) 5 4
Tj=125C Typical values
10
Tj=125C Maximum values
3
Tj=125C Maximum values
Tj=25C Maximum values
2 1
Tj=25C Maximum values
VFM(V) 1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
VFM(V) 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
3/5
STTA406
Fig 5 : Reverse recovery time versus dIF/dt.
trr(ns) 250 225 200 175 150 125 100 75 50 25 0
IF=Ip 90% confidence Tj=125C
Fig. 6: Reverse recovery current versus dIF/dt.
IRM(A) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
IF=Ip 90% confidence Tj=125C
dIF/dt(A/s) 0 50 100 150 200 250 300 350 400 450 500
dIF/dt(A/s)
0 50 100 150 200 250 300 350 400 450 500
Fig. 7: Transient peak forward voltage versus dIF/dt.
VFP(V) 25 20 15 10 5 0
IF=Ip 90% confidence Tj=25C
Fig. 9: Junction capacitance versus reverse voltage applied (typical values).
C(pF) 20 18 16 14 12 10 8 6 4 2 0
F=1MHz Tj=25C
dIF/dt(A/s)
0 20 40 60 80 100 120 140 160 180 200
VR(V) 1 10 100 200
Fig. 8: Forward recovery time versus dIF/dt.
tfr(ns) 350 300 250 200 150 100 50 0
IF=Ip 90% confidence Tj=25C Vfr=2V
dIF/dt(A/s)
0 20 40 60 80 100 120 140 160 180 200
4/5
STTA406
PACKAGE MECHANICAL DATA DO-201AD
B A B OC
note 1
E
E
note 1
OD
OD
note 2
DIMENSIONS REF.
A B C D E 25.40 5.30 1.30 1.25
Millimeters Min. Max.
9.50
Inches Min.
1.000 0.209 0.051 0.049
NOTES 1 - The lead diameter D is not controlled over zone E 2 - The minimum axial length within which the device may be placed with its leads bent at right angles is 0.59"(15 mm)
Max.
0.374
Ordering type STTA406 STTA406RL
Marking STTA406 STTA406
Package DO-201AD DO-201AD
Weight 1.166g 1.166g
Base qty 600 1900
Delivery mode Ammopack Tape & reel
Cooling method: by conversion (method A) Band indicated cathode Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STTA406RL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X