Part Number Hot Search : 
2N3691 CP273 300DT 4949ED D1370 HCT04 A5801086 CJ2310
Product Description
Full Text Search
 

To Download STB160NF03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB160NF03L
N-CHANNEL 30V - 0.0021 - 160A D2PAK STripFETTM POWER MOSFET
TYPE STB160NF03L
s s s s s
VDSS 30 V
RDS(on) < 0.0030
ID 160 A
TYPICAL RDS(on) = 0.0021 LOW THRESHOLD DRIVE ULTRA LOW ON-RESISTANCE VERY LOW GATE CHARGE 100% AVALANCHE TESTED
3 1
D2PAK (TO-263)
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density with ultra low on-resistance, superior switching characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. This device is particularly suitable for high current, low voltage switching application where efficiency is crucial.
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s BUCK CONVERTERS IN HIGH PERFORMANCE TELECOM AND VRMs s DC-DC CONVERTERS
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID(1) ID IDM (q) PTOT EAS (2) Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Single Pulse Avalanche Energy Storage Temperature Max. Operating Junction Temperature Value 30 30 15 160 113 640 300 2 2 -65 to 175 175
(1) Limited by Package (2) I SD 100A, di/dt 300A/s, V DD V(BR)DSS, Tj TJMAX.
Unit V V V A A A W W/C J C C
(q) Pulse width limited by safe operating area
February 2001
1/9
STB160NF03L
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 0.5 62.5 300 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 15V Min. 30 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) ID(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance On State Drain Current Test Conditions VDS = VGS, ID = 250A VGS = 10 V, ID = 80 A VGS = 5 V, ID = 80 A VDS > ID(on) x RDS(on)max, VGS = 10V 160 Min. 1 0.0021 0.0042 0.0030 0.0070 Typ. Max. Unit V A
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID =80 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 210 5600 1720 310 Max. Unit S pF pF pF
2/9
STB160NF03L
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 15V, ID = 80A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 24V, ID = 160A, VGS = 10V Min. Typ. 28 285 123 21 40 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf td(off) tf tc Parameter Turn-off-Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 15V, ID = 80A, RG = 4.7, VGS = 10V (see test circuit, Figure 5) Vclamp =24V, ID =40A RG = 4.7, VGS = 10V Min. Typ. 110 65 110 35 70 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 160A, VGS = 0 ISD = 80A, di/dt = 100A/s, VDD = 15V, Tj = 25C (see test circuit, Figure 5) 80 180 4.5 Test Conditions Min. Typ. Max. 160 640 1.3 Unit A A V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/9
STB160NF03L
Output Characteristics Tranfer Characteristics
Tranconductance
Static Drain-Source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/9
STB160NF03L
Normalized Gate Thereshold Voltage vs Temp. Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/9
STB160NF03L
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/9
STB160NF03L
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 8 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
7/9
1
STB160NF03L
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W
8/9
BASE QTY 1000
mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1
inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574
0.35 0.0098 0.0137 0.933 0.956
* on sales type
STB160NF03L
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STB160NF03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X